データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KTD2060 データシート(PDF) 1 Page - KEC(Korea Electronics)

部品番号 KTD2060
部品情報  TRIPLE DIFFUSED NPN TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KEC [KEC(Korea Electronics)]
ホームページ  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTD2060 データシート(HTML) 1 Page - KEC(Korea Electronics)

  KTD2060_15 Datasheet HTML 1Page - KEC(Korea Electronics) KTD2060_15 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2007. 5. 22
1/2
SEMICONDUCTOR
TECHNICAL DATA
KTD2060
TRIPLE DIFFUSED NPN TRANSISTOR
Revision No : 2
GENERAL PURPOSE APPLICATION.
FEATURES
Good Linearity of hFE.
Complementary to KTB1368.
MAXIMUM RATING (Ta=25
)
DIM
MILLIMETERS
TO-220IS
0.76+0.09/-0.05
A
B
C
D
E
F
G
0.5+0.1/-0.05
H
1.2+0.25/-0.1
1.5+0.25/-0.1
J
K
L
M
N
P
Q
R
1
2
3
L
N
M
D
N
H
E
R
L
S
0.5 Typ
S
D
A
C
2.70 0.3
+
_
12.0 0.3
+
_
13.6 0.5
+
_
3.7 0.2
+
_
Φ3.2 0.2
+
_
10.0 0.3
+
_
15.0 0.3
+
_
3.0 0.3
+
_
4.5 0.2
+
_
2.54 0.1
+
_
+
2.6 0.2
_
6.8 0.1
+
_
1. BASE
2. COLLECTOR
3. EMITTER
ELECTRICAL CHARACTERISTICS (Ta=25
)
Note : hFE(1) Classification
R:40
80,
O:70
140,
Y:120
240
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
80
V
Collector-Emitter Voltage
VCEO
80
V
Emitter-Base Voltage
VEBO
5
V
Collector Current
IC
4
A
Base Current
IB
0.4
A
Collector Power Dissipation (Tc=25
)
PC
25
W
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55
150
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB=80V, IE=0
-
-
30
A
Emitter Cut-off Current
IEBO
VEB=5V, IC=0
-
-
100
A
Collector-Emitter Breakdown Voltage
V(BR)CEO
IC=50mA, IB=0
80
-
-
V
Emitter-Base Breakdown Voltage
V(BR)EBO
IC=10mA, IB=0
5
-
-
V
DC Current Gain
hFE(1) (Note)
VCE=5V, IC=0.5A
40
-
240
hFE(2)
VCE=5V, IC=3A
15
50
-
Collector-Emitter Saturation Voltage
VCE(sat)
IC=3A, IB=0.3A
-
0.45
1.5
V
Base-Emitter Voltage
VBE
VCE=5V, IC=3A
-
1.0
1.5
V
Transition Frequency
fT
VCE=5V, IC=0.5A
-
8.0
-
MHz
Collector Output Capacitance
Cob
VCB=10V, IE=0, f=1MHz
-
90
-
pF


同様の部品番号 - KTD2060_15

メーカー部品番号データシート部品情報
logo
Kinetic Technologies.
KTD2060EUAC-TR KINETIC-KTD2060EUAC-TR Datasheet
235Kb / 3P
   36-Channel RGB LED Drivers with I2C Control
August 2022 - Revision 04e
KTD2060Q KINETIC-KTD2060Q Datasheet
142Kb / 2P
   36-Channel RGB LED Drivers with I2C Control
August 2021 - Revision 04b
KTD2060QGUAC-TR KINETIC-KTD2060QGUAC-TR Datasheet
142Kb / 2P
   36-Channel RGB LED Drivers with I2C Control
August 2021 - Revision 04b
More results

同様の説明 - KTD2060_15

メーカー部品番号データシート部品情報
logo
KEC(Korea Electronics)
KTD998 KEC-KTD998_15 Datasheet
58Kb / 2P
   TRIPLE DIFFUSED NPN TRANSISTOR
MJE13005DC KEC-MJE13005DC Datasheet
864Kb / 4P
   TRIPLE DIFFUSED NPN TRANSISTOR
MJE5555 KEC-MJE5555_15 Datasheet
448Kb / 2P
   TRIPLE DIFFUSED NPN TRANSISTOR
MJE13003 KEC-MJE13003_15 Datasheet
59Kb / 2P
   TRIPLE DIFFUSED NPN TRANSISTOR
KTC3003HV KEC-KTC3003HV_15 Datasheet
302Kb / 2P
   TRIPLE DIFFUSED NPN TRANSISTOR
TIP35C KEC-TIP35C_15 Datasheet
294Kb / 2P
   TRIPLE DIFFUSED NPN TRANSISTOR
KTC3631D KEC-KTC3631D_15 Datasheet
835Kb / 3P
   TRIPLE DIFFUSED NPN TRANSISTOR
logo
Galaxy Semi-Conductor H...
KTC4372 BILIN-KTC4372 Datasheet
222Kb / 4P
   Triple Diffused NPN Transistor
logo
KEC(Korea Electronics)
MJE13009 KEC-MJE13009 Datasheet
276Kb / 2P
   TRIPLE DIFFUSED NPN TRANSISTOR
KTC4521F KEC-KTC4521F_07 Datasheet
460Kb / 3P
   TRIPLE DIFFUSED NPN TRANSISTOR
KTD1530 KEC-KTD1530 Datasheet
650Kb / 3P
   TRIPLE DIFFUSED NPN TRANSISTOR
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com