データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PD10-0041-S データシート(PDF) 1 Page - Tyco Electronics

部品番号 PD10-0041-S
部品情報  Two-Way In-Phase Power Divider 0.4 - 400 MHz
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MACOM [Tyco Electronics]
ホームページ  http://www.macom.com
Logo MACOM - Tyco Electronics

PD10-0041-S データシート(HTML) 1 Page - Tyco Electronics

  PD10-0041-S Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
North America: Tel. (800) 366-2266, Fax (800) 618-8883
Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Specifications subject to change without notice.
Visit www.macom.com for additional data sheets and product information.
V 2.0
Features
• Space Qualified version of DS-113
• Designed to meet the Stringent Reliability Standards of
Space Hardware
• 50 Ohms Nominal Impedance
• Three Decade Bandwidth
• Low Loss: -0.25 Typ.
Description
M/A-COM’s PD10-0041-S is a Two-Way In-Phase Power
Divider designed to operate between 400 KHz and 400 MHz
FP-2
PD10-0041-S
Two-Way In-Phase Power Divider
0.4 - 400 MHz
Electrical Specifications, TA = +25°C
Parameter
Frequency
Units
Min.
Max.
Insertion Loss
0.4-400 MHz
dB
-
0.75
Isolation
0.4-400 MHz
dB
25
-
Amplitude Balance
0.4-400 MHz
dB
-
0.15
Phase Balance
0.4-400 MHz
-
-
VSWR
0.4-400 MHz
-
-
1.5
1. All specifications apply with a 50-Ohm source and load impedance.
1
Absolute Maximum Ratings
1
Parameter
Absolute Maximum
Max. Input Power
1 Watt Max.
Operating Temperature
-30°C to +85°C
Storage Temperature
-65°C to +125°C
1. Operation of this device above any one of these parameters may
cause permanent damage.
PIN 0.015 DIA ±0.005
(0.38 ±0.13)
8 PLACES
0.312 MIN TYP
(7.9 MIN)
0.385 ±0.020
(9.8 ±0.5)
0.080 (2.0)
0.100 (2.5)
0.250 (6.3)
0.051
(12.9 ±0.5))
0.350 (8.9)
0.150 MAX
(3.8 MAX)
0.060 (1.5)
Dimensions in ( ) are in mm.
Unless Otherwise Noted: .xxx = ±0.010 (.xx = ±0.25)
.xx = ±0.02 (.x = ±0.5)
WEIGHT (APPROX.): 0.09 OUNCES 2.5 GRAMS
1
2
3
4
5
6
7
8


同様の部品番号 - PD10-0041-S

メーカー部品番号データシート部品情報
logo
Tyco Electronics
PD10-0040-S MACOM-PD10-0040-S Datasheet
15Kb / 1P
   Two-Way Power Divider 10 - 500 MHz
PD10-0042-S MACOM-PD10-0042-S Datasheet
16Kb / 1P
   Two-Way In-Phase Power Divider 10-2000 MHz
More results

同様の説明 - PD10-0041-S

メーカー部品番号データシート部品情報
logo
Tyco Electronics
DS-113 MACOM-DS-113 Datasheet
138Kb / 3P
   Two-Way Power Divider, 400 KHz - 400 MHz
logo
M/A-COM Technology Solu...
DS-332 MA-COM-DS-332 Datasheet
107Kb / 2P
   Two-Way Power Divider, 400 KHz - 400 MHz
DSS-113 MA-COM-DSS-113 Datasheet
120Kb / 3P
   Two-Way Power Divider, 400 KHz - 400 MHz
logo
Teledyne Technologies I...
PDTS1000 TELEDYNE-PDTS1000 Datasheet
146Kb / 2P
   TWO-WAY IN-PHASE POWER DIVIDER
PDTS2000 TELEDYNE-PDTS2000 Datasheet
143Kb / 2P
   TWO-WAY IN- PHASE POWER DIVIDER
logo
Tyco Electronics
PD10-0042-S MACOM-PD10-0042-S Datasheet
16Kb / 1P
   Two-Way In-Phase Power Divider 10-2000 MHz
logo
SIRENZA MICRODEVICES
PS-2-4000S SIRENZA-PS-2-4000S Datasheet
87Kb / 1P
   IN-PHASE TWO-WAY POWER COMBINER/DIVIDER 20-4000 MHz
logo
M/A-COM Technology Solu...
DS-318 MA-COM-DS-318 Datasheet
106Kb / 2P
   Plug-In Two-Way Power Divider, 5 - 500 MHz
logo
Tyco Electronics
DS-318 MACOM-DS-318 Datasheet
101Kb / 1P
   Plug-In Two Way Power Divider 5 - 500 MHz
logo
M/A-COM Technology Solu...
DS-318 MA-COM-DS-318 Datasheet
106Kb / 2P
   Plug-In Two-Way Power Divider
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com