データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MJ15022 データシート(PDF) 3 Page - ON Semiconductor

部品番号 MJ15022
部品情報  Silicon Power Transistors 16 AMPERES SILICON POWER TRANSISTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJ15022 データシート(HTML) 3 Page - ON Semiconductor

  MJ15022_13 Datasheet HTML 1Page - ON Semiconductor MJ15022_13 Datasheet HTML 2Page - ON Semiconductor MJ15022_13 Datasheet HTML 3Page - ON Semiconductor MJ15022_13 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MJ15022 (NPN), MJ15024 (NPN)
http://onsemi.com
3
Figure 2. Capacitances
Figure 3. Current−Gain — Bandwidth Product
Figure 4. DC Current Gain
IC, COLLECTOR CURRENT (AMPS)
0.1
0.3
0.5
9
5
VCE = 4 V
8
2
1.0
5.0
0
1
3
4
7
6
1.8
0.03
IB, BASE CURRENT (AMPS)
1.0
30
5.0
2.0
0.5
1.0
0.6
0.2
2.0
10
0
1.4
10
0.2
0.1
8 A
IC = 4 A
4000
0.3
VR, REVERSE VOLTAGE (VOLTS)
50
TJ = 25°C
100
10
500
100
40
1000
300
30
1
0.5
Figure 5. “On” Voltage
5.0
1.8
0.15
IC, COLLECTOR CURRENT (AMPS)
10
TJ = 25°C
20
5.0
1.0
0.8
0.2
0
1.4
2.0
1.0
VCE(sat) @ IC/IB = 10
0.5
VBE(on) @ VCE = 4 V
Figure 6. Collector Saturation Region
IC, COLLECTOR CURRENT (AMPS)
200
100
1.0
5.0
10
20
50
Cob
TJ = 25°C
TJ = 100°C
TJ = 25°C
VCE = 10 V
fTest = 1 MHz
100
°C
25
°C
TJ = 25°C
16 A
3000
0.2
10
20
5.0
2.0
1.0
0.5
Cib
100
°C
TYPICAL CHARACTERISTICS


同様の部品番号 - MJ15022_13

メーカー部品番号データシート部品情報
logo
Quanzhou Jinmei Electro...
MJ15022 JMNIC-MJ15022_15 Datasheet
119Kb / 4P
   Silicon NPN Power Transistors
More results

同様の説明 - MJ15022_13

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MJ21195G ONSEMI-MJ21195G_13 Datasheet
131Kb / 6P
   Silicon Power Transistors 16 AMPERES COMPLEMENTARY SILICON
September, 2013 ??Rev. 6
MJ15023 ONSEMI-MJ15023_13 Datasheet
105Kb / 4P
   Silicon Power Transistors 16 AMPERES SILICON POWER TRANSISTORS 200 ??250 VOLTS, 250 WATTS
August, 2013 ??Rev. 12
MJD44H11 ONSEMI-MJD44H11_13 Datasheet
132Kb / 8P
   Complementary Power Transistors SILICON POWER TRANSISTORS 8 AMPERES
September, 2013 ??Rev. 16
MJ21193 ONSEMI-MJ21193_13 Datasheet
128Kb / 6P
   Silicon Power Transistors 16 AMP COMPLEMENTARY SILICON POWER TRANSISTORS
September, 2013 ??Rev. 6
MJW21195 ONSEMI-MJW21195_06 Datasheet
75Kb / 7P
   16 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS 250 VOLTS, 200 WATTS
January, 2006 ??Rev. 2
BDV65B ONSEMI-BDV65B Datasheet
105Kb / 6P
   DARLINGTONS 10 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS
1996 REV 8
logo
Motorola, Inc
BD315 MOTOROLA-BD315 Datasheet
109Kb / 3P
   16 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
MJD44H11 ONSEMI-MJD44H11 Datasheet
192Kb / 6P
   SILICON POWER TRANSISTORS
August, 2004 ??Rev. 6
logo
Motorola, Inc
MJ15022 MOTOROLA-MJ15022 Datasheet
153Kb / 4P
   Silicon Power Transistors
logo
Quanzhou Jinmei Electro...
2SC3298_2014 JMNIC-2SC3298_2014 Datasheet
165Kb / 3P
   Silicon Power Transistors
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com