データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MJW21193 データシート(PDF) 4 Page - ON Semiconductor

部品番号 MJW21193
部品情報  Silicon Power Transistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJW21193 データシート(HTML) 4 Page - ON Semiconductor

  MJW21193 Datasheet HTML 1Page - ON Semiconductor MJW21193 Datasheet HTML 2Page - ON Semiconductor MJW21193 Datasheet HTML 3Page - ON Semiconductor MJW21193 Datasheet HTML 4Page - ON Semiconductor MJW21193 Datasheet HTML 5Page - ON Semiconductor MJW21193 Datasheet HTML 6Page - ON Semiconductor MJW21193 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MJW21193 (PNP) MJW21194 (NPN)
http://onsemi.com
4
Figure 9. Typical Saturation Voltages
IC, COLLECTOR CURRENT (AMPS)
Figure 10. Typical Saturation Voltages
IC, COLLECTOR CURRENT (AMPS)
Figure 11. Typical Base−Emitter Voltage
IC, COLLECTOR CURRENT (AMPS)
Figure 12. Typical Base−Emitter Voltage
IC, COLLECTOR CURRENT (AMPS)
PNP MJW21193
NPN MJW21194
TYPICAL CHARACTERISTICS
PNP MJW21193
NPN MJW21194
3.0
2.5
2.0
1.5
1.0
0.5
0
100
10
1.0
0.1
1.4
100
10
1.0
0.1
1.2
1.0
0.8
0.6
0.4
0.2
0
10
100
10
1.0
0.1
1.0
0.1
10
100
10
1.0
0.1
1.0
0.1
TJ = 25°C
IC/IB = 10
VBE(sat)
VCE(sat)
TJ = 25°C
IC/IB = 10
VBE(sat)
VCE(sat)
TJ = 25°C
VCE = 20 V (SOLID)
VCE = 5 V (DASHED)
TJ = 25°C
VCE = 20 V (SOLID)
VCE = 5 V (DASHED)
Figure 13. Active Region Safe Operating Area
VCE, COLLECTOR EMITTER (VOLTS)
Figure 14. Active Region Safe Operating Area
PNP MJW21193
NPN MJW21194
100
1000
10
1.0
1.0
0.1
100
10
100 mSec
10 mSec
1 Sec
VCE, COLLECTOR EMITTER (VOLTS)
100
1000
10
1.0
1.0
0.1
100
10
100 mSec
10 mSec
1 Sec


同様の部品番号 - MJW21193

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MJW21193 ONSEMI-MJW21193 Datasheet
75Kb / 8P
   Silicon Power Transistors
March, 2002 ??Rev. 1
MJW21193 ONSEMI-MJW21193 Datasheet
74Kb / 8P
   16 A COMPLEMENTARY SILICON POWER TRANSISTORS 250 V, 200 W
July, 2005 ??Rev. 2
MJW21193 ONSEMI-MJW21193 Datasheet
151Kb / 7P
   Silicon Power Transistors
March, 2010 ??Rev. 4
logo
Foshan Blue Rocket Elec...
MJW21193 FOSHAN-MJW21193 Datasheet
958Kb / 6P
   Silicon PNP transistor in a TO-3P Plastic Package.
logo
Inchange Semiconductor ...
MJW21193 ISC-MJW21193 Datasheet
279Kb / 2P
   isc Silicon PNP Power Transistor
More results

同様の説明 - MJW21193

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MJ15022 ONSEMI-MJ15022_13 Datasheet
117Kb / 4P
   Silicon Power Transistors 16 AMPERES SILICON POWER TRANSISTORS
August, 2013 ??Rev. 12
MJD44H11 ONSEMI-MJD44H11 Datasheet
192Kb / 6P
   SILICON POWER TRANSISTORS
August, 2004 ??Rev. 6
logo
Motorola, Inc
MJ15022 MOTOROLA-MJ15022 Datasheet
153Kb / 4P
   Silicon Power Transistors
logo
Quanzhou Jinmei Electro...
2SC3298_2014 JMNIC-2SC3298_2014 Datasheet
165Kb / 3P
   Silicon Power Transistors
BUL52B_2015 JMNIC-BUL52B_2015 Datasheet
88Kb / 3P
   Silicon Power Transistors
2SC5129 JMNIC-2SC5129_15 Datasheet
47Kb / 3P
   Silicon Power Transistors
2SC2331_2014 JMNIC-2SC2331_2014 Datasheet
51Kb / 3P
   Silicon Power Transistors
2SC3855_2014 JMNIC-2SC3855_2014 Datasheet
126Kb / 3P
   Silicon Power Transistors
2SC3979_2014 JMNIC-2SC3979_2014 Datasheet
152Kb / 3P
   Silicon Power Transistors
2SC3855 JMNIC-2SC3855_15 Datasheet
126Kb / 3P
   Silicon Power Transistors
2SD1588 JMNIC-2SD1588 Datasheet
119Kb / 3P
   Silicon Power Transistors
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com