データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BD136G データシート(PDF) 3 Page - ON Semiconductor

部品番号 BD136G
部品情報  Plastic Medium-Power Silicon PNP Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BD136G データシート(HTML) 3 Page - ON Semiconductor

  BD136G Datasheet HTML 1Page - ON Semiconductor BD136G Datasheet HTML 2Page - ON Semiconductor BD136G Datasheet HTML 3Page - ON Semiconductor BD136G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BD136G, BD138G, BD140G
http://onsemi.com
3
TYPICAL CHARACTERISTICS
Figure 3. Base−Emitter Saturation Voltage
Figure 4. Base−Emitter On Voltage
IC, COLLECTOR CURRENT (A)
IC, COLLECTOR CURRENT (A)
10
1
0.1
0.01
0.001
0
0.2
0.4
0.6
0.8
1.0
1.2
10
1
0.1
0.01
0.001
0
0.2
0.4
0.6
0.8
1.0
1.2
Figure 5. Capacitance
Figure 6. Active−Region Safe Operating Area
VR, REVERSE VOLTAGE (V)
VCE, COLLECTOR−EMITTER VOLTAGE (V)
100
10
1
0.1
1
10
100
1000
80
10
1
0.01
0.1
1
10
IC/IB = 10
150
°C
−55
°C
25
°C
VCE = 2 V
f = 1 MHz
Cib
Cob
BD136
BD138
BD140
TJ = 125°C
dc
5 ms
0.5 ms
0.1 ms
Figure 7. Power Derating
TA, AMBIENT TEMPERATURE (°C)
160
100
20
0
0
0.50
1.00
1.50
0.25
0.75
1.25
40
60
80
120
140
150
°C
−55
°C
25
°C


同様の部品番号 - BD136G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
BD136G ONSEMI-BD136G Datasheet
42Kb / 4P
   Plastic Medium Power Silicon PNP Transistor
April, 2005 ??Rev. 12
logo
Unisonic Technologies
BD136G-6-T60-K UTC-BD136G-6-T60-K Datasheet
136Kb / 3P
   PNP SILICON TRANSISTOR
BD136G-6-TM3-T UTC-BD136G-6-TM3-T Datasheet
136Kb / 3P
   PNP SILICON TRANSISTOR
More results

同様の説明 - BD136G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
2N4918 ONSEMI-2N4918_04 Datasheet
120Kb / 6P
   Medium-Power Plastic PNP Silicon Transistors
July, 2004 ??Rev. 11
logo
New Jersey Semi-Conduct...
2N4919 NJSEMI-2N4919 Datasheet
197Kb / 1P
   MEDIUM-POWER PLASTIC PNP SILICON TRANSISTORS
logo
Micro Commercial Compon...
TIP105 MCC-TIP105_13 Datasheet
331Kb / 4P
   PNP Plastic Medium-Power Silicon Transistors
logo
ON Semiconductor
2N4918 ONSEMI-2N4918_17 Datasheet
203Kb / 6P
   Medium-Power Plastic PNP Silicon Transistors
January, 2017 ??Rev. 12
2N4918G ONSEMI-2N4918G Datasheet
117Kb / 6P
   Medium-Power Plastic PNP Silicon Transistors
July, 2004 ??Rev. 11
logo
Micro Commercial Compon...
TIP105 MCC-TIP105 Datasheet
268Kb / 4P
   PNP Plastic Medium-Power Silicon Transistors
logo
Continental Device Indi...
BD157 CDIL-BD157 Datasheet
90Kb / 2P
   PLASTIC MEDIUM POWER SILICON TRANSISTORS
logo
Boca Semiconductor Corp...
2N6666 BOCA-2N6666 Datasheet
157Kb / 3P
   PLASTIC MEDIUM-POWER SILICON TRANSISTORS
logo
ON Semiconductor
2N6387 ONSEMI-2N6387_14 Datasheet
113Kb / 6P
   Plastic Medium-Power Silicon Transistors
November, 2014 ??Rev. 15
2N6387 ONSEMI-2N6387 Datasheet
75Kb / 8P
   Plastic Medium-Power Silicon Transistors
April, 2002 ??Rev. 10
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com