データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LA59700MC データシート(PDF) 9 Page - ON Semiconductor

部品番号 LA59700MC
部品情報  Adjustable Voltage Type Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LA59700MC データシート(HTML) 9 Page - ON Semiconductor

  LA59700MC Datasheet HTML 1Page - ON Semiconductor LA59700MC Datasheet HTML 2Page - ON Semiconductor LA59700MC Datasheet HTML 3Page - ON Semiconductor LA59700MC Datasheet HTML 4Page - ON Semiconductor LA59700MC Datasheet HTML 5Page - ON Semiconductor LA59700MC Datasheet HTML 6Page - ON Semiconductor LA59700MC Datasheet HTML 7Page - ON Semiconductor LA59700MC Datasheet HTML 8Page - ON Semiconductor LA59700MC Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
LA59700MC
PS No.A2169-9/9
0
500
t --
μs50μs / div
11.95
12.00
12.05
Ta = 25
°C
VCC1 = VCC2 = 15V
VOUT = 12V
COUT = Ceramic 10μF
IOUT
VOUT
100mA
⇔500mA
ON Semiconductor and the ON logo are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC owns the rights to a number
of patents, trademarks, copyrights, trade secrets, and other intellectual property. A listing of SCILLC’s product/patent coverage may be accessed at
www.onsemi.com/site/pdf/Patent-Marking.pdf. SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no
warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the
application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental
damages. “Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual
performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer application by customer’s technical
experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use
as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in
which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for
any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors
harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or
death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture ofthe
part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.


同様の部品番号 - LA59700MC

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LA59700MX SANYO-LA59700MX Datasheet
184Kb / 9P
   Adjustable Voltage Type Regulator
More results

同様の説明 - LA59700MC

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LA59700MX SANYO-LA59700MX Datasheet
184Kb / 9P
   Adjustable Voltage Type Regulator
logo
Unisonic Technologies
LM317 UTC-LM317_15 Datasheet
284Kb / 5P
   ADJUSTABLE VOLTAGE REGULATOR
LM317L UTC-LM317L_15 Datasheet
215Kb / 5P
   ADJUSTABLE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
SULM317 SECOS-SULM317 Datasheet
298Kb / 4P
   Adjustable Voltage Regulator
logo
Inchange Semiconductor ...
LM317K ISC-LM317K Datasheet
124Kb / 1P
   Adjustable Voltage Regulator
logo
E-Tech Electronics LTD
UC723 ETL-UC723 Datasheet
154Kb / 4P
   ADJUSTABLE VOLTAGE REGULATOR
logo
Unisonic Technologies
UTCUC723 UTC-UTCUC723_V01 Datasheet
264Kb / 4P
   ADJUSTABLE VOLTAGE REGULATOR
logo
Inchange Semiconductor ...
LM317T ISC-LM317T Datasheet
127Kb / 1P
   Adjustable Voltage Regulator
logo
SeCoS Halbleitertechnol...
S3ULM317 SECOS-S3ULM317 Datasheet
298Kb / 4P
   Adjustable Voltage Regulator
logo
Unisonic Technologies
UTCUC723 UTC-UTCUC723 Datasheet
222Kb / 4P
   ADJUSTABLE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com