データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM200HB1D5B データシート(PDF) 2 Page - KEC(Korea Electronics)

部品番号 FM200HB1D5B
部品情報  2 - PACK MOSFET MODULE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KEC [KEC(Korea Electronics)]
ホームページ  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

FM200HB1D5B データシート(HTML) 2 Page - KEC(Korea Electronics)

  FM200HB1D5B Datasheet HTML 1Page - KEC(Korea Electronics) FM200HB1D5B Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2013. 7. 24
2/2
FM200HB1D5B
Revision No : 0
ELECTRICAL CHARACTERISTICS (@Tc=25
℃ Per Leg, Unless otherwise noted)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
BVDSS
ID=250㎂ , VGS=0V
150
-
-
V
Gate Threshold Voltage
Vth
VDS=VGS, ID=250㎂
3.0
-
5.0
V
Drain to Source Leakage Current
IDSS
VDS=150V, VGS=0V
-
-
40
μA
Gate to Source Leakage Current
IGSS
VGS=20V
-
-
200
nA
VGS=-20V
-
-200
nA
Drain to Source ON Resistance
RDS(ON)
VGS=10V, ID=200A
-
3.3
4.0
m
Dynamic
Total Gate Charge
Qg
ID=200A, VDS=75V, VGS=10V
-
300
-
nC
Gate to Source Charge
Qgs
-
100
-
Gate to Source Charge
Qgd
-
110
-
Turn On Delay Time
td(on)
VDS=75V, ID=200A, RG=3.3Ω
-
TBD
-
ns
Rise Time
tr
-
TBD
-
Turn Off Delay Tine
td(off)
-
TBD
-
Fall Time
tf
-
TBD
-
Input Capacitance
Ciss
VDS=50V, VGS=0V, f=1㎒
-
20
-
nF
Output Capacitance
Coss
-
2
-
Reverse Transfer Capacitance
Crss
-
0.4
-
Source-Drain Diode Ratings
Continuous Source Current
IS
-
-
340
A
Pulsed Source Current
ISP
-
-
1300
Diode Forward Voltage
VSD
ID=200A, VGS=0V
-
1.0
1.3
V
Reverse Recovery Time
trr
VR=75V, ID=200A, di/dt=-100A/us
-
TBD
-
ns
Reverse Recovery Charge
Qrr
-
TBD
-
nC


同様の部品番号 - FM200HB1D5B

メーカー部品番号データシート部品情報
logo
RFE international
FM200 RFE-FM200 Datasheet
87Kb / 1P
   FUSIBLE RESISTORS FM, FKN, & FSQ Series: Fusible
logo
TE Connectivity Ltd
FM200 TEC-FM200 Datasheet
197Kb / 2P
   n Optional quick connect tabs for sensing
logo
Extech Instruments Corp...
FM200 EXTECH-FM200 Datasheet
271Kb / 1P
   FM200 Handheld Formaldehyde (CH2O or HCHO) Meter
logo
RFE international
FM200 RFE-FM200 Datasheet
1Mb / 2P
   Fusible Flameproof Resistors
01-MAR-2023
logo
Rectron Semiconductor
FM2000 RECTRON-FM2000 Datasheet
176Kb / 6P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER VOLTAGE 2000 Volts CURRENT 1.0 Ampere
More results

同様の説明 - FM200HB1D5B

メーカー部品番号データシート部品情報
logo
KEC(Korea Electronics)
FMMT311 KEC-FMMT311 Datasheet
398Kb / 3P
   2-PACK MOSFET MODULE
FMMT312 KEC-FMMT312 Datasheet
393Kb / 3P
   2-PACK MOSFET MODULE
FM400CD1D5C KEC-FM400CD1D5C Datasheet
375Kb / 3P
   2-PACK MOSFET MODULE
FM400HB1D5C KEC-FM400HB1D5C Datasheet
375Kb / 3P
   2 - PACK MOSFET MODULE
FM200CD1D5B KEC-FM200CD1D5B Datasheet
373Kb / 2P
   2-PACK MOSFET MODULE
logo
ON Semiconductor
NXH020P120MNF1PTG ONSEMI-NXH020P120MNF1PTG Datasheet
1Mb / 8P
   F1-2 PACK SiC MOSFET Module
December, 2021?뭃ev. P0
NXH040P120MNF1PTG ONSEMI-NXH040P120MNF1PTG Datasheet
1Mb / 8P
   F1-2 PACK SiC MOSFET Module
December, 2021?뭃ev. P0
NXH010P90MNF1PTG ONSEMI-NXH010P90MNF1PTG Datasheet
1Mb / 14P
   F1-2 PACK SiC MOSFET Module
March, 2022-Rev. P2
logo
KEC(Korea Electronics)
GM200HB06BL KEC-GM200HB06BL Datasheet
374Kb / 2P
   2-PACK IGBT MODULE
GM100HB06BLA KEC-GM100HB06BLA Datasheet
374Kb / 2P
   2-PACK IGBT MODULE
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com