データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SS20PU80 データシート(PDF) 2 Page - Bruckewell Technology LTD

部品番号 SS20PU80
部品情報  High Current Density Surface Mount Ultra Low VF Schottky Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BWTECH [Bruckewell Technology LTD]
ホームページ  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

SS20PU80 データシート(HTML) 2 Page - Bruckewell Technology LTD

  SS20PU80 Datasheet HTML 1Page - Bruckewell Technology LTD SS20PU80 Datasheet HTML 2Page - Bruckewell Technology LTD SS20PU80 Datasheet HTML 3Page - Bruckewell Technology LTD SS20PU80 Datasheet HTML 4Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SS20PU80
Publication Order Number: SS20PU80
©Bruckewell Technology Corporation Rev. A -2014
THERMAL CHARACTERISTICS
Parameter
Symbol
Value
Unit
Typical thermal resistance
RθJC
3
°C/W
Notes:
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width ≤ 40
Electrical characteristics (Tc=25°C unless otherwise noted)
OFF CHARACTERISTICS
Parameter
Symbol
Value
Unit
Typical
Max
Instantaneous forward voltage
at IF=5A, Tj=25°C
VF
0.46
0.50
V
at IF=20A, Tj=25°C
0.67
0.73
at IF=5A, Tj=125°C
0.39
0.42
at IF=20A, Tj=125°C
0.63
0.67
Maximum reverse current Tj=25°C
IR
60
u'A
at working peak reverse voltage Tj=125°C
50
m'A
DEVICE MARK
SS20PU80


同様の部品番号 - SS20PU80

メーカー部品番号データシート部品情報
logo
Rectron Semiconductor
SS20 RECTRON-SS20 Datasheet
282Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 60 Volts CURRENT 1.0 Ampere
logo
TOKYO SEIMITSU CO., LTD
SS20 ACCRETECH-SS20 Datasheet
583Kb / 2P
   New standard for semi-automatic dicers with enhanced operability
logo
Rectron Semiconductor
SS200 RECTRON-SS200 Datasheet
249Kb / 6P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Sanyo Semicon Device
SS20015M SANYO-SS20015M Datasheet
42Kb / 3P
   Low VF Schottky Barrier Diode 15V, 2.0A Rectifier
SS2003M SANYO-SS2003M Datasheet
32Kb / 3P
   Schottky Barrier Diode 30V, 2.0A Rectifier
More results

同様の説明 - SS20PU80

メーカー部品番号データシート部品情報
logo
Bruckewell Technology L...
SS6PU100 BWTECH-SS6PU100 Datasheet
446Kb / 4P
   High Current Density Surface Mount Ultra Low VF Schottky Rectifier
SS8PU100 BWTECH-SS8PU100 Datasheet
300Kb / 3P
   High Current Density Surface Mount Ultra Low VF Schottky Rectifier
SS8P100 BWTECH-SS8P100 Datasheet
232Kb / 3P
   High Current Density Surface Mount Ultra Low VF Schottky Rectifier
SS10PU100S BWTECH-SS10PU100S Datasheet
765Kb / 3P
   High Current Density Surface Mount Ultra Low VF Schottky Rectifier
SS10PU100 BWTECH-SS10PU100 Datasheet
763Kb / 3P
   High Current Density Surface Mount Ultra Low VF Schottky Rectifier
SD10PU100 BWTECH-SD10PU100 Datasheet
166Kb / 3P
   High Current Density Surface Mount Ultra Low VF Schottky Rectifier
SS5P100 BWTECH-SS5P100 Datasheet
214Kb / 3P
   High Current Density Surface Mount Ultra Low VF Schottky Rectifier
SS10PU80 BWTECH-SS10PU80 Datasheet
161Kb / 4P
   High Current Density Surface Mount Ultra Low VF Schottky Rectifier
SS12PU120S BWTECH-SS12PU120S Datasheet
272Kb / 3P
   High Current Density Surface Mount Ultra Low VF Schottky Rectifier
Rev. A -2014
SS10PU120S BWTECH-SS10PU120S Datasheet
289Kb / 3P
   High Surge Protection High Current Density Surface Mount Ultra Low VF Schottky Rectifier
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com