データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM15E-2412SIZ データシート(PDF) 2 Page - AIMTEC

部品番号 AM15E-2412SIZ
部品情報  15 Watt | DC-DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AIMTEC [AIMTEC]
ホームページ  https://aimtec.com
Logo AIMTEC - AIMTEC

AM15E-2412SIZ データシート(HTML) 2 Page - AIMTEC

  AM15E-2412SIZ Datasheet HTML 1Page - AIMTEC AM15E-2412SIZ Datasheet HTML 2Page - AIMTEC AM15E-2412SIZ Datasheet HTML 3Page - AIMTEC AM15E-2412SIZ Datasheet HTML 4Page - AIMTEC AM15E-2412SIZ Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Series AM15E-IZ
15 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.D
2 of 5
North America only
Models
Dual output (continued)
Model
Input
Voltage
(V)
Output
Voltage
(V)
Output
Current
max
(A)
Max.
Capacitive
load
(µF)
Ripple &
Noise
typ
Isolation
(VDC)
Efficiency
(%)
AM15E-1215DH30IZ
9-18
±15
±0.5
±230
150mVp-p
3000
81
AM15E-2405DH30IZ
18-36
±5
±1.5
±2300
50mVp-p
3000
80
AM15E-2412DH30IZ
18-36
±12
±0.62
±340
120mVp-p
3000
82
AM15E-2415DH30IZ
18-36
±15
±0.5
±230
150mVp-p
3000
84
AM15E-4805DH30IZ
36-75
±5
±1.5
±2300
50mVp-p
3000
76
AM15E-4812DH30IZ
36-75
±12
±0.62
±340
120mVp-p
3000
83
AM15E-4815DH30IZ
36-75
±15
±0.5
±230
150mVp-p
3000
85
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at rated output load
unless otherwise specified.
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
12
9-18
VDC
24
18-36
48
37-75
Filter
 (Pi) Network
Remote On/Off Control
On
3.5 to 12VDC or open circuit
Off
0 to 1.2VDC or short circuit between pin 2 and 4; typical idle current 3mA
Absolute Maximum Rating
12 Vin
25
VDC
24 Vin
50
48 Vin
100
Permissible absolute maximum duration
2
h
Recommended Input Fuse (slow blow)
12 Vin
4A/250V
24 Vin
2A/250V
48 Vin
1A/250V
Isolation Specifications
Parameters
Conditions
Typical
Maximum
Units
Tested I/O voltage
3 sec
1500 & 3000
VDC
Resistance
> 1000
MOhm
Capacitance
1000
pF
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
±2
%
Short Circuit protection
Continuous
Short Circuit restart
Auto recovery
Over voltage protection
Zener diode clamp protection
Over load protection
Over 110% full load with auto-recovery
Line voltage regulation
HL-LL
±0.5
%
Load voltage regulation (Single)
0-100%
±0.5
%
Load voltage regulation (Dual)
0-100%
±2
%
Temperature coefficient
±0.05
%/oC
Transient response recovery time
25% load step change
300
uS


同様の部品番号 - AM15E-2412SIZ

メーカー部品番号データシート部品情報
logo
AIMTEC
AM15E-2412SIZ AIMTEC-AM15E-2412SIZ Datasheet
245Kb / 3P
   15 Watt | DC-DC Converter
AM15E-2412SIZ AIMTEC-AM15E-2412SIZ Datasheet
536Kb / 5P
   15 Watt | DC-DC Converter
More results

同様の説明 - AM15E-2412SIZ

メーカー部品番号データシート部品情報
logo
AIMTEC
AM15E-I AIMTEC-AM15E-I Datasheet
245Kb / 3P
   15 Watt | DC-DC Converter
AM15EW-Z AIMTEC-AM15EW-Z_13 Datasheet
265Kb / 3P
   15 Watt | DC-DC Converter
AM15EW-Z AIMTEC-AM15EW-Z Datasheet
251Kb / 3P
   15 Watt | DC-DC Converter
AM20EW-NZ AIMTEC-AM20EW-NZ Datasheet
199Kb / 4P
   15 Watt | DC-DC Converter
AM15EW-NZ AIMTEC-AM15EW-NZ Datasheet
201Kb / 4P
   15 Watt | DC-DC Converter
AM15W-NZ AIMTEC-AM15W-NZ Datasheet
149Kb / 4P
   15 Watt | DC-DC Converter
AM15E-Z AIMTEC-AM15E-Z_13 Datasheet
424Kb / 4P
   15 Watt | DC-DC Converter
AM15EW-I AIMTEC-AM15EW-I Datasheet
123Kb / 2P
   15 Watt | DC-DC Converter
logo
Wall Industries,Inc.
YFW15 WALL-YFW15 Datasheet
130Kb / 3P
   15 Watt DC/DC Converter
DM WALL-DM Datasheet
162Kb / 3P
   15 Watt DC/DC Converter
logo
AIMTEC
AM15E-IZ AIMTEC-AM15E-IZ Datasheet
536Kb / 5P
   15 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com