データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74AHC_AHCT1G04 データシート(PDF) 1 Page - NXP Semiconductors

部品番号 74AHC_AHCT1G04
部品情報  Inverter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHC_AHCT1G04 データシート(HTML) 1 Page - NXP Semiconductors

  74AHC_AHCT1G04_15 Datasheet HTML 1Page - NXP Semiconductors 74AHC_AHCT1G04_15 Datasheet HTML 2Page - NXP Semiconductors 74AHC_AHCT1G04_15 Datasheet HTML 3Page - NXP Semiconductors 74AHC_AHCT1G04_15 Datasheet HTML 4Page - NXP Semiconductors 74AHC_AHCT1G04_15 Datasheet HTML 5Page - NXP Semiconductors 74AHC_AHCT1G04_15 Datasheet HTML 6Page - NXP Semiconductors 74AHC_AHCT1G04_15 Datasheet HTML 7Page - NXP Semiconductors 74AHC_AHCT1G04_15 Datasheet HTML 8Page - NXP Semiconductors 74AHC_AHCT1G04_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1.
General description
74AHC1G04 and 74AHCT1G04 are high-speed Si-gate CMOS devices. They provide an
inverting buffer.
The AHC device has CMOS input switching levels and supply voltage range 2 V to 5.5 V.
The AHCT device has TTL input switching levels and supply voltage range 4.5 V to 5.5 V.
2.
Features and benefits
Symmetrical output impedance
High noise immunity
Low power dissipation
Balanced propagation delays
Multiple package options
ESD protection:
HBM JESD22-A114E: exceeds 2000 V
MM JESD22-A115-A: exceeds 200 V
CDM JESD22-C101C: exceeds 1000 V
Specified from
40 C to +125 C
3.
Ordering information
74AHC1G04; 74AHCT1G04
Inverter
Rev. 9 — 10 March 2015
Product data sheet
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74AHC1G04GW
40 C to +125 C
TSSOP5
plastic thin shrink small outline package;
5 leads; body width 1.25 mm
SOT353-1
74AHCT1G04GW
74AHC1G04GV
40 C to +125 C
SC-74A
plastic surface-mounted package; 5 leads
SOT753
74AHCT1G04GV
74AHC1G04GM
40 Cto+125 C
XSON6
plastic extremely thin small outline package;
no leads; 6 terminals; body 1
 1.45  0.5 mm
SOT886
74AHCT1G04GM


同様の部品番号 - 74AHC_AHCT1G04_15

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74AHC_AHCT1G07 PHILIPS-74AHC_AHCT1G07_15 Datasheet
140Kb / 12P
   Buffer with open-drain output
Rev. 7-18 November 2014
More results

同様の説明 - 74AHC_AHCT1G04_15

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74LVC1GU04 PHILIPS-74LVC1GU04 Datasheet
96Kb / 15P
   Inverter
2004 Sep 21
logo
Sumida Corporation
CIUH7D45 SUMIDA-CIUH7D45 Datasheet
160Kb / 1P
   INVERTER
logo
Toshiba Semiconductor
TC7S04FTE85LF TOSHIBA-TC7S04FTE85LF Datasheet
183Kb / 7P
   Inverter
logo
Unisonic Technologies
U74AHCT3G04 UTC-U74AHCT3G04 Datasheet
193Kb / 5P
   INVERTER
logo
NXP Semiconductors
74HC3G04 NXP-74HC3G04 Datasheet
91Kb / 13P
   Inverter
Rev. 03-2 July 2008
logo
Toshiba Semiconductor
TC7SZ04AFE TOSHIBA-TC7SZ04AFE_07 Datasheet
153Kb / 5P
   Inverter
TC7SU04F TOSHIBA-TC7SU04F_01 Datasheet
225Kb / 6P
   INVERTER
TC7S04F TOSHIBA-TC7S04F_01 Datasheet
229Kb / 6P
   INVERTER
TC7SZ04AFS TOSHIBA-TC7SZ04AFS Datasheet
166Kb / 6P
   INVERTER
logo
Renesas Technology Corp
RJP65D05DWA RENESAS-RJP65D05DWA Datasheet
157Kb / 4P
   Inverter
RJP65M04DWA RENESAS-RJP65M04DWA_15 Datasheet
147Kb / 4P
   Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com