データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74AHC_AHCT1G66 データシート(PDF) 6 Page - NXP Semiconductors

部品番号 74AHC_AHCT1G66
部品情報  Single-pole single-throw analog switch
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHC_AHCT1G66 データシート(HTML) 6 Page - NXP Semiconductors

Back Button 74AHC_AHCT1G66_15 Datasheet HTML 2Page - NXP Semiconductors 74AHC_AHCT1G66_15 Datasheet HTML 3Page - NXP Semiconductors 74AHC_AHCT1G66_15 Datasheet HTML 4Page - NXP Semiconductors 74AHC_AHCT1G66_15 Datasheet HTML 5Page - NXP Semiconductors 74AHC_AHCT1G66_15 Datasheet HTML 6Page - NXP Semiconductors 74AHC_AHCT1G66_15 Datasheet HTML 7Page - NXP Semiconductors 74AHC_AHCT1G66_15 Datasheet HTML 8Page - NXP Semiconductors 74AHC_AHCT1G66_15 Datasheet HTML 9Page - NXP Semiconductors 74AHC_AHCT1G66_15 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
74AHC_AHCT1G66_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 18 December 2008
6 of 17
NXP Semiconductors
74AHC1G66; 74AHCT1G66
Single-pole single-throw analog switch
10.2 ON resistance
[1]
At supply voltages approaching 2 V, the analog switch ON resistance becomes extremely non-linear. Therefore it is recommended that
these devices be used to transmit digital signals only, when using this supply voltage.
10.3 ON resistance test circuit and graphs
Table 8.
ON resistance
At recommended operating conditions; voltages are referenced to GND (ground 0 V); for graph see Figure 7 [1]
.
Symbol
Parameter
Conditions
25
°C
−40 °C to +85 °C −40 °C to +125 °C Unit
Typ
max
Max
Max
74AHC1G66 and 74AHCT1G66
RON(peak) ON resistance
(peak)
VI =VCC to GND; see Figure 6
ISW = 1.0 mA; VCC = 2.0 V
148[1]
--
-
ISW = 10 mA; VCC = 3.0 V to 3.6 V
28
50
70
110
ISW = 10 mA; VCC = 4.5 V to 5.5 V
15
30
40
60
RON(rail)
ON resistance
(rail)
VI = GND; see Figure 6
ISW = 1.0 mA; VCC = 2.0 V
30
-
-
-
ISW = 10 mA; VCC = 3.0 V to 3.6 V
20
50
65
90
ISW = 10 mA; VCC = 4.5 V to 5.5 V
15
22
26
40
VI =VCC; see Figure 6
ISW = 1.0 mA; VCC = 2.0 V
28
-
-
-
ISW = 10 mA; VCC = 3.0 V to 3.6 V
18
50
65
90
ISW = 10 mA; VCC = 4.5 V to 5.5 V
13
22
26
40
RON =VSW / ISW.Tamb =25 °C.
Fig 6.
Test circuit for measuring ON resistance
Fig 7.
Typical ON resistance as a function of
input voltage
001aag490
VI
VIH
VCC
GND
Z
Y
E
VSW
ISW
0246
VI (V)
RON
(
Ω)
40
30
10
0
20
mna630
VCC = 3.0 V
4.5 V
5.5 V


同様の部品番号 - 74AHC_AHCT1G66_15

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74AHC_AHCT1G04 PHILIPS-74AHC_AHCT1G04_15 Datasheet
158Kb / 14P
   Inverter
Rev. 9-10 March 2015
74AHC_AHCT1G07 PHILIPS-74AHC_AHCT1G07_15 Datasheet
140Kb / 12P
   Buffer with open-drain output
Rev. 7-18 November 2014
74AHC_AHCT1G125 PHILIPS-74AHC_AHCT1G125_15 Datasheet
198Kb / 17P
   Bus buffer/line driver; 3-state
Rev. 10-23 August 2012
74AHC_AHCT1G126 PHILIPS-74AHC_AHCT1G126_15 Datasheet
198Kb / 17P
   Bus buffer/line driver; 3-state
Rev. 8-23 August 2012
74AHC_AHCT1G14 PHILIPS-74AHC_AHCT1G14_15 Datasheet
204Kb / 16P
   Inverting Schmitt trigger
Rev. 7-18 November 2014
More results

同様の説明 - 74AHC_AHCT1G66_15

メーカー部品番号データシート部品情報
logo
Nexperia B.V. All right...
74AHC1G66-Q100 NEXPERIA-74AHC1G66-Q100 Datasheet
811Kb / 18P
   Single-pole single-throw analog switch
74AHCT1G66 NEXPERIA-74AHCT1G66 Datasheet
263Kb / 16P
   Single-pole single-throw analog switch
Rev. 5 - 11 January 2022
74HC1G66 NEXPERIA-74HC1G66 Datasheet
269Kb / 17P
   Single-pole single-throw analog switch
Rev. 5 - 27 January 2022
logo
NXP Semiconductors
74HC_HCT1G66 PHILIPS-74HC_HCT1G66_15 Datasheet
115Kb / 18P
   Single-pole single-throw analog switch
Rev. 04-19 December 2008
74AHC1G66 NXP-74AHC1G66 Datasheet
113Kb / 17P
   Single-pole single-throw analog switch
Rev. 04-18 December 2008
logo
Nexperia B.V. All right...
74HC1G66-Q100 NEXPERIA-74HC1G66-Q100 Datasheet
730Kb / 19P
   Single-pole single-throw analog switch
74AHCAHC1G66-Q100 NEXPERIA-74AHCAHC1G66-Q100 Datasheet
262Kb / 16P
   Single-pole single-throw analog switch
Rev. 2 - 11 January 2022
logo
NXP Semiconductors
74HC1G66 NXP-74HC1G66 Datasheet
115Kb / 18P
   Single-pole single-throw analog switch
Rev. 04-19 December 2008
HEF4066B NXP-HEF4066B Datasheet
127Kb / 16P
   Quad single-pole single-throw analog switch
Rev. 7-16 November 2011
logo
Nexperia B.V. All right...
74HCT4066 NEXPERIA-74HCT4066 Datasheet
316Kb / 21P
   Quad single-pole single-throw analog switch
Rev. 10 - 8 June 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com