データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74AHC_AHCT3G04 データシート(PDF) 6 Page - NXP Semiconductors

部品番号 74AHC_AHCT3G04
部品情報  Inverter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHC_AHCT3G04 データシート(HTML) 6 Page - NXP Semiconductors

Back Button 74AHC_AHCT3G04_15 Datasheet HTML 2Page - NXP Semiconductors 74AHC_AHCT3G04_15 Datasheet HTML 3Page - NXP Semiconductors 74AHC_AHCT3G04_15 Datasheet HTML 4Page - NXP Semiconductors 74AHC_AHCT3G04_15 Datasheet HTML 5Page - NXP Semiconductors 74AHC_AHCT3G04_15 Datasheet HTML 6Page - NXP Semiconductors 74AHC_AHCT3G04_15 Datasheet HTML 7Page - NXP Semiconductors 74AHC_AHCT3G04_15 Datasheet HTML 8Page - NXP Semiconductors 74AHC_AHCT3G04_15 Datasheet HTML 9Page - NXP Semiconductors 74AHC_AHCT3G04_15 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
74AHC_AHCT3G04
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 3 — 26 March 2013
6 of 14
NXP Semiconductors
74AHC3G04; 74AHCT3G04
Inverter
[1]
tpd is the same as tPLH and tPHL.
[2]
Typical values are measured at VCC = 3.3 V.
[3]
Typical values are measured at VCC = 5.0 V.
[4]
CPD is used to determine the dynamic power dissipation (PD in W).
PD =CPD  VCC2  fi  N+ (CL  VCC2  fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
(C
L  VCC
2
 f
o) = sum of the outputs.
12. Waveforms
74AHCT3G04
tpd
propagation
delay
nA to nY;
VCC = 4.5 V to 5.5 V
[1] [3]
CL = 15 pF
-
3.4
6.7
1.0
7.5
1.0
8.5
ns
CL = 50 pF
-
4.9
7.7
1.0
8.5
1.0
10.0
ns
CPD
power
dissipation
capacitance
per buffer;
CL =50pF; fi = 1 MHz;
VI =GND to VCC
[4]
-10
-
-
-
-
-
pF
Table 8.
Dynamic characteristics …continued
GND = 0 V; for test circuit see Figure 7.
Symbol Parameter
Conditions
25
C
40 C to +85 C 40 C to +125 C Unit
Min
Typ
Max
Min
Max
Min
Max
Fig 6.
The input (nA) to output (nY) propagation delays.
mna344
tPHL
tPLH
VM
VM
VM
VM
nA input
nY output
GND
VI
VOH
VOL
Table 9.
Measurement points
Type
Input
Output
VM
VM
74AHC3G04
0.5VCC
0.5VCC
74AHCT3G04
1.5 V
0.5VCC


同様の部品番号 - 74AHC_AHCT3G04_15

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74AHC_AHCT3G14 PHILIPS-74AHC_AHCT3G14_15 Datasheet
220Kb / 19P
   Triple inverting Schmitt trigger
Rev. 8-13 May 2013
More results

同様の説明 - 74AHC_AHCT3G04_15

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74LVC1GU04 PHILIPS-74LVC1GU04 Datasheet
96Kb / 15P
   Inverter
2004 Sep 21
logo
Sumida Corporation
CIUH7D45 SUMIDA-CIUH7D45 Datasheet
160Kb / 1P
   INVERTER
logo
Toshiba Semiconductor
TC7S04FTE85LF TOSHIBA-TC7S04FTE85LF Datasheet
183Kb / 7P
   Inverter
logo
Unisonic Technologies
U74AHCT3G04 UTC-U74AHCT3G04 Datasheet
193Kb / 5P
   INVERTER
logo
NXP Semiconductors
74HC3G04 NXP-74HC3G04 Datasheet
91Kb / 13P
   Inverter
Rev. 03-2 July 2008
logo
Toshiba Semiconductor
TC7SZ04AFE TOSHIBA-TC7SZ04AFE_07 Datasheet
153Kb / 5P
   Inverter
TC7SU04F TOSHIBA-TC7SU04F_01 Datasheet
225Kb / 6P
   INVERTER
TC7S04F TOSHIBA-TC7S04F_01 Datasheet
229Kb / 6P
   INVERTER
TC7SZ04AFS TOSHIBA-TC7SZ04AFS Datasheet
166Kb / 6P
   INVERTER
logo
Renesas Technology Corp
RJP65D05DWA RENESAS-RJP65D05DWA Datasheet
157Kb / 4P
   Inverter
RJP65M04DWA RENESAS-RJP65M04DWA_15 Datasheet
147Kb / 4P
   Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com