データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74AHC_AHCT3G14 データシート(PDF) 9 Page - NXP Semiconductors

部品番号 74AHC_AHCT3G14
部品情報  Triple inverting Schmitt trigger
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHC_AHCT3G14 データシート(HTML) 9 Page - NXP Semiconductors

Back Button 74AHC_AHCT3G14_15 Datasheet HTML 5Page - NXP Semiconductors 74AHC_AHCT3G14_15 Datasheet HTML 6Page - NXP Semiconductors 74AHC_AHCT3G14_15 Datasheet HTML 7Page - NXP Semiconductors 74AHC_AHCT3G14_15 Datasheet HTML 8Page - NXP Semiconductors 74AHC_AHCT3G14_15 Datasheet HTML 9Page - NXP Semiconductors 74AHC_AHCT3G14_15 Datasheet HTML 10Page - NXP Semiconductors 74AHC_AHCT3G14_15 Datasheet HTML 11Page - NXP Semiconductors 74AHC_AHCT3G14_15 Datasheet HTML 12Page - NXP Semiconductors 74AHC_AHCT3G14_15 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
74AHC_AHCT3G14
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 8 — 13 May 2013
9 of 19
NXP Semiconductors
74AHC3G14; 74AHCT3G14
Triple inverting Schmitt trigger
VCC = 5.5 V.
Fig 13. Typical 74AHC3G14 transfer characteristics
02
6
8
0
2
4
6
mna403
4
VI (V)
ICC
(mA)
VCC = 4.5 V.
VCC = 5.5 V.
Fig 14. Typical 74AHCT3G14 transfer characteristics
Fig 15. Typical 74AHCT3G14 transfer characteristics
05
VI (V)
ICC
(mA)
5
0
1
mna404
2
3
4
1234
02
6
8
0
2
4
6
mna405
4
VI (V)
ICC
(mA)


同様の部品番号 - 74AHC_AHCT3G14_15

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74AHC_AHCT3G04 PHILIPS-74AHC_AHCT3G04_15 Datasheet
182Kb / 14P
   Inverter
Rev. 3-26 March 2013
More results

同様の説明 - 74AHC_AHCT3G14_15

メーカー部品番号データシート部品情報
logo
Nexperia B.V. All right...
74HCT3G14-Q100 NEXPERIA-74HCT3G14-Q100 Datasheet
248Kb / 15P
   Triple inverting Schmitt trigger
Rev. 3 - 1 February 2019
logo
NXP Semiconductors
74HC_HCT3G14 PHILIPS-74HC_HCT3G14_15 Datasheet
220Kb / 21P
   Triple inverting Schmitt trigger
Rev. 5-9 December 2013
logo
Nexperia B.V. All right...
XC7WT14 NEXPERIA-XC7WT14 Datasheet
223Kb / 11P
   Triple inverting Schmitt trigger
Rev. 5 - 17 May 2021
XC7WH14 NEXPERIA-XC7WH14 Datasheet
246Kb / 14P
   Triple inverting Schmitt trigger
Rev. 6 - 22 February 2019
logo
NXP Semiconductors
XC7WH14 PHILIPS-XC7WH14_15 Datasheet
209Kb / 18P
   Triple inverting Schmitt trigger
Rev. 5-7 February 2013
logo
Nexperia B.V. All right...
74AHCT3G14 NEXPERIA-74AHCT3G14 Datasheet
267Kb / 15P
   Triple inverting Schmitt trigger
Rev. 9 - 4 December 2018
logo
NXP Semiconductors
XC7WT14 PHILIPS-XC7WT14_15 Datasheet
203Kb / 18P
   Triple inverting Schmitt trigger
Rev. 3-23 January 2013
logo
Nexperia B.V. All right...
74HCT3G14 NEXPERIA-74HCT3G14 Datasheet
248Kb / 15P
   Triple inverting Schmitt trigger
Rev. 6 - 1 February 2019
logo
NXP Semiconductors
74HC3G14 NXP-74HC3G14 Datasheet
109Kb / 18P
   Triple inverting Schmitt trigger
Rev. 03-8 May 2009
logo
Nexperia B.V. All right...
74HC3G14-Q100 NEXPERIA-74HC3G14-Q100 Datasheet
249Kb / 15P
   Triple inverting Schmitt trigger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com