データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74AHC_AHCT14 データシート(PDF) 2 Page - NXP Semiconductors

部品番号 74AHC_AHCT14
部品情報  Hex inverting Schmitt trigger
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHC_AHCT14 データシート(HTML) 2 Page - NXP Semiconductors

  74AHC_AHCT14_15 Datasheet HTML 1Page - NXP Semiconductors 74AHC_AHCT14_15 Datasheet HTML 2Page - NXP Semiconductors 74AHC_AHCT14_15 Datasheet HTML 3Page - NXP Semiconductors 74AHC_AHCT14_15 Datasheet HTML 4Page - NXP Semiconductors 74AHC_AHCT14_15 Datasheet HTML 5Page - NXP Semiconductors 74AHC_AHCT14_15 Datasheet HTML 6Page - NXP Semiconductors 74AHC_AHCT14_15 Datasheet HTML 7Page - NXP Semiconductors 74AHC_AHCT14_15 Datasheet HTML 8Page - NXP Semiconductors 74AHC_AHCT14_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
74AHC_AHCT14_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 4 May 2009
2 of 16
NXP Semiconductors
74AHC14; 74AHCT14
Hex inverting Schmitt trigger
3.
Ordering information
4.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range Name
Description
Version
74AHC14
74AHC14D
−40 °C to +125 °C
SO14
plastic small outline package; 14 leads;
body width 3.9 mm
SOT108-1
74AHC14PW
−40 °C to +125 °C
TSSOP14
plastic thin shrink small outline package; 14 leads;
body width 4.4 mm
SOT402-1
74AHC14BQ
−40 °C to +125 °C
DHVQFN14
plastic dual in-line compatible thermal enhanced very
thin quad flat package; no leads; 14 terminals; body
2.5
× 3 × 0.85 mm
SOT762-1
74AHCT14
74AHCT14D
−40 °C to +125 °C
SO14
plastic small outline package; 14 leads;
body width 3.9 mm
SOT108-1
74AHCT14PW
−40 °C to +125 °C
TSSOP14
plastic thin shrink small outline package; 14 leads;
body width 4.4 mm
SOT402-1
74AHCT14BQ
−40 °C to +125 °C
DHVQFN14
plastic dual in-line compatible thermal enhanced very
thin quad flat package; no leads; 14 terminals; body
2.5
× 3 × 0.85 mm
SOT762-1
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
Fig 3.
Logic diagram
(one Schmitt-trigger)
mna204
1A
1Y
1
2
2A
2Y
3
4
3A
3Y
5
6
4A
4Y
9
8
5A
5Y
11
10
6A
6Y
13
12
8
9
10
11
001aac497
12
13
2
1
4
3
6
5
mna025
A
Y


同様の部品番号 - 74AHC_AHCT14_15

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74AHC_AHCT123A PHILIPS-74AHC_AHCT123A_15 Datasheet
315Kb / 22P
   Dual retriggerable monostable multivibrator with reset
Rev. 4-8 November 2011
74AHC_AHCT125 PHILIPS-74AHC_AHCT125_15 Datasheet
100Kb / 15P
   Quad buffer/line driver; 3-state
Rev. 04-11 January 2008
74AHC_AHCT132 PHILIPS-74AHC_AHCT132_15 Datasheet
126Kb / 17P
   Quad 2-input NAND Schmitt trigger
Rev. 06-4 May 2009
74AHC_AHCT139 PHILIPS-74AHC_AHCT139_15 Datasheet
91Kb / 14P
   Dual 2-to-4 line decoder/demultiplexer
Rev. 02-9 May 2008
74AHC_AHCT157 PHILIPS-74AHC_AHCT157_15 Datasheet
102Kb / 16P
   Quad 2-input multiplexer
Rev. 02-9 November 2007
More results

同様の説明 - 74AHC_AHCT14_15

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74ALVC14 PHILIPS-74ALVC14 Datasheet
92Kb / 16P
   Hex inverting Schmitt trigger
Rev. 03-15 February 2005
logo
Fairchild Semiconductor
MM74HC14 FAIRCHILD-MM74HC14 Datasheet
91Kb / 8P
   Hex Inverting Schmitt Trigger
MM74HCT14 FAIRCHILD-MM74HCT14 Datasheet
87Kb / 6P
   Hex Inverting Schmitt Trigger
logo
NXP Semiconductors
74AHC14 PHILIPS-74AHC14 Datasheet
103Kb / 16P
   Hex inverting Schmitt trigger
1999 Sep 27
74AHC14D-T NXP-74AHC14D-T Datasheet
123Kb / 16P
   Hex inverting Schmitt trigger
Rev. 05-4 May 2009
logo
Nexperia B.V. All right...
74HC14-Q100 NEXPERIA-74HC14-Q100 Datasheet
271Kb / 17P
   Hex inverting Schmitt trigger
Rev. 7 - 13 August 2021
74LV14 NEXPERIA-74LV14 Datasheet
259Kb / 15P
   Hex inverting Schmitt trigger
Rev. 9 - 14 September 2021
74LV14A NEXPERIA-74LV14A Datasheet
239Kb / 13P
   Hex inverting Schmitt trigger
Rev. 4 - 29 April 2021
logo
NXP Semiconductors
74HCT14 PHILIPS-74HCT14 Datasheet
120Kb / 23P
   Hex inverting Schmitt trigger
2003 Oct 30
logo
Fairchild Semiconductor
MM74HCT14 FAIRCHILD-MM74HCT14_05 Datasheet
94Kb / 7P
   Hex Inverting Schmitt Trigger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com