データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74AHC_AHCT157 データシート(PDF) 1 Page - NXP Semiconductors

部品番号 74AHC_AHCT157
部品情報  Quad 2-input multiplexer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHC_AHCT157 データシート(HTML) 1 Page - NXP Semiconductors

  74AHC_AHCT157_15 Datasheet HTML 1Page - NXP Semiconductors 74AHC_AHCT157_15 Datasheet HTML 2Page - NXP Semiconductors 74AHC_AHCT157_15 Datasheet HTML 3Page - NXP Semiconductors 74AHC_AHCT157_15 Datasheet HTML 4Page - NXP Semiconductors 74AHC_AHCT157_15 Datasheet HTML 5Page - NXP Semiconductors 74AHC_AHCT157_15 Datasheet HTML 6Page - NXP Semiconductors 74AHC_AHCT157_15 Datasheet HTML 7Page - NXP Semiconductors 74AHC_AHCT157_15 Datasheet HTML 8Page - NXP Semiconductors 74AHC_AHCT157_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1.
General description
The 74AHC/AHCT157 are high-speed Si-gate CMOS devices and are pin compatible with
Low Power Schottky TTL (LSTTL). They are specified in compliance with JEDEC
standard no. 7A.
The 74AHC/AHCT157 are quad 2-input multiplexer which select 4 bits of data from two
sources under the control of a common data select input (S). The enable input (E) is
active LOW. When E is HIGH, all of the outputs (1Y to 4Y) are forced LOW regardless of
all other input conditions.
Moving the data from two groups of registers to four common output buses is a common
use of the 74AHC/AHCT157. The state of the common data select input (S) determines
the particular register from which the data comes. It can also be used as function
generator. The device is useful for implementing highly irregular logic by generating any
four of the 16 different functions of two variables with one variable common. The
74AHC/AHCT157 is logic implementation of a 4-pole, 2-position switch, where the
position of the switch is determine by the logic levels applied to S.
The logic equations are:
1Y = E
× (1I1 × S + 1I0 × S)
2Y = E
× (2I1 × S + 2I0 × S)
3Y = E
× (3I1 × S + 3I0 × S)
4Y = E
× (4I1 × S + 4I0 × S)
The 74AHC/AHCT157 is identical to the 74AHC/AHCT158 but has non-inverting (true)
outputs.
2.
Features
s Balanced propagation delays
s All inputs have a Schmitt-trigger action
s Inputs accepts voltages higher than VCC
s Multiple input enable for easy expansion
s Ideal for memory chip select decoding
s For 74AHC157 only: operates with CMOS input levels
s For 74AHCT157 only: operates with TTL input levels
s ESD protection:
x HBM JESD22-A114E exceeds 2000 V
x MM JESD22-A115-A exceeds 200 V
x CDM JESD22-C101C exceeds 1000 V
74AHC157; 74AHCT157
Quad 2-input multiplexer
Rev. 02 — 9 November 2007
Product data sheet


同様の部品番号 - 74AHC_AHCT157_15

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74AHC_AHCT123A PHILIPS-74AHC_AHCT123A_15 Datasheet
315Kb / 22P
   Dual retriggerable monostable multivibrator with reset
Rev. 4-8 November 2011
74AHC_AHCT125 PHILIPS-74AHC_AHCT125_15 Datasheet
100Kb / 15P
   Quad buffer/line driver; 3-state
Rev. 04-11 January 2008
74AHC_AHCT132 PHILIPS-74AHC_AHCT132_15 Datasheet
126Kb / 17P
   Quad 2-input NAND Schmitt trigger
Rev. 06-4 May 2009
74AHC_AHCT139 PHILIPS-74AHC_AHCT139_15 Datasheet
91Kb / 14P
   Dual 2-to-4 line decoder/demultiplexer
Rev. 02-9 May 2008
74AHC_AHCT14 PHILIPS-74AHC_AHCT14_15 Datasheet
123Kb / 16P
   Hex inverting Schmitt trigger
Rev. 05-4 May 2009
More results

同様の説明 - 74AHC_AHCT157_15

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74VHC157 FAIRCHILD-74VHC157 Datasheet
70Kb / 7P
   Quad 2-Input Multiplexer
logo
National Semiconductor ...
54F158A NSC-54F158A Datasheet
147Kb / 8P
   Quad 2-Input Multiplexer
logo
Hitachi Semiconductor
HD74AC158 HITACHI-HD74AC158 Datasheet
55Kb / 9P
   Quad 2-Input Multiplexer
logo
Fairchild Semiconductor
74F157A FAIRCHILD-74F157A Datasheet
74Kb / 6P
   Quad 2-Input Multiplexer
logo
ON Semiconductor
MC74AC157 ONSEMI-MC74AC157 Datasheet
106Kb / 10P
   Quad 2-Input Multiplexer
January, 2005 ??Rev. 6
logo
NXP Semiconductors
74LV157 PHILIPS-74LV157 Datasheet
117Kb / 12P
   Quad 2-input multiplexer
1998 Apr 30
logo
Hitachi Semiconductor
HD74AC157 HITACHI-HD74AC157 Datasheet
53Kb / 9P
   Quad 2-Input Multiplexer
logo
National Semiconductor ...
54F157ADM NSC-54F157ADM Datasheet
156Kb / 8P
   Quad 2-Input Multiplexer
logo
Fairchild Semiconductor
74VHC157 FAIRCHILD-74VHC157_07 Datasheet
253Kb / 10P
   Quad 2-Input Multiplexer
logo
NXP Semiconductors
74HC_HCT157 PHILIPS-74HC_HCT157_15 Datasheet
209Kb / 19P
   Quad 2-input multiplexer
Rev. 7-21 January 2015
logo
Texas Instruments
54AC157 TI1-54AC157 Datasheet
140Kb / 10P
[Old version datasheet]   Quad 2-Input Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com