データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74ALVC_ALVCH16245 データシート(PDF) 6 Page - NXP Semiconductors

部品番号 74ALVC_ALVCH16245
部品情報  16-bit transceiver with direction pin; 3-state
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVC_ALVCH16245 データシート(HTML) 6 Page - NXP Semiconductors

Back Button 74ALVC_ALVCH16245_15 Datasheet HTML 2Page - NXP Semiconductors 74ALVC_ALVCH16245_15 Datasheet HTML 3Page - NXP Semiconductors 74ALVC_ALVCH16245_15 Datasheet HTML 4Page - NXP Semiconductors 74ALVC_ALVCH16245_15 Datasheet HTML 5Page - NXP Semiconductors 74ALVC_ALVCH16245_15 Datasheet HTML 6Page - NXP Semiconductors 74ALVC_ALVCH16245_15 Datasheet HTML 7Page - NXP Semiconductors 74ALVC_ALVCH16245_15 Datasheet HTML 8Page - NXP Semiconductors 74ALVC_ALVCH16245_15 Datasheet HTML 9Page - NXP Semiconductors 74ALVC_ALVCH16245_15 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
9397 750 13117
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 03 — 12 May 2004
6 of 17
Philips Semiconductors
74ALVC16245; 74ALVCH16245
16-bit bus transceiver with direction pin; 3-state
12
1B7
data output or input
13
2B0
data output or input
14
2B1
data output or input
15
GND
ground (0 V)
16
2B2
data output or input
17
2B3
data output or input
18
VCC
positive supply voltage
19
2B4
data output or input
20
2B5
data output or input
21
GND
ground (0 V)
22
2B6
data output or input
23
2B7
data output or input
24
2DIR
direction control input
25
2OE
output enable input (active LOW)
26
2A7
data input or output
27
2A6
data input or output
28
GND
ground (0 V)
29
2A5
data input or output
30
2A4
data input or output
31
VCC
positive supply voltage
32
2A3
data input or output
33
2A2
data input or output
34
GND
ground (0 V)
35
2A1
data input or output
36
2A0
data input or output
37
1A7
data input or output
38
1A6
data input or output
39
GND
ground (0 V)
40
1A5
data input or output
41
1A4
data input or output
42
VCC
positive supply voltage
43
1A3
data input or output
44
1A2
data input or output
45
GND
ground (0 V)
46
1A1
data input or output
47
1A0
data input or output
48
1OE
output enable input (active LOW)
Table 3:
Pin description …continued
Pin
Symbol
Description


同様の部品番号 - 74ALVC_ALVCH16245_15

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74ALVC_ALVCH16244 PHILIPS-74ALVC_ALVCH16244_15 Datasheet
91Kb / 20P
   2.5 V/3.3 V 16-bit buffer/line driver (3-state)
2003 May 14
More results

同様の説明 - 74ALVC_ALVCH16245_15

メーカー部品番号データシート部品情報
logo
Nexperia B.V. All right...
74ALVC16245 NEXPERIA-74ALVC16245 Datasheet
232Kb / 13P
   16-bit transceiver with direction pin; 3-state
Rev. 6 - 5 August 2021
logo
NXP Semiconductors
74AVC16245 PHILIPS-74AVC16245_15 Datasheet
134Kb / 15P
   16-bit transceiver with direction pin; 3.6 V tolerant; 3-state
Rev. 3-31 January 2013
74AVCH16245 PHILIPS-74AVCH16245_15 Datasheet
137Kb / 16P
   16-bit transceiver with direction pin; 3.6 V tolerant; 3-state
Rev. 3-8 January 2013
74AVCH16245 PHILIPS-74AVCH16245 Datasheet
88Kb / 16P
   16-bit transceiver with direction pin; 3.6 V tolerant; 3-state
2000 Mar 07
logo
Nexperia B.V. All right...
74AVC16245-Q100 NEXPERIA-74AVC16245-Q100 Datasheet
760Kb / 15P
   16-bit transceiver with direction pin; 3.6 V tolerant 3-state
74AVC16245 NEXPERIA-74AVC16245 Datasheet
740Kb / 15P
   16-bit transceiver with direction pin; 3.6 V tolerant; 3-state
Rev. 3 - 31 January 2013
74AVCH16245 NEXPERIA-74AVCH16245 Datasheet
745Kb / 16P
   16-bit transceiver with direction pin; 3.6 V tolerant; 3-state
Rev. 3 - 8 January 2013
logo
NXP Semiconductors
74LVC16245A PHILIPS-74LVC16245A Datasheet
107Kb / 19P
   16-bit bus transceiver with direction pin; 5V tolerant 3-State
Rev. 08-6 November 2008
74ALVC16245 PHILIPS-74ALVC16245 Datasheet
91Kb / 10P
   2.5V/3.3V 16-bit bus transceiver with direction pin 3-State
1998 Jun 29
74AVC16245 PHILIPS-74AVC16245 Datasheet
87Kb / 16P
   16-bit transceiver with direction pin; 3-state 3.6 V tolerant
1999 Nov 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com