データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74ALVT16501 データシート(PDF) 1 Page - NXP Semiconductors

部品番号 74ALVT16501
部品情報  18-bit universal bus transceiver; 3-state
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT16501 データシート(HTML) 1 Page - NXP Semiconductors

  74ALVT16501_15 Datasheet HTML 1Page - NXP Semiconductors 74ALVT16501_15 Datasheet HTML 2Page - NXP Semiconductors 74ALVT16501_15 Datasheet HTML 3Page - NXP Semiconductors 74ALVT16501_15 Datasheet HTML 4Page - NXP Semiconductors 74ALVT16501_15 Datasheet HTML 5Page - NXP Semiconductors 74ALVT16501_15 Datasheet HTML 6Page - NXP Semiconductors 74ALVT16501_15 Datasheet HTML 7Page - NXP Semiconductors 74ALVT16501_15 Datasheet HTML 8Page - NXP Semiconductors 74ALVT16501_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1.
General description
The 74ALVT16501 is a high-performance Bipolar Complementary Metal Oxide
Semiconductor (BiCMOS) product designed for VCC operation at 2.5 V and 3.3 V with
I/O compatibility up to 5 V. This device is an 18-bit universal transceiver featuring
non-inverting 3-state bus compatible outputs in both send and receive directions.
Data flow in each direction is controlled by output enable (OEAB and OEBA), latch enable
(LEAB and LEBA), and clock (CPAB and CPBA) inputs.
For A-to-B data flow, the device operates in the transparent mode when LEAB is HIGH.
When LEAB is LOW, the A-bus data is latched if CPAB is held at a HIGH or LOW level.
If LEAB is LOW, the A-bus data is stored in the latch/flip-flop on the LOW-to-HIGH
transition of CPAB. When OEAB is HIGH, the outputs are active. When OEAB is LOW, the
outputs are in the high-impedance state.
Active bus hold circuitry is provided to hold unused or floating data inputs at a valid logic
level.
Data flow for B-to-A is similar to that of A-to-B but uses OEBA, LEBA and CPBA. The
output enables are complimentary (OEAB is active HIGH and OEBA is active LOW).
2.
Features
s 18-bit bidirectional bus interface
s 5 V I/O compatible
s 3-state buffers
s Output capability: +64 mA to
−32 mA
s TTL and LVTTL input and output switching levels
s Bus hold data inputs eliminate the need for external pull-up resistors to hold unused
inputs
s Live insertion and extraction permitted
s Power-up reset
s Power-up 3-state
s No bus current loading when output is tied to 5 V bus
s Positive-edge triggered clock inputs
s Latch-up protection:
x JESD78: exceeds 500 mA
s ESD protection:
x MIL STD 883, method 3015: exceeds 2000 V
x Machine model: exceeds 400 V
74ALVT16501
18-bit universal bus transceiver; 3-state
Rev. 04 — 8 August 2005
Product data sheet


同様の部品番号 - 74ALVT16501_15

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74ALVT16501DGG PHILIPS-74ALVT16501DGG Datasheet
102Kb / 16P
   2.5V/3.3V 18-bit universal bus transceiver 3-State
1998 Feb 13
74ALVT16501DGG PHILIPS-74ALVT16501DGG Datasheet
123Kb / 20P
   18-bit universal bus transceiver; 3-state
Rev. 04-8 August 2005
logo
Nexperia B.V. All right...
74ALVT16501DGG NEXPERIA-74ALVT16501DGG Datasheet
231Kb / 21P
   18-bit universal bus transceiver; 3-state
Rev. 04 - 8 August 2005
logo
NXP Semiconductors
74ALVT16501DL PHILIPS-74ALVT16501DL Datasheet
102Kb / 16P
   2.5V/3.3V 18-bit universal bus transceiver 3-State
1998 Feb 13
74ALVT16501DL PHILIPS-74ALVT16501DL Datasheet
123Kb / 20P
   18-bit universal bus transceiver; 3-state
Rev. 04-8 August 2005
More results

同様の説明 - 74ALVT16501_15

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74ALVCH16601 PHILIPS-74ALVCH16601 Datasheet
86Kb / 12P
   18-bit universal bus transceiver 3-State
1998 Sep 24
74ALVT16601 PHILIPS-74ALVT16601 Datasheet
96Kb / 14P
   18-bit universal bus transceiver 3-State
1998 Feb 13
74ALVCH16600 PHILIPS-74ALVCH16600_15 Datasheet
93Kb / 14P
   18-bit universal bus transceiver (3-State)
1998 Sep 24
logo
Nexperia B.V. All right...
74ALVCH16501 NEXPERIA-74ALVCH16501 Datasheet
253Kb / 15P
   18-bit universal bus transceiver; 3-state
Rev. 7 - 24 November 2021
74ALVT16601 NEXPERIA-74ALVT16601 Datasheet
233Kb / 21P
   18-bit universal bus transceiver; 3-state
Rev. 03 - 5 July 2005
logo
NXP Semiconductors
74ABT16500C PHILIPS-74ABT16500C Datasheet
88Kb / 12P
   18-bit universal bus transceiver 3-State
1998 Feb 27
logo
Nexperia B.V. All right...
74ALVCH16600 NEXPERIA-74ALVCH16600 Datasheet
210Kb / 17P
   18-bit universal bus transceiver; 3-state
Rev. 3 - 15 January 2018
74ALVCH16601 NEXPERIA-74ALVCH16601 Datasheet
231Kb / 15P
   18-bit universal bus transceiver; 3-state
Rev. 3 - 13 August 2018
logo
NXP Semiconductors
74ALVT16501 PHILIPS-74ALVT16501_05 Datasheet
123Kb / 20P
   18-bit universal bus transceiver; 3-state
Rev. 04-8 August 2005
74ALVCH16500 PHILIPS-74ALVCH16500 Datasheet
88Kb / 14P
   18-bit universal bus transceiver 3-State
1998 Sep 24
74ALVCH16501 PHILIPS-74ALVCH16501 Datasheet
86Kb / 13P
   18-bit universal bus transceiver 3-State
1998 Sep 29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com