データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MAX2321EUP データシート(PDF) 10 Page - Maxim Integrated Products

部品番号 MAX2321EUP
部品情報  Adjustable, High-Linearity, SiGe Dual-Band LNA/Mixer ICs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MAXIM [Maxim Integrated Products]
ホームページ  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2321EUP データシート(HTML) 10 Page - Maxim Integrated Products

Back Button MAX2321EUP Datasheet HTML 6Page - Maxim Integrated Products MAX2321EUP Datasheet HTML 7Page - Maxim Integrated Products MAX2321EUP Datasheet HTML 8Page - Maxim Integrated Products MAX2321EUP Datasheet HTML 9Page - Maxim Integrated Products MAX2321EUP Datasheet HTML 10Page - Maxim Integrated Products MAX2321EUP Datasheet HTML 11Page - Maxim Integrated Products MAX2321EUP Datasheet HTML 12Page - Maxim Integrated Products MAX2321EUP Datasheet HTML 13Page - Maxim Integrated Products MAX2321EUP Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
Adjustable, High-Linearity,
SiGe Dual-Band LNA/Mixer ICs
10
______________________________________________________________________________________
Typical Operating Characteristics (continued)
(MAX232_ EV kit, VCC = +2.75V, fLNAINH = fMIXINH = 1960MHz, fLNAINL = fMIXINL = 881MHz, fLOHIN = 1750MHz, fLOLIN = 1091MHz
(digital modes), fLOLIN = 991MHz (FM mode), LO input power = -7dBm, 50
Ω system, all measurements include matching component
losses but not connector and trace losses, TA = +25°C, unless otherwise noted.)
11.0
12.0
11.5
13.0
12.5
13.5
14.0
611
16
CELLULAR-BAND HGHL MIXER
CONVERSION GAIN vs. CURRENT
MIXER CURRENT (mA)
VCC = +3.6V, HIGH SIDE LO
VCC = +3.0V, HIGH SIDE LO
VCC = +2.7V,
HIGH SIDE LO
VCC = +2.7V, LOW SIDE LO
VCC = +3.6V, LOW SIDE LO
VCC = +3.0V,
LOW SIDE LO
6
8
7
11
10
9
13
14
12
15
611
16
PCS-BAND HGHL MIXER
CONVERSION GAIN vs. CURRENT
MIXER CURRENT (mA)
TA = -45
°C, HIGH SIDE LO
TA = +25
°C, HIGH SIDE LO
TA = +85
°C, LOW SIDE LO
TA = +25
°C, LOW SIDE LO
TA = +85
°C, HIGH SIDE LO
TA = -45
°C, LOW SIDE LO
11.0
12.0
11.5
13.0
12.5
13.5
14.0
611
16
PCS-BAND HGHL MIXER
CONVERSION GAIN vs. CURRENT
MIXER CURRENT (mA)
VCC = +3.6V TO +2.7V
HIGH AND LOW
SIDE LO
6
7
8
9
10
11
12
13
14
-20
-15
-10
-5
5
0
CELLULAR-BAND MIXER CONVERSION
GAIN vs. LO INPUT LEVEL
LO INPUT LEVEL (dBm)
HGLL, LOW SIDE LO
HGLL, HIGH SIDE LO
FM, HIGH SIDE LO
FM, LOW SIDE LO
HGHL, LOW SIDE LO
HGHL, HIGH SIDE LO
9.0
9.5
10.0
10.5
11.0
11.5
12.0
12.5
13.0
-19
-14
-9
-4
1
PCS-BAND HGHL MIXER CONVERSION
GAIN vs. LO INPUT LEVEL
LO INPUT LEVEL (dBm)
HGLL, LOW SIDE LO
HGLL, HIGH SIDE LO
HGHL, LOW SIDE LO
HGHL, HIGH SIDE LO
6
0
4
2
8
6
12
10
14
700
800
900
1000
CELLULAR-BAND
HGHL MIXER CONVERSION
GAIN vs. INPUT FREQUENCY
RF INPUT FREQUENCY (MHz)
0
4
2
8
6
12
10
14
1700
2100
2300
1900
2500
PCS-BAND HGHL MIXER CONVERSION
GAIN vs. RF INPUT FREQUENCY
RF INPUT FREQUENCY (MHz)
-4
0
-2
4
2
6
8
611
16
CELLULAR-BAND HGHL
MIXER IIP3 vs. CURRENT
MIXER CURRENT (mA)
TA = -40
°C, HIGH SIDE LO
TA = -40
°C, LOW SIDE LO
TA = +25
°C,
LOW SIDE LO
TA = +25
°C,
HIGH SIDE LO
TA = +85
°C,
HIGH SIDE LO
TA = +85
°C, LOW SIDE LO
-2
-1
0
1
2
3
4
5
6
611
16
CELLULAR-BAND HGHL
MIXER IIP3 vs. CURRENT
MIXER CURRENT (mA)
HIGH SIDE/LOW SIDE LO
VCC = 2.7V TO 3.6V


同様の部品番号 - MAX2321EUP

メーカー部品番号データシート部品情報
logo
Maxim Integrated Produc...
MAX232 MAXIM-MAX232 Datasheet
507Kb / 25P
   15kV ESD-Protected, 5V RS-232 Transceivers
Rev 5; 10/03
logo
Guangdong Youtai Semico...
MAX232 UMW-MAX232 Datasheet
1Mb / 6P
   5 V-Powered,Multi-Channel RS-232 Drivers/Receivers
logo
Maxim Integrated Produc...
MAX232 MAXIM-MAX232 Datasheet
395Kb / 36P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 15; 1/06
logo
Guangdong Youtai Semico...
MAX232 UMW-MAX232 Datasheet
929Kb / 6P
   5 V-Powered,Multi-Channel RS-232 Drivers/Receivers
logo
Texas Instruments
MAX232 TI-MAX232 Datasheet
562Kb / 16P
[Old version datasheet]   DUAL EIA-232 DRIVERS/RECEIVERS
REVISED MARCH 2004
More results

同様の説明 - MAX2321EUP

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
BGA771L16 INFINEON-BGA771L16 Datasheet
942Kb / 33P
   High Linearity Dual-Band UMTS LNA
V3.0, August 2008
logo
TriQuint Semiconductor
TGA2613-SM TRIQUINT-TGA2613-SM_15 Datasheet
506Kb / 12P
   S-Band High Linearity LNA
logo
Maxim Integrated Produc...
MAX19757 MAXIM-MAX19757 Datasheet
4Mb / 34P
   Dual, SiGe, High-Linearity, 1700MHz to 2700MHz Downconversion Mixer
Rev 0; 12/12
MAX9981 MAXIM-MAX9981 Datasheet
409Kb / 15P
   825MHz to 915MHz, Dual SiGe High-Linearity Active Mixer
logo
RF Micro Devices
RF2488 RFMD-RF2488 Datasheet
483Kb / 22P
   MULTI-MODE DUAL-BAND LNA MIXER
logo
Maxim Integrated Produc...
MAX9982 MAXIM-MAX9982 Datasheet
395Kb / 12P
   825MHz to 915MHz, SiGe High-Linearity Active Mixer
Rev 1; 9/02
logo
WJ Communication. Inc.
MH205A WJCI-MH205A Datasheet
139Kb / 4P
   High Linearity Cellular-Band MMIC Mixer
MH205A WJCI-MH205A_07 Datasheet
192Kb / 4P
   High Linearity Cellular-Band MMIC Mixer
MH203A WJCI-MH203A Datasheet
191Kb / 4P
   High Linearity Cellular-Band MMIC Mixer
MH205-RFID WJCI-MH205-RFID Datasheet
144Kb / 4P
   High Linearity Cellular-Band MMIC Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com