データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74HC_HCT3G14 データシート(PDF) 5 Page - NXP Semiconductors

部品番号 74HC_HCT3G14
部品情報  Triple inverting Schmitt trigger
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC_HCT3G14 データシート(HTML) 5 Page - NXP Semiconductors

  74HC_HCT3G14_15 Datasheet HTML 1Page - NXP Semiconductors 74HC_HCT3G14_15 Datasheet HTML 2Page - NXP Semiconductors 74HC_HCT3G14_15 Datasheet HTML 3Page - NXP Semiconductors 74HC_HCT3G14_15 Datasheet HTML 4Page - NXP Semiconductors 74HC_HCT3G14_15 Datasheet HTML 5Page - NXP Semiconductors 74HC_HCT3G14_15 Datasheet HTML 6Page - NXP Semiconductors 74HC_HCT3G14_15 Datasheet HTML 7Page - NXP Semiconductors 74HC_HCT3G14_15 Datasheet HTML 8Page - NXP Semiconductors 74HC_HCT3G14_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
74HC_HCT3G14
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 5 — 9 December 2013
5 of 21
NXP Semiconductors
74HC3G14; 74HCT3G14
Triple inverting Schmitt trigger
11. Static characteristics
Table 7.
Static characteristics
Voltages are referenced to GND (ground = 0 V). All typical values are measured at Tamb =25 C.
Symbol Parameter
Conditions
25
C
40 C to +85 C 40 C to +125 C Unit
Min
Typ
Max
Min
Max
Min
Max
74HC3G14
VOH
HIGH-level
output voltage
VI = VT+ or VT
IO = 20 A; VCC = 2.0 V
1.9
2.0
-
1.9
-
1.9
-
V
IO = 20 A; VCC = 4.5 V
4.4
4.5
-
4.4
-
4.4
-
V
IO = 20 A; VCC = 6.0 V
5.9
6.0
-
5.9
-
5.9
-
V
IO = 4.0 mA; VCC = 4.5 V
4.18
4.32
-
4.13
-
3.7
-
V
IO = 5.2 mA; VCC = 6.0 V
5.68
5.81
-
5.63
-
5.2
-
V
VOL
LOW-level
output voltage
VI = VT+ or VT
IO = 20 A; VCC = 2.0 V
-
0
0.1
-
0.1
-
0.1
V
IO = 20 A; VCC = 4.5 V
-
0
0.1
-
0.1
-
0.1
V
IO = 20 A; VCC = 6.0 V
-
0
0.1
-
0.1
-
0.1
V
IO = 4.0 mA; VCC = 4.5 V
-
0.15
0.26
-
0.33
-
0.4
V
IO = 5.2 mA; VCC = 6.0 V
-
0.16
0.26
-
0.33
-
0.4
V
II
input leakage
current
VI =VCC or GND; VCC =6.0 V
-
-
0.1
-
1.0
-
1.0
A
ICC
supply current per input pin; VCC =6.0 V;
VI =VCC or GND; IO =0A;
-
-
1.0
-
10
-
20
A
CI
input
capacitance
-2.0
-
-
-
-
-
pF
74HCT3G14
VOH
HIGH-level
output voltage
VI = VT+ or VT
IO = 20 A; VCC = 4.5 V
4.4
4.5
-
4.4
-
4.4
-
V
IO = 4.0 mA; VCC = 4.5 V
4.18
4.32
-
4.13
-
3.7
-
V
VOL
LOW-level
output voltage
VI = VIH or VIL
IO = 20 A; VCC = 4.5 V
-
0
0.1
-
0.1
-
0.1
V
IO = 4.0 mA; VCC = 4.5 V
-
0.15
0.26
-
0.33
-
0.4
V
II
input leakage
current
VI =VCC or GND; VCC =5.5 V
-
-
0.1
-
1.0
-
1.0
A
ICC
supply current per input pin; VCC =5.5 V;
VI =VCC or GND; IO =0A;
-
-
1.0
-
10
-
20
A
I
CC
additional
supply current
per input;
VCC = 4.5 V to 5.5 V;
VI =VCC  2.1 V; IO =0A
-
-
300
-
375
-
410
A
CI
input
capacitance
-2.0
-
-
-
-
-
pF


同様の部品番号 - 74HC_HCT3G14_15

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74HC_HCT3G04 PHILIPS-74HC_HCT3G04_15 Datasheet
181Kb / 14P
   Inverter
Rev. 4-2 October 2013
74HC_HCT3G06 PHILIPS-74HC_HCT3G06_15 Datasheet
182Kb / 14P
   Triple inverter with open-drain outputs
Rev. 4-19 December 2013
74HC_HCT3G07 PHILIPS-74HC_HCT3G07_15 Datasheet
185Kb / 14P
   Triple buffer with open-drain outputs
Rev. 4-16 December 2013
74HC_HCT3G34 PHILIPS-74HC_HCT3G34_15 Datasheet
179Kb / 14P
   Triple buffer gate
Rev. 6-11 December 2013
More results

同様の説明 - 74HC_HCT3G14_15

メーカー部品番号データシート部品情報
logo
Nexperia B.V. All right...
74HCT3G14-Q100 NEXPERIA-74HCT3G14-Q100 Datasheet
248Kb / 15P
   Triple inverting Schmitt trigger
Rev. 3 - 1 February 2019
XC7WT14 NEXPERIA-XC7WT14 Datasheet
223Kb / 11P
   Triple inverting Schmitt trigger
Rev. 5 - 17 May 2021
XC7WH14 NEXPERIA-XC7WH14 Datasheet
246Kb / 14P
   Triple inverting Schmitt trigger
Rev. 6 - 22 February 2019
logo
NXP Semiconductors
XC7WH14 PHILIPS-XC7WH14_15 Datasheet
209Kb / 18P
   Triple inverting Schmitt trigger
Rev. 5-7 February 2013
logo
Nexperia B.V. All right...
74AHCT3G14 NEXPERIA-74AHCT3G14 Datasheet
267Kb / 15P
   Triple inverting Schmitt trigger
Rev. 9 - 4 December 2018
logo
NXP Semiconductors
XC7WT14 PHILIPS-XC7WT14_15 Datasheet
203Kb / 18P
   Triple inverting Schmitt trigger
Rev. 3-23 January 2013
74AHC_AHCT3G14 PHILIPS-74AHC_AHCT3G14_15 Datasheet
220Kb / 19P
   Triple inverting Schmitt trigger
Rev. 8-13 May 2013
logo
Nexperia B.V. All right...
74HCT3G14 NEXPERIA-74HCT3G14 Datasheet
248Kb / 15P
   Triple inverting Schmitt trigger
Rev. 6 - 1 February 2019
logo
NXP Semiconductors
74HC3G14 NXP-74HC3G14 Datasheet
109Kb / 18P
   Triple inverting Schmitt trigger
Rev. 03-8 May 2009
logo
Nexperia B.V. All right...
74HC3G14-Q100 NEXPERIA-74HC3G14-Q100 Datasheet
249Kb / 15P
   Triple inverting Schmitt trigger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com