データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74HC_HCT151 データシート(PDF) 5 Page - NXP Semiconductors

部品番号 74HC_HCT151
部品情報  8-input multiplexer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC_HCT151 データシート(HTML) 5 Page - NXP Semiconductors

  74HC_HCT151_15 Datasheet HTML 1Page - NXP Semiconductors 74HC_HCT151_15 Datasheet HTML 2Page - NXP Semiconductors 74HC_HCT151_15 Datasheet HTML 3Page - NXP Semiconductors 74HC_HCT151_15 Datasheet HTML 4Page - NXP Semiconductors 74HC_HCT151_15 Datasheet HTML 5Page - NXP Semiconductors 74HC_HCT151_15 Datasheet HTML 6Page - NXP Semiconductors 74HC_HCT151_15 Datasheet HTML 7Page - NXP Semiconductors 74HC_HCT151_15 Datasheet HTML 8Page - NXP Semiconductors 74HC_HCT151_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
74HC_HCT151
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 5 — 26 January 2015
5 of 19
NXP Semiconductors
74HC151; 74HCT151
8-input multiplexer
[1]
For DIP16 package: Ptot derates linearly with 12 mW/K above 70 C.
[2]
For SO16 package: Ptot derates linearly with 8 mW/K above 70 C.
[3]
For SSOP16 and TSSOP16 packages: Ptot derates linearly with 5.5 mW/K above 60 C.
8.
Recommended operating conditions
Ptot
total power dissipation
Tamb = 40 C to +125 C
DIP16 package
[1] -
750
mW
SO16 package
[2] -
500
mW
(T)SSOP16 package
[3] -
500
mW
Table 4.
Limiting values …continued
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
Table 5.
Recommended operating conditions
Voltages are referenced to GND (ground = 0 V)
Symbol Parameter
Conditions
74HC151
74HCT151
Unit
Min
Typ
Max
Min
Typ
Max
VCC
supply voltage
2.0
5.0
6.0
4.5
5.0
5.5
V
VI
input voltage
0
-
VCC
0-
VCC
V
VO
output voltage
0
-
VCC
0-
VCC
V
Tamb
ambient temperature
40
+25
+125
40
+25
+125
C
t/V
input transition rise and fall rate
VCC = 2.0 V
-
-
625
-
-
-
ns/V
VCC = 4.5 V
-
1.67
139
-
1.67
139
ns/V
VCC = 6.0 V
-
-
83
-
-
-
ns/V


同様の部品番号 - 74HC_HCT151_15

メーカー部品番号データシート部品情報
logo
Integrated Circuit Syst...
74HC_HCT151 ICST-74HC_HCT151 Datasheet
48Kb / 7P
   74HC/HCT151 8-input multiplexer
More results

同様の説明 - 74HC_HCT151_15

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74AC11251 PHILIPS-74AC11251 Datasheet
176Kb / 7P
   8-INPUT MULTIPLEXER
October 17 1990
logo
Motorola, Inc
SN54LS151 MOTOROLA-SN54LS151 Datasheet
174Kb / 5P
   8-INPUT MULTIPLEXER
logo
National Semiconductor ...
54F151ADM NSC-54F151ADM Datasheet
158Kb / 8P
   8-Input Multiplexer
logo
Nexperia B.V. All right...
74HC151-Q100 NEXPERIA-74HC151-Q100 Datasheet
764Kb / 17P
   8-input multiplexer
logo
National Semiconductor ...
54AC151 NSC-54AC151 Datasheet
156Kb / 10P
   8-Input Multiplexer
logo
Fairchild Semiconductor
74AC151 FAIRCHILD-74AC151 Datasheet
97Kb / 9P
   8-Input Multiplexer
logo
National Semiconductor ...
54AC151 NSC-54AC151_03 Datasheet
170Kb / 9P
   8-Input Multiplexer
logo
Fairchild Semiconductor
74F151A FAIRCHILD-74F151A Datasheet
81Kb / 7P
   8-Input Multiplexer
logo
Texas Instruments
CD74AC151 TI-CD74AC151 Datasheet
35Kb / 7P
[Old version datasheet]   8-Input Multiplexer
logo
National Semiconductor ...
54LS152 NSC-54LS152 Datasheet
77Kb / 3P
   8-INPUT MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com