データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74HC_HCT153 データシート(PDF) 4 Page - NXP Semiconductors

部品番号 74HC_HCT153
部品情報  Dual 4-input multiplexer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC_HCT153 データシート(HTML) 4 Page - NXP Semiconductors

  74HC_HCT153_15 Datasheet HTML 1Page - NXP Semiconductors 74HC_HCT153_15 Datasheet HTML 2Page - NXP Semiconductors 74HC_HCT153_15 Datasheet HTML 3Page - NXP Semiconductors 74HC_HCT153_15 Datasheet HTML 4Page - NXP Semiconductors 74HC_HCT153_15 Datasheet HTML 5Page - NXP Semiconductors 74HC_HCT153_15 Datasheet HTML 6Page - NXP Semiconductors 74HC_HCT153_15 Datasheet HTML 7Page - NXP Semiconductors 74HC_HCT153_15 Datasheet HTML 8Page - NXP Semiconductors 74HC_HCT153_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
74HC_HCT153
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2014. All rights reserved.
Product data sheet
Rev. 5 — 23 January 2014
4 of 17
NXP Semiconductors
74HC153; 74HCT153
Dual 4-input multiplexer
5.2 Pin description
6.
Functional description
7.
Limiting values
Table 2.
Pin description
Symbol
Pin
Description
1E, 2E
1, 15
output enable inputs (active LOW)
S0, S1
14, 2
data select inputs
1I0, 1I1, 1I2, 1I3
6, 5, 4, 3
data inputs source 1
1Y
7
multiplexer output source 1
GND
8
ground (0 V)
2Y
9
multiplexer output source 2
2I0, 2I1, 2I2, 2I3
10, 11, 12, 13
data inputs source 2
VCC
16
supply voltage
Table 3.
Function table
H = HIGH voltage level; L = LOW voltage level; X = don’t care.
select Inputs
data inputs
output enable
output
S0
S1
nI0
nI1
nI2
nI3
nE
nY
X
X
XXXXH
L
L
L
L
XXXL
L
L
L
H
XXXL
H
H
L
XL
XXL
L
H
L
XH
XXL
H
L
H
XXL
XL
L
L
H
XXH
XL
H
H
H
XXXL
L
L
H
H
XXXH
L
H
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
0.5
+7
V
IIK
input clamping current
VI < 0.5 V or VI >VCC +0.5 V
[1] -
20
mA
IOK
output clamping current
VO < 0.5 V or VO >VCC +0.5 V
[1] -
20
mA
IO
output current
0.5 V < V
O < VCC +0.5 V
-
25
mA
ICC
supply current
-
50
mA
IGND
ground current
50
-
mA
Tstg
storage temperature
65
+150
C


同様の部品番号 - 74HC_HCT153_15

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74HC-HCT153 PHILIPS-74HC-HCT153 Datasheet
46Kb / 7P
   Dual 4-input multiplexer
December 1990
More results

同様の説明 - 74HC_HCT153_15

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74AC153 FAIRCHILD-74AC153 Datasheet
98Kb / 9P
   Dual 4-Input Multiplexer
logo
National Semiconductor ...
54AC153 NSC-54AC153 Datasheet
150Kb / 8P
   Dual 4-Input Multiplexer
logo
Nexperia B.V. All right...
74HC153-Q100 NEXPERIA-74HC153-Q100 Datasheet
236Kb / 14P
   Dual 4-input multiplexer
logo
Motorola, Inc
MC74AC352 MOTOROLA-MC74AC352 Datasheet
189Kb / 7P
   DUAL 4-INPUT MULTIPLEXER
logo
National Semiconductor ...
MM74HC153 NSC-MM74HC153 Datasheet
111Kb / 4P
   Dual 4-Input Multiplexer
logo
NXP Semiconductors
74ALS153 PHILIPS-74ALS153 Datasheet
110Kb / 9P
   Dual 4-input multiplexer
1991 Feb 08
logo
National Semiconductor ...
54F153DM NSC-54F153DM Datasheet
167Kb / 10P
   Dual 4-Input Multiplexer
logo
AVG Semiconductors(HITE...
DV74ACT153 AVG-DV74ACT153 Datasheet
300Kb / 4P
   Dual 4-Input Multiplexer
logo
Motorola, Inc
MC5474F352 MOTOROLA-MC5474F352 Datasheet
68Kb / 3P
   DUAL 4-INPUT MULTIPLEXER
logo
ON Semiconductor
MC74AC153 ONSEMI-MC74AC153_15 Datasheet
100Kb / 9P
   Dual 4-Input Multiplexer
January, 2015 ??Rev. 8
logo
Motorola, Inc
SN54LS352 MOTOROLA-SN54LS352 Datasheet
160Kb / 5P
   DUAL 4-INPUT MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com