データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74HC_HCT157 データシート(PDF) 8 Page - NXP Semiconductors

部品番号 74HC_HCT157
部品情報  Quad 2-input multiplexer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC_HCT157 データシート(HTML) 8 Page - NXP Semiconductors

Back Button 74HC_HCT157_15 Datasheet HTML 4Page - NXP Semiconductors 74HC_HCT157_15 Datasheet HTML 5Page - NXP Semiconductors 74HC_HCT157_15 Datasheet HTML 6Page - NXP Semiconductors 74HC_HCT157_15 Datasheet HTML 7Page - NXP Semiconductors 74HC_HCT157_15 Datasheet HTML 8Page - NXP Semiconductors 74HC_HCT157_15 Datasheet HTML 9Page - NXP Semiconductors 74HC_HCT157_15 Datasheet HTML 10Page - NXP Semiconductors 74HC_HCT157_15 Datasheet HTML 11Page - NXP Semiconductors 74HC_HCT157_15 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
74HC_HCT157
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 7 — 21 January 2015
8 of 19
NXP Semiconductors
74HC157; 74HCT157
Quad 2-input multiplexer
[1]
tpd is the same as tPLH and tPHL.
[2]
tt is the same as tTHL and tTLH.
[3]
CPD is used to determine the dynamic power dissipation (PD in W).
PD =CPD  VCC2  fi  N+ (CL  VCC2  fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
(C
L  VCC
2
 f
o) = sum of outputs.
11. Waveforms
tt
transition
time
nY; see Figure 7
[2]
VCC = 4.5 V
-
7
15
-
19
-
22
ns
CPD
power
dissipation
capacitance
CL =50pF;f= 1 MHz;
VI = GND to VCC  1.5 V
[3]
-70
-
-
-
-
-
pF
Table 7.
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V); CL = 50 pF unless otherwise specified; for test circuit see Figure 9.
Symbol Parameter
Conditions
Tamb = 25 C
Tamb = 40 C
to +85
C
Tamb = 40 C
to +125
C
Unit
Min
Typ
Max
Min
Max
Min
Max
Measurement points are given in Table 8.
VOL and VOH are typical voltage output levels that occur with the output load.
Fig 7.
Propagation delay input (nI0, nI1, S) to output (nYn)


同様の部品番号 - 74HC_HCT157_15

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74HC-HCT153 PHILIPS-74HC-HCT153 Datasheet
46Kb / 7P
   Dual 4-input multiplexer
December 1990
logo
Integrated Circuit Syst...
74HC_HCT151 ICST-74HC_HCT151 Datasheet
48Kb / 7P
   74HC/HCT151 8-input multiplexer
logo
NXP Semiconductors
74HC_HCT151 PHILIPS-74HC_HCT151_15 Datasheet
195Kb / 19P
   8-input multiplexer
Rev. 5-26 January 2015
74HC_HCT153 PHILIPS-74HC_HCT153_15 Datasheet
178Kb / 17P
   Dual 4-input multiplexer
Rev. 5-23 January 2014
74HC_HCT154 PHILIPS-74HC_HCT154_15 Datasheet
138Kb / 21P
   4-to-16 line decoder/demultiplexer
Rev. 06-12 February 2007
More results

同様の説明 - 74HC_HCT157_15

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74VHC157 FAIRCHILD-74VHC157 Datasheet
70Kb / 7P
   Quad 2-Input Multiplexer
logo
National Semiconductor ...
54F158A NSC-54F158A Datasheet
147Kb / 8P
   Quad 2-Input Multiplexer
logo
Hitachi Semiconductor
HD74AC158 HITACHI-HD74AC158 Datasheet
55Kb / 9P
   Quad 2-Input Multiplexer
logo
Fairchild Semiconductor
74F157A FAIRCHILD-74F157A Datasheet
74Kb / 6P
   Quad 2-Input Multiplexer
logo
ON Semiconductor
MC74AC157 ONSEMI-MC74AC157 Datasheet
106Kb / 10P
   Quad 2-Input Multiplexer
January, 2005 ??Rev. 6
logo
NXP Semiconductors
74LV157 PHILIPS-74LV157 Datasheet
117Kb / 12P
   Quad 2-input multiplexer
1998 Apr 30
logo
Hitachi Semiconductor
HD74AC157 HITACHI-HD74AC157 Datasheet
53Kb / 9P
   Quad 2-Input Multiplexer
logo
National Semiconductor ...
54F157ADM NSC-54F157ADM Datasheet
156Kb / 8P
   Quad 2-Input Multiplexer
logo
Fairchild Semiconductor
74VHC157 FAIRCHILD-74VHC157_07 Datasheet
253Kb / 10P
   Quad 2-Input Multiplexer
logo
Texas Instruments
54AC157 TI1-54AC157 Datasheet
140Kb / 10P
[Old version datasheet]   Quad 2-Input Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com