データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74HC_HCT157 データシート(PDF) 10 Page - NXP Semiconductors

部品番号 74HC_HCT157
部品情報  Quad 2-input multiplexer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC_HCT157 データシート(HTML) 10 Page - NXP Semiconductors

Back Button 74HC_HCT157_15 Datasheet HTML 6Page - NXP Semiconductors 74HC_HCT157_15 Datasheet HTML 7Page - NXP Semiconductors 74HC_HCT157_15 Datasheet HTML 8Page - NXP Semiconductors 74HC_HCT157_15 Datasheet HTML 9Page - NXP Semiconductors 74HC_HCT157_15 Datasheet HTML 10Page - NXP Semiconductors 74HC_HCT157_15 Datasheet HTML 11Page - NXP Semiconductors 74HC_HCT157_15 Datasheet HTML 12Page - NXP Semiconductors 74HC_HCT157_15 Datasheet HTML 13Page - NXP Semiconductors 74HC_HCT157_15 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
74HC_HCT157
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 7 — 21 January 2015
10 of 19
NXP Semiconductors
74HC157; 74HCT157
Quad 2-input multiplexer
Test data is given in Table 9.
Definitions test circuit:
RT = Termination resistance should be equal to output impedance Zo of the pulse generator.
CL = Load capacitance including jig and probe capacitance.
RL = Load resistance.
S1 = Test selection switch.
Fig 9.
Test circuit for measuring switching times
Table 9.
Test data
Type
Input
Load
Test
VI
tr, tf
CL
74HC157
VCC
6.0 ns
15 pF, 50 pF
tPLH, tPHL
74HCT157
3.0 V
6.0 ns
15 pF, 50 pF
tPLH, tPHL


同様の部品番号 - 74HC_HCT157_15

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74HC-HCT153 PHILIPS-74HC-HCT153 Datasheet
46Kb / 7P
   Dual 4-input multiplexer
December 1990
logo
Integrated Circuit Syst...
74HC_HCT151 ICST-74HC_HCT151 Datasheet
48Kb / 7P
   74HC/HCT151 8-input multiplexer
logo
NXP Semiconductors
74HC_HCT151 PHILIPS-74HC_HCT151_15 Datasheet
195Kb / 19P
   8-input multiplexer
Rev. 5-26 January 2015
74HC_HCT153 PHILIPS-74HC_HCT153_15 Datasheet
178Kb / 17P
   Dual 4-input multiplexer
Rev. 5-23 January 2014
74HC_HCT154 PHILIPS-74HC_HCT154_15 Datasheet
138Kb / 21P
   4-to-16 line decoder/demultiplexer
Rev. 06-12 February 2007
More results

同様の説明 - 74HC_HCT157_15

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74VHC157 FAIRCHILD-74VHC157 Datasheet
70Kb / 7P
   Quad 2-Input Multiplexer
logo
National Semiconductor ...
54F158A NSC-54F158A Datasheet
147Kb / 8P
   Quad 2-Input Multiplexer
logo
Hitachi Semiconductor
HD74AC158 HITACHI-HD74AC158 Datasheet
55Kb / 9P
   Quad 2-Input Multiplexer
logo
Fairchild Semiconductor
74F157A FAIRCHILD-74F157A Datasheet
74Kb / 6P
   Quad 2-Input Multiplexer
logo
ON Semiconductor
MC74AC157 ONSEMI-MC74AC157 Datasheet
106Kb / 10P
   Quad 2-Input Multiplexer
January, 2005 ??Rev. 6
logo
NXP Semiconductors
74LV157 PHILIPS-74LV157 Datasheet
117Kb / 12P
   Quad 2-input multiplexer
1998 Apr 30
logo
Hitachi Semiconductor
HD74AC157 HITACHI-HD74AC157 Datasheet
53Kb / 9P
   Quad 2-Input Multiplexer
logo
National Semiconductor ...
54F157ADM NSC-54F157ADM Datasheet
156Kb / 8P
   Quad 2-Input Multiplexer
logo
Fairchild Semiconductor
74VHC157 FAIRCHILD-74VHC157_07 Datasheet
253Kb / 10P
   Quad 2-Input Multiplexer
logo
Texas Instruments
54AC157 TI1-54AC157 Datasheet
140Kb / 10P
[Old version datasheet]   Quad 2-Input Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com