データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74HC_HCT194_CNV データシート(PDF) 10 Page - NXP Semiconductors

部品番号 74HC_HCT194_CNV
部品情報  4-bit bidirectional universal shift register
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC_HCT194_CNV データシート(HTML) 10 Page - NXP Semiconductors

Back Button 74HC_HCT194_CNV_15 Datasheet HTML 2Page - NXP Semiconductors 74HC_HCT194_CNV_15 Datasheet HTML 3Page - NXP Semiconductors 74HC_HCT194_CNV_15 Datasheet HTML 4Page - NXP Semiconductors 74HC_HCT194_CNV_15 Datasheet HTML 5Page - NXP Semiconductors 74HC_HCT194_CNV_15 Datasheet HTML 6Page - NXP Semiconductors 74HC_HCT194_CNV_15 Datasheet HTML 7Page - NXP Semiconductors 74HC_HCT194_CNV_15 Datasheet HTML 8Page - NXP Semiconductors 74HC_HCT194_CNV_15 Datasheet HTML 9Page - NXP Semiconductors 74HC_HCT194_CNV_15 Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
December 1990
10
Philips Semiconductors
Product specification
4-bit bidirectional universal shift register
74HC/HCT194
AC WAVEFORMS
Fig.7
Waveforms showing the clock (CP) to
output (Qn) propagation delays, the clock
pulse width, the output transition times and
the maximum clock frequency.
(1) HC : VM = 50%; VI = GND to VCC.
HCT: VM = 1.3 V; VI = GND to 3 V.
Fig.8
Waveforms showing the master reset (MR)
pulse width, the master reset to output (Qn)
propagation delays and the master reset to
clock (CP) removal time.
(1) HC : VM = 50%; VI = GND to VCC.
HCT: VM = 1.3 V; VI = GND to 3 V.
Fig.9
Waveforms showing the set-up and hold
times from the data inputs (Dn, DSR and
DSL) to the clock (CP).
The shaded areas indicate when the input is permitted to
change for predictable output performance.
(1) HC : VM = 50%; VI = GND to VCC.
HCT: VM = 1.3 V; VI = GND to 3 V.
PACKAGE OUTLINES
See
“74HC/HCT/HCU/HCMOS Logic Package Outlines”.
Fig.10 Waveforms showing the set-up and hold
times from the mode control inputs (Sn) to
the clock input (CP).
The shaded areas indicate when the input is permitted to
change for predictable output performance.
(1) HC : VM = 50%; VI = GND to VCC.
HCT: VM = 1.3 V; VI = GND to 3 V.


同様の部品番号 - 74HC_HCT194_CNV_15

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74HC-HCT153 PHILIPS-74HC-HCT153 Datasheet
46Kb / 7P
   Dual 4-input multiplexer
December 1990
logo
Nexperia B.V. All right...
74HC-HCT1G00-Q100 NEXPERIA-74HC-HCT1G00-Q100 Datasheet
205Kb / 10P
   2-input NAND gate
Rev. 2 - 21 January 2022
logo
NXP Semiconductors
74HC_HCT123 PHILIPS-74HC_HCT123_15 Datasheet
267Kb / 25P
   Dual retriggerable monostable multivibrator with reset
Rev. 9-19 January 2015
74HC_HCT125 PHILIPS-74HC_HCT125_15 Datasheet
184Kb / 17P
   Quad buffer/line driver; 3-state
Rev. 5-19 January 2015
74HC_HCT126 PHILIPS-74HC_HCT126_15 Datasheet
187Kb / 16P
   Quad buffer/line driver; 3-state
Rev. 3-22 September 2014
More results

同様の説明 - 74HC_HCT194_CNV_15

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC74AC194 MOTOROLA-MC74AC194 Datasheet
216Kb / 7P
   4-Bit Bidirectional Universal Shift Register
logo
NXP Semiconductors
74HC194 PHILIPS-74HC194 Datasheet
79Kb / 10P
   4-bit bidirectional universal shift register
December 1990
logo
Micro Electronics
MMC40104 MICRO-ELECTRONICS-MMC40104 Datasheet
145Kb / 4P
   4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
logo
Texas Instruments
74ACT11194 TI1-74ACT11194 Datasheet
578Kb / 55P
[Old version datasheet]   4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
74AC11194 TI-74AC11194 Datasheet
128Kb / 8P
[Old version datasheet]   4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
logo
NXP Semiconductors
74F194 PHILIPS-74F194 Datasheet
89Kb / 10P
   4-bit bidirectional universal shift register
1989 Apr 04
logo
Motorola, Inc
SN54LS194A MOTOROLA-SN54LS194A Datasheet
215Kb / 6P
   4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
logo
Fairchild Semiconductor
DM74LS194A FAIRCHILD-DM74LS194A Datasheet
68Kb / 6P
   4-Bit Bidirectional Universal Shift Register
logo
Nexperia B.V. All right...
74HC194 NEXPERIA-74HC194 Datasheet
240Kb / 14P
   4-bit bidirectional universal shift register
Rev. 4 - 16 March 2021
logo
Hitachi Semiconductor
HD14194B HITACHI-HD14194B Datasheet
83Kb / 6P
   4-bit Bidirectional Universal Shift Register
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com