データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74HC_HCT251 データシート(PDF) 11 Page - NXP Semiconductors

部品番号 74HC_HCT251
部品情報  8-input multiplexer; 3-state
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC_HCT251 データシート(HTML) 11 Page - NXP Semiconductors

Back Button 74HC_HCT251_15 Datasheet HTML 7Page - NXP Semiconductors 74HC_HCT251_15 Datasheet HTML 8Page - NXP Semiconductors 74HC_HCT251_15 Datasheet HTML 9Page - NXP Semiconductors 74HC_HCT251_15 Datasheet HTML 10Page - NXP Semiconductors 74HC_HCT251_15 Datasheet HTML 11Page - NXP Semiconductors 74HC_HCT251_15 Datasheet HTML 12Page - NXP Semiconductors 74HC_HCT251_15 Datasheet HTML 13Page - NXP Semiconductors 74HC_HCT251_15 Datasheet HTML 14Page - NXP Semiconductors 74HC_HCT251_15 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
74HC_HCT251
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 3 — 9 July 2013
11 of 20
NXP Semiconductors
74HC251; 74HCT251
8-input multiplexer; 3-state
Measurement points are given in Table 8.
VOL and VOH are typical voltage output levels that occur with the output load.
Fig 9.
Enable and disable times
001aae307
tPLZ
tPHZ
outputs
disabled
outputs
enabled
90%
10%
outputs
enabled
output
LOW-to-OFF
OFF-to-LOW
output
HIGH-to-OFF
OFF-to-HIGH
OE input
VI
VOL
VOH
VCC
VM
GND
GND
tPZL
tPZH
VM
VM
Table 8.
Measurement points
Type
Input
Output
VM
VM
74HC251
0.5VCC
0.5VCC
74HCT251
1.3 V
1.3 V


同様の部品番号 - 74HC_HCT251_15

メーカー部品番号データシート部品情報
logo
Nexperia B.V. All right...
74HC-HCT253-Q100 NEXPERIA-74HC-HCT253-Q100 Datasheet
257Kb / 15P
   Dual 4-input multiplexer; 3-state
Rev. 4 - 27 September 2022
logo
NXP Semiconductors
74HC_HCT253 PHILIPS-74HC_HCT253_15 Datasheet
182Kb / 17P
   Dual 4-input multiplexer; 3-state
Rev. 5-21 January 2015
74HC_HCT257 PHILIPS-74HC_HCT257_15 Datasheet
195Kb / 18P
   Quad 2-input multiplexer; 3-state
Rev. 6-26 January 2015
74HC_HCT259 PHILIPS-74HC_HCT259_15 Datasheet
162Kb / 22P
   8-bit addressable latch
Rev. 5-7 August 2012
More results

同様の説明 - 74HC_HCT251_15

メーカー部品番号データシート部品情報
logo
Nexperia B.V. All right...
74HCT251 NEXPERIA-74HCT251 Datasheet
263Kb / 16P
   8-input multiplexer; 3-state
Rev. 6 - 8 February 2021
logo
NXP Semiconductors
74LV251 PHILIPS-74LV251 Datasheet
116Kb / 12P
   8-input multiplexer 3-State
1998 May 20
74ALS251 PHILIPS-74ALS251 Datasheet
103Kb / 8P
   8-input multiplexer 3-State
1991 Feb 08
logo
Nexperia B.V. All right...
74HC251-Q100 NEXPERIA-74HC251-Q100 Datasheet
268Kb / 17P
   8-input multiplexer; 3-state
logo
NXP Semiconductors
74HC251 PHILIPS-74HC251 Datasheet
53Kb / 7P
   8-input multiplexer; 3-state
December 1990
74F251A PHILIPS-74F251A Datasheet
46Kb / 5P
   8-input multiplexer 3-State
1996 Jan 05
logo
List of Unclassifed Man...
74HC356 ETC1-74HC356 Datasheet
337Kb / 8P
   8-INPUT MULTIPLEXER / RESISTER 3-STATE
logo
AVG Semiconductors(HITE...
DV74ACT251 AVG-DV74ACT251 Datasheet
310Kb / 4P
   8 Input Multiplexer with 3-State Outputs, 8 Input Digital Multiplexer
logo
NXP Semiconductors
74HC356 PHILIPS-74HC356 Datasheet
79Kb / 13P
   8-input multiplexer/register; 3-state
December 1990
logo
Motorola, Inc
SN54LS251 MOTOROLA-SN54LS251 Datasheet
181Kb / 6P
   8-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com