データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74HC_HCT597 データシート(PDF) 10 Page - NXP Semiconductors

部品番号 74HC_HCT597
部品情報  8-bit shift register with input flip-flops
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC_HCT597 データシート(HTML) 10 Page - NXP Semiconductors

Back Button 74HC_HCT597_15 Datasheet HTML 6Page - NXP Semiconductors 74HC_HCT597_15 Datasheet HTML 7Page - NXP Semiconductors 74HC_HCT597_15 Datasheet HTML 8Page - NXP Semiconductors 74HC_HCT597_15 Datasheet HTML 9Page - NXP Semiconductors 74HC_HCT597_15 Datasheet HTML 10Page - NXP Semiconductors 74HC_HCT597_15 Datasheet HTML 11Page - NXP Semiconductors 74HC_HCT597_15 Datasheet HTML 12Page - NXP Semiconductors 74HC_HCT597_15 Datasheet HTML 13Page - NXP Semiconductors 74HC_HCT597_15 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
74HC_HCT597
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 3 — 15 April 2014
10 of 23
NXP Semiconductors
74HC597; 74HCT597
8-bit shift register with input flip-flops
tsu
set-up time
Dn to STCP; see
Figure 12
VCC = 2.0 V
60
8
-
75
-
90
-
ns
VCC = 4.5 V
12
3
-
15
-
18
-
ns
VCC = 6.0 V
10
2
-
13
-
15
-
ns
DS to SHCP; see
Figure 12
VCC = 2.0 V
60
11
-
75
-
90
-
ns
VCC = 4.5 V
12
4
-
15
-
18
-
ns
VCC = 6.0 V
10
3
-
13
-
15
-
ns
PL to SHCP; see
Figure 13
VCC = 2.0 V
60
11
-
75
-
90
-
ns
VCC = 4.5 V
12
4
-
15
-
18
-
ns
VCC = 6.0 V
10
3
-
13
-
15
-
ns
th
hold time
Dn to STCP; see
Figure 12
VCC = 2.0 V
5
3-
5
-
5
-
ns
VCC = 4.5 V
5
1-
5
-
5
-
ns
VCC = 6.0 V
5
1-
5
-
5
-
ns
PL, DS to SHCP; see
Figure 12
VCC = 2.0 V
5
6-
5
-
5
-
ns
VCC = 4.5 V
5
2-
5
-
5
-
ns
VCC = 6.0 V
5
2-
5
-
5
-
ns
fmax
maximum
frequency
SHCP; see Figure 8
VCC = 2.0 V
6.0
29
-
4.8
-
4.0
-
MHz
VCC = 4.5 V
30
87
-
24
-
20
-
MHz
VCC = 5.0 V; CL = 15 pF
-
96
-
-
-
-
-
MHz
VCC = 6.0 V
35
104
-
28
-
24
-
MHz
CPD
power
dissipation
capacitance
CL = 50 pF; f = 1 MHz;
VI =GND to VCC
[3]
-29
-
-
-
-
-
pF
Table 7.
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V); CL = 50 pF unless otherwise specified; for test circuit, see Figure 14.
Symbol Parameter
Conditions
25
C
40 C to +85 C 40 C to +125 C Unit
Min
Typ
Max
Min
Max
Min
Max


同様の部品番号 - 74HC_HCT597_15

メーカー部品番号データシート部品情報
logo
Nexperia B.V. All right...
74HC-HCT594-Q100 NEXPERIA-74HC-HCT594-Q100 Datasheet
329Kb / 22P
   8-bit shift register with output register
Rev. 4 - 27 September 2022
logo
NXP Semiconductors
74HC_HCT594 PHILIPS-74HC_HCT594_15 Datasheet
137Kb / 26P
   8-bit shift register with output register
Rev. 03-20 December 2006
74HC_HCT595 PHILIPS-74HC_HCT595_15 Datasheet
256Kb / 24P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 7-26 January 2015
More results

同様の説明 - 74HC_HCT597_15

メーカー部品番号データシート部品情報
logo
Nexperia B.V. All right...
74HCT597-Q100 NEXPERIA-74HCT597-Q100 Datasheet
298Kb / 19P
   8-bit shift register with input flip-flops
Rev. 2 - 26 October 2021
logo
NXP Semiconductors
74HC597 PHILIPS-74HC597 Datasheet
84Kb / 12P
   8-bit shift register with input flip-flops
December 1990
logo
Nexperia B.V. All right...
74HC597-Q100 NEXPERIA-74HC597-Q100 Datasheet
781Kb / 20P
   8-bit shift register with input flip-flops
74HCT597 NEXPERIA-74HCT597 Datasheet
314Kb / 20P
   8-bit shift register with input flip-flops
Rev. 5 - 26 October 2021
logo
NXP Semiconductors
74HC7597 PHILIPS-74HC7597 Datasheet
90Kb / 12P
   8-bit shift register with input latches
December 1990
logo
Diodes Incorporated
74AHC594 DIODES-74AHC594 Datasheet
272Kb / 11P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
logo
NXP Semiconductors
74F597 PHILIPS-74F597 Datasheet
97Kb / 12P
   8-bit shift register with input storage registers
1991 Sep 13
logo
Diodes Incorporated
74HCT594 DIODES-74HCT594 Datasheet
277Kb / 12P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
74AHC595 DIODES-74AHC595 Datasheet
319Kb / 10P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
74HC594 DIODES-74HC594 Datasheet
260Kb / 10P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com