データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MAX3320A データシート(PDF) 1 Page - Maxim Integrated Products

部品番号 MAX3320A
部品情報  3V to 5.5V, up to 250kbps True RS-232 Transceiver with 4關A AutoShutdown Plus and Power-On Reset
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MAXIM [Maxim Integrated Products]
ホームページ  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3320A データシート(HTML) 1 Page - Maxim Integrated Products

  MAX3320A Datasheet HTML 1Page - Maxim Integrated Products MAX3320A Datasheet HTML 2Page - Maxim Integrated Products MAX3320A Datasheet HTML 3Page - Maxim Integrated Products MAX3320A Datasheet HTML 4Page - Maxim Integrated Products MAX3320A Datasheet HTML 5Page - Maxim Integrated Products MAX3320A Datasheet HTML 6Page - Maxim Integrated Products MAX3320A Datasheet HTML 7Page - Maxim Integrated Products MAX3320A Datasheet HTML 8Page - Maxim Integrated Products MAX3320A Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
_______________General Description
The MAX3320 combines a microprocessor (µP) super-
visory circuit with an RS-232 transceiver. The power-on
reset performs a single function: it asserts a reset signal
whenever the VCC supply voltage declines below a pre-
set threshold, staying asserted for at least 100ms after
VCC rises above the reset threshold. The MAX3320 has
an active-low RESET output, which is guaranteed to be in
the correct state for VCC down to 1V. The reset compara-
tor is designed to ignore fast transients on VCC. Reset
thresholds suitable for operation with a variety of supply
voltages are available.
The MAX3320 transceivers have a proprietary low-
dropout transmitter output stage, enabling true RS-232
performance with a dual charge pump powered from a
+3V to +5.5V supply. The device requires only four
small 0.1µF external charge-pump capacitors, and is
guaranteed to run at data rates of up to 250kbps. It
comes in the space-saving 20-pin SSOP package.
________________________Applications
Palmtop Computers
Portable/Battery-Powered Equipment
Hand-Held Equipment
Peripherals
Printers
____________________________Features
o Precise Monitoring of 5V and 3.3V Power-
Supply Voltages:
— 100ms (min) Power-On RESET Pulse Width
— Power-Supply Transient Immunity
— Guaranteed RESET Valid to VCC = 1V
o 4µA Supply Current Achieved with
AutoShutdown Plus
o Receivers Always Active
o Power-On Reset Always Active
o 4µA Low-Power Shutdown
o 250kbps Guaranteed Data Rate
3V to 5.5V, up to 250kbps True RS-232 Transceiver
with 4µA AutoShutdown Plus and Power-On Reset
________________________________________________________________
Maxim Integrated Products
1
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
C1+
VCC
C1-
GND
V-
C2-
C2+
V+
TOP VIEW
T1OUT
T2OUT
R1IN
R2IN
R2OUT
R1OUT
T2IN
T1IN
12
11
9
10
FORCEON
FORCEOFF
RESET
INVALID
MAXxxx
SSOP
MAX3320
__________________Pin Configuration
19-1253; Rev 0; 8/97
PART*
MAX3320_CAP
MAX3320_EAP
-40°C to +85°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
20 SSOP
20 SSOP
______________Ordering Information
*
This part offers a choice of reset threshold voltage. From the
table below, select the suffix corresponding to the desired
threshold and insert it into the blank to complete the part
number.
AutoShutdown Plus is a trademark of Maxim Integrated Products.
SUFFIX
A
B
RESET THRESHOLD
(V)
4.25
2.85
L
4.63
T
3.08
Typical Operating Circuit appears at end of data sheet.
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 408-737-7600 ext. 3468.


同様の部品番号 - MAX3320A

メーカー部品番号データシート部品情報
logo
Maxim Integrated Produc...
MAX332 MAXIM-MAX332 Datasheet
305Kb / 8P
   Quad SPST SMOS Analog Switches
MAX3322E MAXIM-MAX3322E Datasheet
329Kb / 13P
   15kV ESD-Protected, RS-232 Transceivers for Multidrop Applications
Rev 1; 1/03
MAX3322EEUP MAXIM-MAX3322EEUP Datasheet
329Kb / 13P
   15kV ESD-Protected, RS-232 Transceivers for Multidrop Applications
Rev 1; 1/03
MAX3322EEUP MAXIM-MAX3322EEUP Datasheet
334Kb / 13P
   Multidrop Applications
Rev 1; 1/03
MAX3323EEPE MAXIM-MAX3323EEPE Datasheet
329Kb / 13P
   15kV ESD-Protected, RS-232 Transceivers for Multidrop Applications
Rev 1; 1/03
More results

同様の説明 - MAX3320A

メーカー部品番号データシート部品情報
logo
Maxim Integrated Produc...
MAX3238 MAXIM-MAX3238 Datasheet
112Kb / 12P
   3.0V to 5.5V, 1關A, up to 250kbps, True RS-232 Transceiver with AutoShutdown Plus?
19-1144; Rev 0; 9/96
MAX3238 MAXIM-MAX3238_V01 Datasheet
207Kb / 12P
   3.0V to 5.5V, 1關A, up to 250kbps, True RS-232 Transceiver with AutoShutdown Plus
19-1144; Rev 1; 10/02
MAX3238CAI-T MAXIM-MAX3238CAI-T Datasheet
207Kb / 12P
   3.0V to 5.5V, 1μA, up to 250kbps, True RS-232 Transceiver with AutoShutdown Plus
Rev 1; 10/02
MAX3221 MAXIM-MAX3221 Datasheet
318Kb / 16P
   1μA Supply-Current, True 3V to 5.5V RS 232 Transceiver with AutoShutdown
Rev 6; 3/99
MAX3221 MAXIM-MAX3221_15 Datasheet
331Kb / 17P
   3V to 5.5V RS-232 Transceivers with AutoShutdown
Rev 9; 1/15
MAX3221 MAXIM-MAX3221_V01 Datasheet
1Mb / 16P
   3V to 5.5V RS-232 Transceivers with AutoShutdown
19-0306; Rev 10; 5/19
MAX3221 MAXIM-MAX3221_03 Datasheet
454Kb / 16P
   1μA Supply-Current, True 3V to 5.5V RS-232 Transceivers with AutoShutdown
Rev 8; 10/03
logo
3PEAK INC.
TPT3232E 3PEAK-TPT3232E Datasheet
585Kb / 10P
   3V to 5.5V, 250kbps RS-232 Transceivers
Rev. B.1
logo
Maxim Integrated Produc...
MAX338 MAXIM-MAX338 Datasheet
182Kb / 12P
   짹15kV ESD-Protected, 3.0V to 5.5V, Low-Power, up to 250kbps, True RS-232 Transceiver
19-1437; Rev 1; 10/99
MAX3384E MAXIM-MAX3384E Datasheet
221Kb / 11P
   짹15kV ESD-Protected, 3.0V to 5.5V, Low-Power, up to 250kbps, True RS-232 Transceiver
19-1949; Rev 0; 1/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com