データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MAX3387E データシート(PDF) 15 Page - Maxim Integrated Products

部品番号 MAX3387E
部品情報  3V, 짹15kV ESD-Protected, AutoShutdown Plus RS-232 Transceiver for PDAs and Cell Phones
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MAXIM [Maxim Integrated Products]
ホームページ  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3387E データシート(HTML) 15 Page - Maxim Integrated Products

Back Button MAX3387E Datasheet HTML 8Page - Maxim Integrated Products MAX3387E Datasheet HTML 9Page - Maxim Integrated Products MAX3387E Datasheet HTML 10Page - Maxim Integrated Products MAX3387E Datasheet HTML 11Page - Maxim Integrated Products MAX3387E Datasheet HTML 12Page - Maxim Integrated Products MAX3387E Datasheet HTML 13Page - Maxim Integrated Products MAX3387E Datasheet HTML 14Page - Maxim Integrated Products MAX3387E Datasheet HTML 15Page - Maxim Integrated Products MAX3387E Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
3V, ±15kV ESD-Protected, AutoShutdown Plus
RS-232 Transceiver for PDAs and Cell Phones
______________________________________________________________________________________
15
NOTES


同様の部品番号 - MAX3387E

メーカー部品番号データシート部品情報
logo
Maxim Integrated Produc...
MAX3387E MAXIM-MAX3387E Datasheet
171Kb / 14P
   3V, ±15kV ESD-Protected, AutoShutdown Plus RS-232 Transceiver for PDAs and Cell Phones
Rev 3; 6/10
MAX3387ECUG++ MAXIM-MAX3387ECUG+ Datasheet
171Kb / 14P
   3V, ±15kV ESD-Protected, AutoShutdown Plus RS-232 Transceiver for PDAs and Cell Phones
Rev 3; 6/10
MAX3387EEUG++ MAXIM-MAX3387EEUG+ Datasheet
171Kb / 14P
   3V, ±15kV ESD-Protected, AutoShutdown Plus RS-232 Transceiver for PDAs and Cell Phones
Rev 3; 6/10
MAX3387E MAXIM-MAX3387E_10 Datasheet
171Kb / 14P
   3V, ±15kV ESD-Protected, AutoShutdown Plus RS-232 Transceiver for PDAs and Cell Phones
Rev 3; 6/10
More results

同様の説明 - MAX3387E

メーカー部品番号データシート部品情報
logo
Maxim Integrated Produc...
MAX3387E MAXIM-MAX3387E_10 Datasheet
171Kb / 14P
   3V, ±15kV ESD-Protected, AutoShutdown Plus RS-232 Transceiver for PDAs and Cell Phones
Rev 3; 6/10
MAX3386E MAXIM-MAX3386E Datasheet
156Kb / 12P
   3.0V, 짹15kV ESD-Protected RS-232 Transceiver for PDAs and Cell Phones
19-1529; Rev 1; 10/99
MAX3388E MAXIM-MAX3388E Datasheet
276Kb / 11P
   2.5V, 짹15kV ESD-Protected RS-232 Transceivers for PDAs and Cell Phones
19-1845; Rev 1; 9/01
MAX3224E MAXIM-MAX3224E_V01 Datasheet
2Mb / 25P
   짹15kV ESD-Protected, 1關A, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
19-1339; Rev 11; 11/18
MAX202E MAXIM-MAX202E_15 Datasheet
395Kb / 25P
   짹15kV ESD-Protected,5V RS-232 Transceivers
Rev 7; 1/15
MAX221E MAXIM-MAX221E Datasheet
177Kb / 12P
   ±15kV ESD-Protected, 5V, 1uA, Single RS-232 Transceiver with AutoShutdown
Rev 0; 8/99
logo
Intersil Corporation
ICL3245ECAZ-T INTERSIL-ICL3245ECAZ-T Datasheet
450Kb / 20P
   짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 1Mbps, RS-232 Transceivers
ICL3221EM INTERSIL-ICL3221EM Datasheet
238Kb / 12P
   짹15kV ESD Protected, 3V, 1關A, 250kbps, RS-232 Transmitters/Receivers
logo
Maxim Integrated Produc...
MAX3314E MAXIM-MAX3314E Datasheet
244Kb / 8P
   짹15kV ESD-Protected, 460kbps, 1關A, RS-232-Compatible Transceiver
19-1696; Rev 1; 3/01
logo
Renesas Technology Corp
ISL83220E RENESAS-ISL83220E Datasheet
511Kb / 10P
   짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com