データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRF1010EZPBF データシート(PDF) 3 Page - International Rectifier

部品番号 IRF1010EZPBF
部品情報  Advanced Process Technology
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

IRF1010EZPBF データシート(HTML) 3 Page - International Rectifier

  IRF1010EZPBF Datasheet HTML 1Page - International Rectifier IRF1010EZPBF Datasheet HTML 2Page - International Rectifier IRF1010EZPBF Datasheet HTML 3Page - International Rectifier IRF1010EZPBF Datasheet HTML 4Page - International Rectifier IRF1010EZPBF Datasheet HTML 5Page - International Rectifier IRF1010EZPBF Datasheet HTML 6Page - International Rectifier IRF1010EZPBF Datasheet HTML 7Page - International Rectifier IRF1010EZPBF Datasheet HTML 8Page - International Rectifier IRF1010EZPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
IRF1010EZ/S/LPbF
www.irf.com
3
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
Fig 4. Typical Forward Transconductance
vs. Drain Current
0.01
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
1000
20µs PULSE WIDTH
Tj = 175°C
4.5V
VGS
TOP
15V
10V
8.0V
7.0V
6.0V
5.5V
5.0V
BOTTOM
4.5V
4
5
6
7
8
9
10
VGS, Gate-to-Source Voltage (V)
0.1
1
10
100
1000
TJ = 25°C
TJ = 175°C
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
1000
10000
VGS
TOP
15V
10V
8.0V
7.0V
6.0V
5.5V
5.0V
BOTTOM
4.5V
20µs PULSE WIDTH
Tj = 25°C
4.5V
0
20
40
60
80
100
120
140
ID,Drain-to-Source Current (A)
0
10
20
30
40
50
60
70
80
90
100
TJ = 25°C
TJ = 175°C
VDS = 25V
≤60µs PULSE WIDTH


同様の部品番号 - IRF1010EZPBF

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF1010EZPBF IRF-IRF1010EZPBF Datasheet
285Kb / 12P
   AUTOMOTIVE MOSFET
IRF1010EZPBF IRF-IRF1010EZPBF Datasheet
413Kb / 12P
   Advanced Process Technology
More results

同様の説明 - IRF1010EZPBF

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com