データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74HC_HCT4538 データシート(PDF) 2 Page - NXP Semiconductors

部品番号 74HC_HCT4538
部品情報  Dual retriggerable precision monostable multivibrator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC_HCT4538 データシート(HTML) 2 Page - NXP Semiconductors

  74HC_HCT4538_15 Datasheet HTML 1Page - NXP Semiconductors 74HC_HCT4538_15 Datasheet HTML 2Page - NXP Semiconductors 74HC_HCT4538_15 Datasheet HTML 3Page - NXP Semiconductors 74HC_HCT4538_15 Datasheet HTML 4Page - NXP Semiconductors 74HC_HCT4538_15 Datasheet HTML 5Page - NXP Semiconductors 74HC_HCT4538_15 Datasheet HTML 6Page - NXP Semiconductors 74HC_HCT4538_15 Datasheet HTML 7Page - NXP Semiconductors 74HC_HCT4538_15 Datasheet HTML 8Page - NXP Semiconductors 74HC_HCT4538_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
74HC_HCT4538_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 8 June 2009
2 of 24
NXP Semiconductors
74HC4538; 74HCT4538
Dual retriggerable precision monostable multivibrator
3.
Ordering information
4.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74HC4538N
−40 °C to +125 °C
DIP16
plastic dual in-line package; 16-leads (300 mil)
SOT38-4
74HCT4538N
74HC4538D
−40 °C to +125 °C
SO16
plastic small outline package; 16 leads; body width 3.9 mm SOT109-1
74HCT4538D
74HC4538DB
−40 °C to +125 °C
SSOP16
plastic shrink small outline package; 16 leads;
body width 5.3 mm
SOT338-1
74HCT4538DB
74HC4538PW
−40 °C to +125 °C
TSSOP16 plastic thin shrink small outline package; 16 leads;
body width 4.4 mm
SOT403-1
74HCT4538PW
Fig 1.
Functional diagram
001aae727
1A
1CEXT
1REXT/CEXT
7
6
1Q
1Q
1B
1CD
5
1
2
4
3
2A
2CEXT
2REXT/CEXT
9
10
2Q
2Q
2B
2CD
11
15
14
12
13


同様の部品番号 - 74HC_HCT4538_15

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74HC/HCT4538 PHILIPS-74HC/HCT4538 Datasheet
149Kb / 13P
   Dual retriggerable precision monostable multivibrator
September 1993
More results

同様の説明 - 74HC_HCT4538_15

メーカー部品番号データシート部品情報
logo
Nexperia B.V. All right...
74HC4538 NEXPERIA-74HC4538 Datasheet
293Kb / 17P
   Dual retriggerable precision monostable multivibrator
Rev. 6 - 16 July 2021
74HC4538-Q100 NEXPERIA-74HC4538-Q100 Datasheet
256Kb / 20P
   Dual retriggerable precision monostable multivibrator
74HCT4538-Q100 NEXPERIA-74HCT4538-Q100 Datasheet
252Kb / 20P
   Dual retriggerable precision monostable multivibrator
logo
NXP Semiconductors
74HC4538 PHILIPS-74HC4538 Datasheet
149Kb / 13P
   Dual retriggerable precision monostable multivibrator
September 1993
logo
Nexperia B.V. All right...
74HCT4538 NEXPERIA-74HCT4538 Datasheet
274Kb / 16P
   Dual retriggerable precision monostable multivibrator
Rev. 6 - 11 February 2021
logo
Toshiba Semiconductor
TC4538BP TOSHIBA-TC4538BP Datasheet
252Kb / 6P
   DUAL PRECISION RETRIGGERABLE/RESETTABLE MONOSTABLE MULTIVIBRATOR
logo
ON Semiconductor
MC74HC4538A ONSEMI-MC74HC4538A Datasheet
291Kb / 16P
   Dual Precision Monostable Multivibrator(Retriggerable, Resettable)
April, 2001 ??Rev. 8
MC14538B ONSEMI-MC14538B_05 Datasheet
151Kb / 12P
   Dual Precision Retriggerable/Resettable Monostable Multivibrator
August, 2005 ??Rev. 7
logo
Toshiba Semiconductor
TC4538BP TOSHIBA-TC4538BP_07 Datasheet
361Kb / 9P
   Dual Precision Retriggerable/Resettable Monostable Multivibrator
logo
Hitachi Semiconductor
HD14538B HITACHI-HD14538B Datasheet
116Kb / 8P
   Dual Precision Retriggerable/Resettable Monostable Multivibrator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com