データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74LV165 データシート(PDF) 7 Page - NXP Semiconductors

部品番号 74LV165
部品情報  8-bit parallel-in/serial-out shift register
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV165 データシート(HTML) 7 Page - NXP Semiconductors

Back Button 74LV165_15 Datasheet HTML 3Page - NXP Semiconductors 74LV165_15 Datasheet HTML 4Page - NXP Semiconductors 74LV165_15 Datasheet HTML 5Page - NXP Semiconductors 74LV165_15 Datasheet HTML 6Page - NXP Semiconductors 74LV165_15 Datasheet HTML 7Page - NXP Semiconductors 74LV165_15 Datasheet HTML 8Page - NXP Semiconductors 74LV165_15 Datasheet HTML 9Page - NXP Semiconductors 74LV165_15 Datasheet HTML 10Page - NXP Semiconductors 74LV165_15 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
74LV165
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2014. All rights reserved.
Product data sheet
Rev. 6 — 19 February 2014
7 of 21
NXP Semiconductors
74LV165
8-bit parallel-in/serial-out shift register
9.
Static characteristics
[1]
Typical values are measured at Tamb = 25 C.
Table 6.
Static characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
40 C to +85 C
40 C to +125 C Unit
Min
Typ[1]
Max
Min
Max
VIH
HIGH-level
input voltage
VCC = 1.2 V
0.9
-
-
0.9
-
V
VCC = 2.3 V to 2.7 V
1.4
-
-
1.4
-
V
VCC = 2.7 V to 3.6 V
2.0
-
-
2.0
-
V
VCC = 4.5 V to 5.5 V
0.7VCC
-
-
0.7VCC
-V
VIL
LOW-level
input voltage
VCC = 1.2 V
-
-
0.3
-
0.3
V
VCC = 2.3 V to 2.7 V
-
-
0.6
-
0.6
V
VCC = 2.7 V to 3.6 V
-
-
0.8
-
0.8
V
VCC = 4.5 V to 5.5 V
-
-
0.3VCC
-0.3VCC
VOH
HIGH-level
output voltage
VI = VIH or VIL; IO = 100 A
VCC = 1.2 V
-
1.2
-
VCC = 2.0 V
1.8
2.0
-
1.8
-
V
VCC = 2.7 V
2.5
2.7
-
2.5
-
V
VCC = 3.0 V
2.8
3.0
-
2.8
-
V
VCC = 4.5 V
4.3
4.5
-
4.3
-
V
standard outputs: VI = VIH or VIL
VCC = 3.0 V; IO = 6 mA
2.40
2.82
-
2.20
-
V
VCC = 4.5 V; IO = 12 mA
3.60
4.20
-
3.50
-
V
VOL
LOW-level
output voltage
VI = VIH or VIL; IO = 100 A
VCC = 1.2 V
-
0
---
VCC = 2.0 V
-
0
0.2
1.8
0.2
V
VCC = 2.7 V
-
0
0.2
2.5
0.2
V
VCC = 3.0 V
-
0
0.2
2.8
0.2
V
VCC = 4.5 V
-
0
0.2
4.3
0.2
V
standard outputs: VI = VIH or VIL
VCC = 3.0 V; IO = 6 mA
-
0.25
0.40
-
0.50
V
VCC = 4.5 V; IO = 12 mA
-
0.35
0.55
-
0.65
V
II
input leakage
current
VI = VCC or GND; VCC =5.5 V
-
-
1-
1
A
ICC
supply current
VI = VCC or GND; IO =0 A;
VCC =5.5 V
-
-
20
-
160
A
I
CC
additional
supply current
VI = VCC – 0.6 V;
VCC = 2.7 V to 3.6 V
--
500
-
850
A
CI
input
capacitance
-3.5
-
pF


同様の部品番号 - 74LV165_15

メーカー部品番号データシート部品情報
logo
Nexperia B.V. All right...
74LV165-Q100 NEXPERIA-74LV165-Q100 Datasheet
777Kb / 19P
   8-bit parallel-in/serial-out shift register
logo
NXP Semiconductors
74LV165A PHILIPS-74LV165A Datasheet
102Kb / 18P
   8-bit parallel-in/serial-out shift register
2003 Jul 23
logo
Texas Instruments
74LV165A TI-74LV165A Datasheet
735Kb / 19P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
logo
Nexperia B.V. All right...
74LV165A NEXPERIA-74LV165A Datasheet
810Kb / 19P
   8-bit parallel-in/serial-out shift register
Rev. 4 - 28 March 2014
74LV165A-Q100 NEXPERIA-74LV165A-Q100 Datasheet
779Kb / 19P
   8-bit parallel-in/serial-out shift register
More results

同様の説明 - 74LV165_15

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
   8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
Integral Corp.
IN74LV164 INTEGRAL-IN74LV164 Datasheet
45Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
NXP Semiconductors
74LV164 PHILIPS-74LV164 Datasheet
119Kb / 12P
   8-bit serial-in/parallel-out shift register
1998 May 07
logo
Fairchild Semiconductor
MM74HC165MX FAIRCHILD-MM74HC165MX Datasheet
79Kb / 8P
   Parallel-in/Serial-out 8-Bit Shift Register
logo
Motorola, Inc
MC5474F164 MOTOROLA-MC5474F164 Datasheet
69Kb / 3P
   8-BIT SERIAL-IN, PARALLEL-OUT SHIFT REGISTER
logo
KODENSHI_AUK CORP.
KK74LV164 KODENSHI-KK74LV164 Datasheet
476Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
Texas Instruments
CD54AC164 TI-CD54AC164_08 Datasheet
457Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
CD54AC164 TI-CD54AC164_07 Datasheet
427Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
logo
NXP Semiconductors
74HC_HCT165 PHILIPS-74HC_HCT165_15 Datasheet
139Kb / 22P
   8-bit parallel-in/serial out shift register
Rev. 03-14 March 2008
74AHC_AHCT164 PHILIPS-74AHC_AHCT164_15 Datasheet
109Kb / 18P
   8-bit serial-in/parallel-out shift register
Rev. 03-24 April 2008
logo
Nexperia B.V. All right...
74AHCT164 NEXPERIA-74AHCT164 Datasheet
265Kb / 16P
   8-bit serial-in/parallel-out shift register
Rev. 4 - 11 June 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com