データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74LV4066 データシート(PDF) 8 Page - NXP Semiconductors

部品番号 74LV4066
部品情報  Quad bilateral switches
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV4066 データシート(HTML) 8 Page - NXP Semiconductors

Back Button 74LV4066_15 Datasheet HTML 4Page - NXP Semiconductors 74LV4066_15 Datasheet HTML 5Page - NXP Semiconductors 74LV4066_15 Datasheet HTML 6Page - NXP Semiconductors 74LV4066_15 Datasheet HTML 7Page - NXP Semiconductors 74LV4066_15 Datasheet HTML 8Page - NXP Semiconductors 74LV4066_15 Datasheet HTML 9Page - NXP Semiconductors 74LV4066_15 Datasheet HTML 10Page - NXP Semiconductors 74LV4066_15 Datasheet HTML 11Page - NXP Semiconductors 74LV4066_15 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
9397 750 15209
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 4 July 2005
8 of 23
Philips Semiconductors
74LV4066
Quad bilateral switches
Table 8:
ON-resistance
At recommended operating conditions; voltages are referenced to GND (ground = 0 V); for test
circuit see Figure 7.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Tamb = −40 °C to +85 °C [1]; see Figure 8
RON(peak)
ON-resistance (peak)
VI = VIH or VIL
VCC = 1.2 V
[2] -
300
-
VCC = 2.0 V
-
60
130
VCC = 2.7 V
-
41
60
VCC = 3.0 V to 3.6 V
-
37
72
VCC = 4.5 V
-
25
52
VCC = 6.0 V
-
23
47
RON(rail)
ON-resistance (rail)
VI = VIH or VIL; Vis = GND
VCC = 1.2 V
[2] -75
-
VCC = 2.0 V
-
35
98
VCC = 2.7 V
-
26
60
VCC = 3.0 V to 3.6 V
-
24
52
VCC = 4.5 V
-
15
40
VCC = 6.0 V
-
13
35
VI = VIH or VIL; Vis =VCC
VCC = 1.2 V
[2] -75
-
VCC = 2.0 V
-
40
110
VCC = 2.7 V
-
35
72
VCC = 3.0 V to 3.6 V
-
30
65
VCC = 4.5 V
-
22
47
VCC = 6.0 V
-
20
40
RON(flatness)
ON-resistance
(flatness)
VI = VIH or VIL; Vis =VCC
VCC = 2.0 V
-
5
-
VCC = 2.7 V
-
4
-
VCC = 3.0 V to 3.6 V
-
4
-
VCC = 4.5 V
-
3
-
VCC = 6.0 V
-
2
-
Tamb = −40 °C to +125 °C
RON(peak)
ON-resistance (peak)
VI = VIH or VIL
VCC = 2.0 V
-
-
150
VCC = 2.7 V
-
-
90
VCC = 3.0 V to 3.6 V
-
-
83
VCC = 4.5 V
-
-
60
VCC = 6.0 V
-
-
54


同様の部品番号 - 74LV4066_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
74LV4066A TI-74LV4066A Datasheet
858Kb / 23P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCHES
logo
NXP Semiconductors
74LV4066D PHILIPS-74LV4066D Datasheet
84Kb / 10P
   Quad bilateral switches
1998 Jun 23
logo
Nexperia B.V. All right...
74LV4066D NEXPERIA-74LV4066D Datasheet
315Kb / 21P
   Quad bilateral switches
Rev. 5 - 24 October 2022
logo
NXP Semiconductors
74LV4066DB PHILIPS-74LV4066DB Datasheet
84Kb / 10P
   Quad bilateral switches
1998 Jun 23
logo
Nexperia B.V. All right...
74LV4066DB NEXPERIA-74LV4066DB Datasheet
315Kb / 21P
   Quad bilateral switches
Rev. 5 - 24 October 2022
More results

同様の説明 - 74LV4066_15

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74LV4066 PHILIPS-74LV4066 Datasheet
84Kb / 10P
   Quad bilateral switches
1998 Jun 23
74HC4316PW-T NXP-74HC4316PW-T Datasheet
117Kb / 15P
   Quad bilateral switches
September 1993
logo
Nexperia B.V. All right...
74LV4066 NEXPERIA-74LV4066 Datasheet
315Kb / 21P
   Quad bilateral switches
Rev. 5 - 24 October 2022
logo
NXP Semiconductors
74LVC4066 PHILIPS-74LVC4066 Datasheet
133Kb / 23P
   Quad bilateral switches
2003 Aug 12
74LV4316 PHILIPS-74LV4316 Datasheet
156Kb / 16P
   Quad bilateral switches
1998 Jun 23
74HC4316 PHILIPS-74HC4316 Datasheet
130Kb / 15P
   Quad bilateral switches
September 1993
logo
Unisonic Technologies
U74HC4066 UTC-U74HC4066_15 Datasheet
276Kb / 7P
   QUAD BILATERAL SWITCHES
logo
NXP Semiconductors
74HC4016 PHILIPS-74HC4016 Datasheet
109Kb / 14P
   Quad bilateral switches
December 1990
74HC4066 PHILIPS-74HC4066 Datasheet
175Kb / 24P
   Quad bilateral switches
1998 Nov 10
74HC_HCT4016_CNV PHILIPS-74HC_HCT4016_CNV_15 Datasheet
109Kb / 14P
   Quad bilateral switches
December 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com