データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

9ZXL1231 データシート(PDF) 2 Page - Integrated Device Technology

部品番号 9ZXL1231
部品情報  Space-saving 64 VFQFPN package
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IDT [Integrated Device Technology]
ホームページ  http://www.idt.com
Logo IDT - Integrated Device Technology

9ZXL1231 データシート(HTML) 2 Page - Integrated Device Technology

  9ZXL1231 Datasheet HTML 1Page - Integrated Device Technology 9ZXL1231 Datasheet HTML 2Page - Integrated Device Technology 9ZXL1231 Datasheet HTML 3Page - Integrated Device Technology 9ZXL1231 Datasheet HTML 4Page - Integrated Device Technology 9ZXL1231 Datasheet HTML 5Page - Integrated Device Technology 9ZXL1231 Datasheet HTML 6Page - Integrated Device Technology 9ZXL1231 Datasheet HTML 7Page - Integrated Device Technology 9ZXL1231 Datasheet HTML 8Page - Integrated Device Technology 9ZXL1231 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
DB1200ZL 12-OUTPUT LOW POWER HCSL BUFFER
2
REVISION F 07/14/15
9ZXL1231 DATASHEET
Pin Configuration
Power Management Table
Functionality at Power-up (PLL mode)
Power Connections
64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49
VDDA 148 GND
GNDA 247 DIF_7#
NC 346 DIF_7
100M_133M# 445 vOE7#
HIBW_BYPM_LOBW# 544 vOE6#
CKPWRGD_PD# 643 DIF_6#
GND 742 DIF_6
VDDR 841 GND
DIF_IN 940 VDD
DIF_IN# 10
39 DIF_5#
SMB_A0_tri 11
38 DIF_5
SMBDAT 12
37 vOE5#
SMBCLK 13
36 vOE4#
SMB_A1_tri 14
35 DIF_4#
DFB_OUT_NC# 15
34 DIF_4
DFB_OUT_NC 16
33 GND
17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32
Note: Pins with ^ prefix have internal 120K pullup
Pins with v prefix have internal 120K pulldowm
9ZXL1231
connect epad to ground
9x9mm 64-pin VFQFPN
CKPWR GD_PD#
DIF_IN/
DIF_IN#
SMBus
EN bit
DIF(11:0)/
DIF(11:0)#
PLL STATE
IF NOT IN
BYPASS
MODE
0X
X
Low/Low
OFF
0Low/Low
ON
1Running
ON
Running
1
100M_133M#
DIF_IN
MHz
DIF(11:0)
1
100.00
DIF_IN
0
133.33
DIF_IN
VDD
VDDIO
GND
12
Analog PLL
8
7
Analog Input
24,40,57
25,32,49,56 23,33,41,48,58
DIF clocks
Pin Number
Description


同様の部品番号 - 9ZXL1231

メーカー部品番号データシート部品情報
logo
Integrated Device Techn...
9ZXL1231 IDT-9ZXL1231 Datasheet
193Kb / 18P
   12-output DB1200ZL
logo
Renesas Technology Corp
9ZXL1231 RENESAS-9ZXL1231 Datasheet
388Kb / 19P
   12-output DB1200ZL
05/25/16
logo
Integrated Device Techn...
9ZXL1231AKILF IDT-9ZXL1231AKILF Datasheet
193Kb / 18P
   12-output DB1200ZL
logo
Renesas Technology Corp
9ZXL1231AKILF RENESAS-9ZXL1231AKILF Datasheet
388Kb / 19P
   12-output DB1200ZL
05/25/16
logo
Integrated Device Techn...
9ZXL1231AKILFT IDT-9ZXL1231AKILFT Datasheet
193Kb / 18P
   12-output DB1200ZL
More results

同様の説明 - 9ZXL1231

メーカー部品番号データシート部品情報
logo
Integrated Device Techn...
9ZXL1251 IDT-9ZXL1251 Datasheet
377Kb / 20P
   Space-saving 64-pin VFQFPN package
9ZX21200 IDT-9ZX21200 Datasheet
220Kb / 17P
   Space-saving 56-pin package
logo
Murata Manufacturing Co...
PTGL07AS121M0N51A0 MURATA-PTGL07AS121M0N51A0 Datasheet
202Kb / 3P
   space-saving
logo
Texas Instruments
LP3982ILD-ADJ TI-LP3982ILD-ADJ Datasheet
1Mb / 24P
[Old version datasheet]   MAX8860 Pin, Package and Spec. Compatible, WSON Space Saving Package
logo
Integrated Device Techn...
932SQ426 IDT-932SQ426 Datasheet
379Kb / 25P
   64-pin TSSOP and VFQFPN packages
logo
STEGO Elektrotechnik Gm...
HV031 STEGO-HV031 Datasheet
1Mb / 1P
   SPACE-SAVING FAN HEATER
08.09.2021
logo
Micro Commercial Compon...
ESDLC2V8P8U MCC-ESDLC2V8P8U Datasheet
617Kb / 3P
   For space saving application
logo
STEGO Elektrotechnik Gm...
HVI030 STEGO-HVI030 Datasheet
265Kb / 1P
   SPACE-SAVING FAN HEATER
19.03.2019
logo
Maxim Integrated Produc...
MAX15020EVKIT MAXIM-MAX15020EVKIT Datasheet
417Kb / 7P
   Space-Saving 5mm x 5mm, 20-pin TQFN Package
Rev 3; 5/15
logo
Texas Instruments
PT6937A TI-PT6937A Datasheet
446Kb / 14P
[Old version datasheet]   Internal Sequencing Short Circuit Protection 23-pin Space-Saving Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com