データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

9ZXL1550 データシート(PDF) 4 Page - Integrated Device Technology

部品番号 9ZXL1550
部品情報  PLL or bypass mode
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IDT [Integrated Device Technology]
ホームページ  http://www.idt.com
Logo IDT - Integrated Device Technology

9ZXL1550 データシート(HTML) 4 Page - Integrated Device Technology

  9ZXL1550 Datasheet HTML 1Page - Integrated Device Technology 9ZXL1550 Datasheet HTML 2Page - Integrated Device Technology 9ZXL1550 Datasheet HTML 3Page - Integrated Device Technology 9ZXL1550 Datasheet HTML 4Page - Integrated Device Technology 9ZXL1550 Datasheet HTML 5Page - Integrated Device Technology 9ZXL1550 Datasheet HTML 6Page - Integrated Device Technology 9ZXL1550 Datasheet HTML 7Page - Integrated Device Technology 9ZXL1550 Datasheet HTML 8Page - Integrated Device Technology 9ZXL1550 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
15-O/P LP-HCSL DB1900Z DERIVATIVE FOR PCIE GEN1-2-3 AND QPI
4
REVISION D 06/16/15
9ZXL1550 DATASHEET
Pin Descriptions (cont.)
PIN #
PIN NAME
TYPE
DESCRIPTION
33
DIF5
OUT
Differential true clock output
34
DIF5#
OUT
Differential Complementary clock output
35
GND
GND
Ground pin.
36
VDDIO
PWR
Power supply for differential outputs
37
DIF6
OUT
Differential true clock output
38
DIF6#
OUT
Differential Complementary clock output
39
DIF7
OUT
Differential true clock output
40
DIF7#
OUT
Differential Complementary clock output
41
VDD
PWR
Power supply, nominal 3.3V
42
GND
GND
Ground pin.
43
DIF8
OUT
Differential true clock output
44
DIF8#
OUT
Differential Complementary clock output
45
DIF9
OUT
Differential true clock output
46
DIF9#
OUT
Differential Complementary clock output
47
GND
GND
Ground pin.
48
VDDIO
PWR
Power supply for differential outputs
49
DIF10
OUT
Differential true clock output
50
DIF10#
OUT
Differential Complementary clock output
51
VDDIO
PWR
Power supply for differential outputs
52
GND
GND
Ground pin.
53
DIF11
OUT
Differential true clock output
54
DIF11#
OUT
Differential Complementary clock output
55
DIF12
OUT
Differential true clock output
56
DIF12#
OUT
Differential Complementary clock output
57
GND
GND
Ground pin.
58
VDD
PWR
Power supply, nominal 3.3V
59
DIF13
OUT
Differential true clock output
60
DIF13#
OUT
Differential Complementary clock output
61
DIF14
OUT
Differential true clock output
62
DIF14#
OUT
Differential Complementary clock output
63
VDDIO
PWR
Power supply for differential outputs
64
GND
GND
Ground pin.
65
EPAD
GND
Epad should be connected to GND


同様の部品番号 - 9ZXL1550

メーカー部品番号データシート部品情報
logo
Integrated Device Techn...
9ZXL1550 IDT-9ZXL1550 Datasheet
301Kb / 18P
   15-output DB1900Z Low-Power Derivative
logo
Renesas Technology Corp
9ZXL1550 RENESAS-9ZXL1550 Datasheet
496Kb / 19P
   15-output DB1900Z Low-Power Derivative
11/20/15
logo
Integrated Device Techn...
9ZXL1550BKLF IDT-9ZXL1550BKLF Datasheet
301Kb / 18P
   15-output DB1900Z Low-Power Derivative
logo
Renesas Technology Corp
9ZXL1550BKLF RENESAS-9ZXL1550BKLF Datasheet
496Kb / 19P
   15-output DB1900Z Low-Power Derivative
11/20/15
logo
Integrated Device Techn...
9ZXL1550BKLFT IDT-9ZXL1550BKLFT Datasheet
301Kb / 18P
   15-output DB1900Z Low-Power Derivative
More results

同様の説明 - 9ZXL1550

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
SI53119-A03A SILABS-SI53119-A03A Datasheet
1Mb / 34P
   PLL or bypass mode
logo
Integrated Device Techn...
9ZXL0651 IDT-9ZXL0651 Datasheet
224Kb / 17P
   PLL or bypass mode
9DB833 IDT-9DB833 Datasheet
240Kb / 18P
   PLL or bypass mode
logo
Microchip Technology
MCP1256 MICROCHIP-MCP1256_13 Datasheet
696Kb / 24P
   Regulated 3.3V, Low-Ripple Charge Pump with Low- Operating Current SLEEP Mode or BYPASS Mode
2006-2013
MCP1256 MICROCHIP-MCP1256 Datasheet
1Mb / 24P
   Regulated 3.3V, Low-Ripple Charge Pump with Low- Operating Current SLEEP Mode or BYPASS Mode
2006
logo
ON Semiconductor
FAN5903 ONSEMI-FAN5903 Datasheet
2Mb / 21P
   Buck Converter with Bypass Mode
Rev. 1.0.9
logo
Skyworks Solutions Inc.
RFX8055 SKYWORKS-RFX8055 Datasheet
401Kb / 6P
   Low Noise Amplifier with Bypass Mode
logo
RF Micro Devices
RF3857 RFMD-RF3857 Datasheet
624Kb / 11P
   DUAL CHANNEL LNA WITH BYPASS MODE
logo
Richtek Technology Corp...
RT4805A RICHTEK-RT4805A Datasheet
1Mb / 22P
   Synchronous Boost Regulator with Bypass Mode
logo
Broadcom Corporation.
DEMO-MGA-655T6 BOARDCOM-DEMO-MGA-655T6 Datasheet
239Kb / 14P
   Low Noise Amplifier with Bypass Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com