データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

9ZXL1930 データシート(PDF) 4 Page - Integrated Device Technology

部品番号 9ZXL1930
部品情報  Fixed feedback path
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IDT [Integrated Device Technology]
ホームページ  http://www.idt.com
Logo IDT - Integrated Device Technology

9ZXL1930 データシート(HTML) 4 Page - Integrated Device Technology

  9ZXL1930 Datasheet HTML 1Page - Integrated Device Technology 9ZXL1930 Datasheet HTML 2Page - Integrated Device Technology 9ZXL1930 Datasheet HTML 3Page - Integrated Device Technology 9ZXL1930 Datasheet HTML 4Page - Integrated Device Technology 9ZXL1930 Datasheet HTML 5Page - Integrated Device Technology 9ZXL1930 Datasheet HTML 6Page - Integrated Device Technology 9ZXL1930 Datasheet HTML 7Page - Integrated Device Technology 9ZXL1930 Datasheet HTML 8Page - Integrated Device Technology 9ZXL1930 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
9ZXL1930
19-OUTPUT LOW POWER DIFFERENTIAL ZBUFFER FOR PCIE GEN3 AND QPI
IDT®
19-OUTPUT LOW POWER DIFFERENTIAL ZBUFFER FOR PCIE GEN3 AND QPI
4
9ZXL1930
REV C 062614
Pin Descriptions (cont.)
PIN #
PIN NAME
PIN TYPE
DESCRIPTION
37
DIF_7
OUT
0.7V differential true cloc k output
38
DIF_7#
OUT
0.7V differential Complementary clock output
39
GND
PWR
Ground pin.
40
VDDIO
PWR
Power supply for differential outputs
41
DIF_8
OUT
0.7V differential true cloc k output
42
DIF_8#
OUT
0.7V differential Complementary clock output
43
DIF_9
OUT
0.7V differential true cloc k output
44
DIF_9#
OUT
0.7V differential Complementary clock output
45
VDD
PWR
Power supply, nominal 3.3V
46
GND
PWR
Ground pin.
47
DIF_10
OUT
0.7V differential true cloc k output
48
DIF_10#
OUT
0.7V differential Complementary clock output
49
DIF_11
OUT
0.7V differential true cloc k output
50
DIF_11#
OUT
0.7V differential Complementary clock output
51
GND
PWR
Ground pin.
52
VDDIO
PWR
Power supply for differential outputs
53
DIF_12
OUT
0.7V differential true cloc k output
54
DIF_12#
OUT
0.7V differential Complementary clock output
55
DIF_13
OUT
0.7V differential true cloc k output
56
DIF_13#
OUT
0.7V differential Complementary clock output
57
VDDIO
PWR
Power supply for differential outputs
58
GND
PWR
Ground pin.
59
DIF_14
OUT
0.7V differential true cloc k output
60
DIF_14#
OUT
0.7V differential Complementary clock output
61
DIF_15
OUT
0.7V differential true cloc k output
62
DIF_15#
OUT
0.7V differential Complementary clock output
63
GND
PWR
Ground pin.
64
VDD
PWR
Power supply, nominal 3.3V
65
DIF_16
OUT
0.7V differential true cloc k output
66
DIF_16#
OUT
0.7V differential Complementary clock output
67
DIF_17
OUT
0.7V differential true cloc k output
68
DIF_17#
OUT
0.7V differential Complementary clock output
69
VDDIO
PWR
Power supply for differential outputs
70
GND
PWR
Ground pin.
71
DIF_18
OUT
0.7V differential true cloc k output
72
DIF_18#
OUT
0.7V differential Complementary clock output


同様の部品番号 - 9ZXL1930

メーカー部品番号データシート部品情報
logo
Integrated Device Techn...
9ZXL1930 IDT-9ZXL1930 Datasheet
231Kb / 18P
   19-OUTPUT DB1900Z LOW-POWER DERIVATIVE
logo
Renesas Technology Corp
9ZXL1930 RENESAS-9ZXL1930 Datasheet
445Kb / 19P
   19-OUTPUT DB1900Z LOW-POWER DERIVATIVE
REV D 112015
logo
Integrated Device Techn...
9ZXL1930BKLF IDT-9ZXL1930BKLF Datasheet
231Kb / 18P
   19-OUTPUT DB1900Z LOW-POWER DERIVATIVE
logo
Renesas Technology Corp
9ZXL1930BKLF RENESAS-9ZXL1930BKLF Datasheet
445Kb / 19P
   19-OUTPUT DB1900Z LOW-POWER DERIVATIVE
REV D 112015
logo
Integrated Device Techn...
9ZXL1930BKLFT IDT-9ZXL1930BKLFT Datasheet
231Kb / 18P
   19-OUTPUT DB1900Z LOW-POWER DERIVATIVE
More results

同様の説明 - 9ZXL1930

メーカー部品番号データシート部品情報
logo
Integrated Device Techn...
9ZX21501C IDT-9ZX21501C Datasheet
224Kb / 19P
   Fixed feedback path
9ZXL1950 IDT-9ZXL1950 Datasheet
296Kb / 18P
   Fixed feedback path
9ZXL1530 IDT-9ZXL1530 Datasheet
220Kb / 19P
   Fixed feedback path
logo
Texas Instruments
AFE7799 TI1-AFE7799 Datasheet
338Kb / 9P
[Old version datasheet]   Quad-Channel RF Transceiver With Feedback Path
AFE7769 TI1-AFE7769 Datasheet
341Kb / 9P
[Old version datasheet]   AFE7769 Quad-Channel RF Transceiver With Feedback Path
AFE7920 TI1-AFE7920 Datasheet
350Kb / 12P
[Old version datasheet]   AFE79xx Quad-Channel RF Transceiver With Feedback Path
logo
List of Unclassifed Man...
IPS20 ETC2-IPS20 Datasheet
94Kb / 12P
   Precision Feedback Controllers Fixed and PTAT references
logo
Fairchild Semiconductor
GTLP1B151 FAIRCHILD-GTLP1B151 Datasheet
112Kb / 7P
   1-Bit LVTTL/GTLP Transceiver with Separate LVTTL Port and Feedback Path
GTLP10B320 FAIRCHILD-GTLP10B320 Datasheet
261Kb / 12P
   10-Bit LVTTL/GTLP Transceiver with Split LVTTL Port and Feedback Path
logo
Coilcraft lnc.
HP1-1400L COILCRAFT-HP1-1400L Datasheet
489Kb / 10P
   Hexa-Path Magnetics
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com