データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74VHC_VHCT245 データシート(PDF) 10 Page - NXP Semiconductors

部品番号 74VHC_VHCT245
部品情報  Octal bus transceiver; 3-state
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74VHC_VHCT245 データシート(HTML) 10 Page - NXP Semiconductors

Back Button 74VHC_VHCT245_15 Datasheet HTML 6Page - NXP Semiconductors 74VHC_VHCT245_15 Datasheet HTML 7Page - NXP Semiconductors 74VHC_VHCT245_15 Datasheet HTML 8Page - NXP Semiconductors 74VHC_VHCT245_15 Datasheet HTML 9Page - NXP Semiconductors 74VHC_VHCT245_15 Datasheet HTML 10Page - NXP Semiconductors 74VHC_VHCT245_15 Datasheet HTML 11Page - NXP Semiconductors 74VHC_VHCT245_15 Datasheet HTML 12Page - NXP Semiconductors 74VHC_VHCT245_15 Datasheet HTML 13Page - NXP Semiconductors 74VHC_VHCT245_15 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
74VHC_VHCT245_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 25 August 2009
10 of 16
NXP Semiconductors
74VHC245; 74VHCT245
Octal bus transceiver; 3-state
Test data is given in Table 9.
Definitions test circuit:
RT = Termination resistance should be equal to output impedance Zo of the pulse generator.
CL = Load capacitance including jig and probe capacitance.
RL = Load resistance.
S1 = Test selection switch.
Fig 7.
Load circuitry for measuring switching times
VM
VM
tW
tW
10 %
90 %
0 V
VI
VI
negative
pulse
positive
pulse
0 V
VM
VM
90 %
10 %
tf
tr
tr
tf
001aad983
DUT
VCC
VCC
VI
VO
RT
RL
S1
CL
open
G
Table 9.
Test data
Type
Input
Load
S1 position
VI
tr, tf
CL
RL
tPHL, tPLH
tPZH, tPHZ
tPZL, tPLZ
74VHC245
VCC
≤ 3.0 ns
15 pF, 50 pF
1 k
open
GND
VCC
74VHCT245
3.0 V
≤ 3.0 ns
15 pF, 50 pF
1 k
open
GND
VCC


同様の部品番号 - 74VHC_VHCT245_15

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74VHC_VHCT244 PHILIPS-74VHC_VHCT244_15 Datasheet
105Kb / 16P
   Octal buffer/line driver; 3-state
Rev. 01-17 August 2009
More results

同様の説明 - 74VHC_VHCT245_15

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
DM74ALS245A FAIRCHILD-DM74ALS245A Datasheet
73Kb / 6P
   Octal 3-STATE Bus Transceiver
logo
STMicroelectronics
74VHCT245A STMICROELECTRONICS-74VHCT245A Datasheet
68Kb / 9P
   OCTAL BUS TRANSCEIVER 3-STATE
74ACT245 STMICROELECTRONICS-74ACT245 Datasheet
70Kb / 9P
   OCTAL BUS TRANSCEIVER 3-STATE
April 2001
logo
NXP Semiconductors
74ALVC245 PHILIPS-74ALVC245_15 Datasheet
100Kb / 14P
   Octal bus transceiver; 3-state
Rev. 02-7 January 2008
logo
Toshiba Semiconductor
TC74HCT245AP TOSHIBA-TC74HCT245AP_07 Datasheet
236Kb / 7P
   Octal Bus Transceiver (3-state)
logo
Integral Corp.
IN74ACT643 INTEGRAL-IN74ACT643 Datasheet
195Kb / 5P
   OCTAL 3-STATE BUS TRANSCEIVER
logo
NXP Semiconductors
74LVC245A NXP-74LVC245A Datasheet
122Kb / 17P
   Octal bus transceiver; 3-state
Rev. 05-25 August 2009
logo
Nexperia B.V. All right...
74LVC245A-Q100 NEXPERIA-74LVC245A-Q100 Datasheet
263Kb / 15P
   Octal bus transceiver; 3-state
Rev. 4 - 5 August 2020
74VHCT245 NEXPERIA-74VHCT245 Datasheet
607Kb / 16P
   Octal bus transceiver; 3-state
Rev. 01 - 25 August 2009
74LVC245A NEXPERIA-74LVC245A Datasheet
289Kb / 16P
   Octal bus transceiver; 3-state
Rev. 12 - 16 September 2021
74ALVC245 NEXPERIA-74ALVC245 Datasheet
252Kb / 14P
   Octal bus transceiver; 3-state
Rev. 3 - 30 April 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com