データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD2C211-L データシート(PDF) 1 Page - Solid State Optronic

部品番号 AD2C211-L
部品情報  Low Input Control Current (3mA TYP)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SSOUSA [Solid State Optronic]
ホームページ  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

AD2C211-L データシート(HTML) 1 Page - Solid State Optronic

  AD2C211-L Datasheet HTML 1Page - Solid State Optronic AD2C211-L Datasheet HTML 2Page - Solid State Optronic AD2C211-L Datasheet HTML 3Page - Solid State Optronic AD2C211-L Datasheet HTML 4Page - Solid State Optronic AD2C211-L Datasheet HTML 5Page - Solid State Optronic AD2C211-L Datasheet HTML 6Page - Solid State Optronic AD2C211-L Datasheet HTML 7Page - Solid State Optronic AD2C211-L Datasheet HTML 8Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© 2015 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
AD2C211-L H/S/TR
Rev 1.00 (02/27/2015)
002416
Page 1 of 8
AD2C211-L
1 Form A, Current Limiting
400V / 25Ω
MOSFET Output Solid State Relay
Description
The AD2C211-L is a bi-directional, single-pole, single-
throw, normally open solid-state relay. It provides a load
current of 150mA, a high blocking voltage of 400V, and
current limiting circuitry in a compact 4 pin DIP package.
Current limiting circuitry provides a level of protection
against increased load currents or transient current spikes
by active current reduction across the device, thereby
protecting itself and downstream components.
The AD2C211-L comes standard in a compact 4 pin DIP
package making it ideal for high-density board applications.
Schematic Diagram
Agency Approvals
UL / C-UL:
File # E201932
VDE:
File # 40035191 (EN 60747-5-2)
Applications
Reed Relay Replacement
Meter Reading Systems
Data Acquisition
Medical Equipment
Battery Monitoring
Safety Systems
Absolute Maximum Ratings
The values indicated are absolute stress ratings. Functional
operation of the device is not implied at these or any
conditions in excess of those defined in electrical
characteristics section of this document. Exposure to
absolute Maximum Ratings may cause permanent damage
to the device and may adversely affect reliability.
Storage Temperature …………………………..-55 to +125°C
Operating Temperature …………………………-40 to +85°C
Continuous Input Current………………………………..50mA
Transient Input Current ………………….……………..500mA
Reverse Input Control Voltage …………..…………………5V
Input Power Dissipation…………………………………40mW
Output Power Dissipation ……………………………..500mW
Solder Temperature – Wave (10sec)……………….….260°C
Solder Temperature – IR Reflow (10sec)….…………..260°C
Ordering Information
Part Number
Description
AD2C211-L
4 pin DIP, (100/Tube)
AD2C211-LH
5kVRMS Viso, 4 pin DIP, (100/Tube)
AD2C211-LS
4 pin SMD, (100/Tube)
AD2C211-LHS
5kVRMS, 4 pin SMD, (100/Tube)
AD2C211-LSTR
4 pin SMD, Tape and Reel (2000/Reel)
AD2C211-LHSTR 5kVRMS, 4 pin SMD, Tape and Reel (2000/Reel)
NOTE: Suffixes listed above are not included in marking on
device for part number identification
Features
High Isolation Voltage (up to 5kVRMS)
Low Input Control Current (3mA TYP)
25Ω Maximum On Resistance
150mA Maximum Continuous Load Current
Active Current Limiting Protection
Long Life / High Reliability
RoHS / Pb-Free / REACH Compliant
AD2C211-L


同様の部品番号 - AD2C211-L

メーカー部品番号データシート部品情報
logo
Solid State Optronic
AD2C211 SSOUSA-AD2C211 Datasheet
334Kb / 8P
   Compact 4DIP/SMD Package
More results

同様の説明 - AD2C211-L

メーカー部品番号データシート部品情報
logo
Solid State Optronic
AD4C542 SSOUSA-AD4C542 Datasheet
298Kb / 8P
   Low Input Control Current (2.5mA TYP)
AD4C742 SSOUSA-AD4C742 Datasheet
298Kb / 8P
   Low Input Control Current (2.5mA TYP)
AD6C941 SSOUSA-AD6C941 Datasheet
347Kb / 8P
   Low Input Control Current (1mA TYP)
AD4C543 SSOUSA-AD4C543 Datasheet
358Kb / 9P
   Low Input Control Current (2.5mA TYP)
SMA4123 SSOUSA-SMA4123 Datasheet
238Kb / 6P
   Low Input Control Current (1.5mA TYP)
AD4C113 SSOUSA-AD4C113_15 Datasheet
351Kb / 9P
   Low Input Control Current (1.5mA TYP)
AD4C312 SSOUSA-AD4C312 Datasheet
298Kb / 8P
   Low Input Control Current (2.5mA TYP)
AD6C311 SSOUSA-AD6C311_15 Datasheet
339Kb / 8P
   Low Input Control Current (2.5mA TYP)
AD6C111 SSOUSA-AD6C111_15 Datasheet
339Kb / 8P
   Low Input Control Current (1.75mA TYP)
logo
Leshan Radio Company
LR339 LRC-LR339_15 Datasheet
134Kb / 6P
   Low input biasing current: 25nA(Typ.)
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com