データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD4C111-L データシート(PDF) 3 Page - Solid State Optronic

部品番号 AD4C111-L
部品情報  Current Limit Protection
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SSOUSA [Solid State Optronic]
ホームページ  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

AD4C111-L データシート(HTML) 3 Page - Solid State Optronic

  AD4C111-L_15 Datasheet HTML 1Page - Solid State Optronic AD4C111-L_15 Datasheet HTML 2Page - Solid State Optronic AD4C111-L_15 Datasheet HTML 3Page - Solid State Optronic AD4C111-L_15 Datasheet HTML 4Page - Solid State Optronic AD4C111-L_15 Datasheet HTML 5Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
AD4C111-L
Dual 1 Form A
Solid State Relay
PERFORMANCE DATA
0
10
20
30
40
50
0.02 0.03 0.04 0.05 0.06 0.07 0.08 0.09
Turn-Off Tim e (ms)
AD4C111-L
Typical Turn-Off Time Distribution
N = 100, Ambient Temperature = 25°C
0
10
20
30
40
50
20
21
22
23
24
25
26
27
On-Resistance (ohms)
AD4C111-L
0
20
40
60
80
0.05 0.1 0.15 0.2 0.25 0.3 0.35 0.4
Leakage Current (uA)
Typical On-Resistance Distribution
N = 100, Ambient Temperature = 25°C
AD4C111-L
Typical Leakage Current Distribution
N = 100, Ambient Temperature = 25°C
0
10
20
30
40
50
60
400 420 440 460 480 500 520 540
Blocking Voltage (V)
AD4C111-L
0
20
40
60
80
100
120
Temperature (C)
Typical Blocking Voltage Distribution
N = 100, Ambient Temperature = 25°C
AD4C111-L
Maximum Load Current vs. Temperature
0
10
20
30
40
50
60
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
Turn-On Tim e (ms)
AD4C111-L
Typical Turn-On Time Distribution
N = 100, Ambient Temperature = 25°C
www.ssousa.com • +1.408.293.4600
Page 3 of 5
AD4C111-L
rev 1.41 (9/22/2010)
© 2010 Solid State Optronics • San José, CA


同様の部品番号 - AD4C111-L_15

メーカー部品番号データシート部品情報
logo
Solid State Optronic
AD4C111-L SSOUSA-AD4C111-L Datasheet
168Kb / 4P
   Dual 1 Form A Solid State Relay
More results

同様の説明 - AD4C111-L_15

メーカー部品番号データシート部品情報
logo
Advanced Monolithic Sys...
AMS3131 ADMOS-AMS3131 Datasheet
319Kb / 9P
   Current Limit protection
AMS3132 ADMOS-AMS3132 Datasheet
439Kb / 10P
   Current Limit protection
logo
Unisonic Technologies
LR1112G-XX-AE5-R UTC-LR1112G-XX-AE5-R Datasheet
177Kb / 6P
   Current limit protection
logo
Solid State Optronic
AD4C311-L SSOUSA-AD4C311-L Datasheet
220Kb / 5P
   Current limit protection
logo
Advanced Monolithic Sys...
AMS3109 ADMOS-AMS3109 Datasheet
584Kb / 10P
   Current Limit protection
AMS3121 ADMOS-AMS3121 Datasheet
327Kb / 9P
   Current Limit protection
logo
Maxim Integrated Produc...
MAX14626EVKIT MAXIM-MAX14626EVKIT Datasheet
377Kb / 6P
   Evaluates Current-Limit Protection
Rev 0; 9/13
logo
SynQor Worldwide Headqu...
MQME-28E-T SYNQOR-MQME-28E-T Datasheet
6Mb / 17P
   Output current limit for short-circuit protection
PQ60033SMX15 SYNQOR-PQ60033SMX15 Datasheet
909Kb / 15P
   Output current limit and short circuit protection
logo
Microsemi Corporation
NX2119 MICROSEMI-NX2119 Datasheet
499Kb / 16P
   SYNCHRONOUS PWM CONTROLLER WITH CURRENT LIMIT PROTECTION
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com