データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM3-8RG5 データシート(PDF) 9 Page - Connor-Winfield Corporation

部品番号 SM3-8RG5
部品情報  8 REFERENCE STRATUM 3 MODULE
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CONNOR-WINFIELD [Connor-Winfield Corporation]
ホームページ  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

SM3-8RG5 データシート(HTML) 9 Page - Connor-Winfield Corporation

Back Button SM3-8RG5 Datasheet HTML 5Page - Connor-Winfield Corporation SM3-8RG5 Datasheet HTML 6Page - Connor-Winfield Corporation SM3-8RG5 Datasheet HTML 7Page - Connor-Winfield Corporation SM3-8RG5 Datasheet HTML 8Page - Connor-Winfield Corporation SM3-8RG5 Datasheet HTML 9Page - Connor-Winfield Corporation SM3-8RG5 Datasheet HTML 10Page - Connor-Winfield Corporation SM3-8RG5 Datasheet HTML 11Page - Connor-Winfield Corporation SM3-8RG5 Datasheet HTML 12Page - Connor-Winfield Corporation SM3-8RG5 Datasheet HTML 13Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
SM3-8RG5 Data Sheet #:
TM088
Page 9 of 32
Rev:
07 Date: 09/06/11
© Copyright 2011 The Connor-Winfield Corp. All Rights Reserved
Specifications subject to change without notice
Reference Input Quality Monitoring
Eachreferenceinputismonitoredforsignalpresenceandfrequencyoffset.Signalpresenceforthe
Ref1-8inputsisindicatedin
the
Ref_ActivityregisterandsignalpresencefortheM/S REFisindicatedinbit0oftheM/S REF_Activityregister.Thefrequency
offsetbetweenthe
Ref1-8inputsandthecalibratedlocaloscillatorisavailableintheRef_Frq_Offsetregisters(8).RegisterRef_
Pullin_Stsindicates,foreachoftheRef1-8inputs,ifthereferenceiswithinthemaximumpull-inrange.Themaximumpull-inrange
isindicatedinregister
Max_Pullin_Range,andmaybesetin0.1ppmincrements.Typically,itwouldbesetaccordingtothevalues
specifiedbythestandards(GR-1244)appropriatefortheparticularstratumofoperation.
The
Ref_Qualifiedregistercontainsthe“anded”conditionoftheRef_ActivityandRef_Pullin_StsregistersforeachoftheRef1-8
inputs,qualifiedfor10seconds.Whenareferencesignalhasbeenpresentfor>10secondsandiswithinthepull-inrange,it’sbitis
set.
The
Ref_Availableregistercontainsthe“anded”conditionoftheRef_QualifiedregisterandtheRef_Maskregister,andtherefore
representstheavailabilityofareferenceforselectionwhenautomaticreferenceandoperationalmodeselectionisenabled.
Reference Input Selection, Frequencies, and Mode Selection
Oneofeightreferenceinputsignals(
Ref 1-8)areselectedforsynchronizationinMastermode(asbelowintheOp_Moderegister
description.0x05).
Ref 1-8mayeachbe8kHz,1.544MHz,2.048MHz,12.96MHz,19.44MHz,25.92MHz,38.88MHz,51.84MHz
or77.76MHz.
Referencefrequenciesareauto-detectedandthedetectedfrequencycanbereadfromthe
Ref_Frq_Priority registers(See
Register Descriptions and Operationsection).
Activereferenceandoperationalmodeselectionmaybemanualorautomatic,asdeterminedbybit1inthe
Ctl_Moderegister.In
manualmode,registerwritesto
Op_Modeselectthereferenceandmode.Theresetdefaultismanualmode.
TheM/SREFinputforslaveoperationisfrequencyauto-detectedandmaybe8kHz,1.544MHz,2.048MHz,12.96MHz,19.44MHz,
25.92MHz,38.88MHz,51.84MHzor77.76MHz.SignalpresenceandfrequencyfortheM/SREFinputisindicatedinbits0-3ofthe
M/S REF_Activityregister.
Inautomaticmode,thereferenceisselectedaccordingtotheprioritieswrittentotheeight
Ref_Frq_Priorityregisters.Individual
referencesmaybemaskedforuse/non-useaccordingtothe
Ref_Maskregister.Areferencemayonlybeselectedifitis“available”
-thatis,itisqualified,asindicatedinthe
Ref_Qualified register,andisnotmasked(SeeReference Input Quality Monitoring and
Register Descriptions and Operation sections).
Furthermore,Bit3ofeach
Ref_Frq_Priority registerwilldetermineifthatreferenceisrevertiveornon-revertive.Whenareference
fails,thenexthighestpriority“available”(signalpresent,non-masked,andacceptablefrequencyoffset)referencewillbeselected.
Whenareferencereturns,itwillbeswitchedtoonlyifitisofhigherpriorityandthecurrentactivereferenceismarked“Revertive”.
Additionally,thereversionisdelayedaccordingtothevaluewrittentothe
Ref_Rev_Delayregister(From0to255minutes).
Detailed Description continued
Serial Interface Timing
Table 4
Symbol
Parameter
Minimum
Nominal
Maximum
Units
Notes
t
CS
SPI_EnablelowtoSPI_CLKlow
15
-
-
ns
t
CH
SPI_CLKhightime
25
-
-
ns
t
CL
SPI_CLKlowtime
25
-
-
ns
t
RWs
Read/Writesetuptime
15
-
-
ns
t
RWh
Read/Writeholdtime
15
-
-
ns
t
DRDY
Dataready
-
-
25
ns
t
HLD
DataHold
15
-
-
ns
t
CSTRI
ChipSelecttodatatri-state
5
-
-
ns
t
CSMIN
Minimumdelaybetweensuccessiveaccesses 300
-
-
ns


同様の部品番号 - SM3-8RG5

メーカー部品番号データシート部品情報
logo
Connor-Winfield Corpora...
SM3-012.96M CONNOR-WINFIELD-SM3-012.96M Datasheet
406Kb / 36P
   ULTRA MINIATURE STRATUM 3 MODULE
SM3-019.44M CONNOR-WINFIELD-SM3-019.44M Datasheet
406Kb / 36P
   ULTRA MINIATURE STRATUM 3 MODULE
SM3-025.92M CONNOR-WINFIELD-SM3-025.92M Datasheet
406Kb / 36P
   ULTRA MINIATURE STRATUM 3 MODULE
SM3-038.88M CONNOR-WINFIELD-SM3-038.88M Datasheet
406Kb / 36P
   ULTRA MINIATURE STRATUM 3 MODULE
SM3-051.84M CONNOR-WINFIELD-SM3-051.84M Datasheet
406Kb / 36P
   ULTRA MINIATURE STRATUM 3 MODULE
More results

同様の説明 - SM3-8RG5

メーカー部品番号データシート部品情報
logo
Connor-Winfield Corpora...
SM34 CONNOR-WINFIELD-SM34 Datasheet
518Kb / 31P
   8 REFERENCE SURFACE MOUNT STRATUM 3 MODULE
MSTM-S3-IT3-19.44M CONNOR-WINFIELD-MSTM-S3-IT3-19.44M Datasheet
1Mb / 16P
   Stratum 3 Timing Module
MSTM-S3-T2F1 CONNOR-WINFIELD-MSTM-S3-T2F1 Datasheet
884Kb / 16P
   Stratum 3 Timing Module
STL-S3 CONNOR-WINFIELD-STL-S3 Datasheet
1Mb / 24P
   Stratum 3 Timing Module
MSTM-S3-TR CONNOR-WINFIELD-MSTM-S3-TR Datasheet
1Mb / 16P
   Stratum 3 Timing Module
MSTM-S3-IT3 CONNOR-WINFIELD-MSTM-S3-IT3 Datasheet
1Mb / 16P
   Stratum 3 Timing Module
MSTM-S3-T2 CONNOR-WINFIELD-MSTM-S3-T2 Datasheet
1Mb / 20P
   Stratum 3 Timing Module
MSTM-S3-TR CONNOR-WINFIELD-MSTM-S3-TR_15 Datasheet
1Mb / 16P
   Stratum 3 Timing Module
logo
Raltron Electronics Cor...
OX4020A-F1-28-20.000-STR3 RALTRON-OX4020A-F1-28-20.000-STR3 Datasheet
32Kb / 1P
   Fully meeting Stratum 3 reference clock requirements
logo
Connor-Winfield Corpora...
SM3G CONNOR-WINFIELD-SM3G Datasheet
1Mb / 36P
   ULTRA MINIATURE STRATUM 3 MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com