データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD6C111-L データシート(PDF) 3 Page - Solid State Optronic

部品番号 AD6C111-L
部品情報  High Isolation Voltage (3750VRMS)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SSOUSA [Solid State Optronic]
ホームページ  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

AD6C111-L データシート(HTML) 3 Page - Solid State Optronic

  AD6C111-L_15 Datasheet HTML 1Page - Solid State Optronic AD6C111-L_15 Datasheet HTML 2Page - Solid State Optronic AD6C111-L_15 Datasheet HTML 3Page - Solid State Optronic AD6C111-L_15 Datasheet HTML 4Page - Solid State Optronic AD6C111-L_15 Datasheet HTML 5Page - Solid State Optronic AD6C111-L_15 Datasheet HTML 6Page - Solid State Optronic AD6C111-L_15 Datasheet HTML 7Page - Solid State Optronic AD6C111-L_15 Datasheet HTML 8Page - Solid State Optronic AD6C111-L_15 Datasheet HTML 9Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
© 2012 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
Page 3 of 9
AD6C111-L/S/TR
Rev 2.00 (08/28/2012)
001520
AD6C111-L
1 Form A, Current Limiting
400V / 40 Ω
MOSFET Output Solid State Relay
Connection Diagrams
Comments
Option A: Normal AC Load Configuration
On Resistance:
RTYP
Current Limit:
ILIMIT
Option B: Separate Loads & Load Voltages
On Resistance:
Load1
~ (RTYP / 2) + 3
Load2
RTYP / 2
Current Limit:
Load1
ILIMIT
Load2
N/A
- Sum power of loads not to exceed maximum
package power dissipation
Option C: DC Load with Minimal Resistance and No Current Limit
On Resistance:
RTYP / 4
Current Limit:
None
AD6C111-L Current Limiting Connection Diagrams, TA = 25°C (unless otherwise specified)


同様の部品番号 - AD6C111-L_15

メーカー部品番号データシート部品情報
logo
Solid State Optronic
AD6C111-L SSOUSA-AD6C111-L Datasheet
208Kb / 6P
   1 Form A Solid State Relay
More results

同様の説明 - AD6C111-L_15

メーカー部品番号データシート部品情報
logo
Solid State Optronic
AD6C211-L SSOUSA-AD6C211-L_15 Datasheet
309Kb / 9P
   High Isolation Voltage (3750VRMS)
AD6C311-L SSOUSA-AD6C311-L Datasheet
309Kb / 9P
   High Isolation Voltage (3750VRMS)
logo
ISOCOM COMPONENTS
TLP180 ISOCOM-TLP180 Datasheet
861Kb / 10P
   AC Isolation Voltage 3750VRMS
logo
Rohm
BM60015FV-LB ROHM-BM60015FV-LB Datasheet
1Mb / 29P
   Isolation voltage 3750Vrms 1ch Gate Driver Providing Galvanic Isolation
BM61S40RFV-C ROHM-BM61S40RFV-C Datasheet
2Mb / 28P
   Isolation voltage 3750Vrms 1ch Gate Driver Providing Galvanic Isolation
logo
California Eastern Labs
PS2801-1-F3-A CEL-PS2801-1-F3-A Datasheet
251Kb / 17P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
December 2008
PS2806-4-A CEL-PS2806-4-A Datasheet
397Kb / 14P
   HIGH ISOLATION VOLTAGE HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
List of Unclassifed Man...
PS2703-1-K ETC2-PS2703-1-K Datasheet
300Kb / 13P
   HIGH ISOLATION VOLTAGE HIGH ISOLATION VOLTAGE SOP MULTI PHOTOCOUPLER
logo
Solid State Optronic
TD3082 SSOUSA-TD3082 Datasheet
436Kb / 9P
   High Isolation Voltage
STZ8042 SSOUSA-STZ8042 Datasheet
400Kb / 9P
   High Isolation Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com