データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD6C223 データシート(PDF) 2 Page - Solid State Optronic

部品番号 AD6C223
部品情報  True 1 Form C Device
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SSOUSA [Solid State Optronic]
ホームページ  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

AD6C223 データシート(HTML) 2 Page - Solid State Optronic

  AD6C223_15 Datasheet HTML 1Page - Solid State Optronic AD6C223_15 Datasheet HTML 2Page - Solid State Optronic AD6C223_15 Datasheet HTML 3Page - Solid State Optronic AD6C223_15 Datasheet HTML 4Page - Solid State Optronic AD6C223_15 Datasheet HTML 5Page - Solid State Optronic AD6C223_15 Datasheet HTML 6Page - Solid State Optronic AD6C223_15 Datasheet HTML 7Page - Solid State Optronic AD6C223_15 Datasheet HTML 8Page - Solid State Optronic AD6C223_15 Datasheet HTML 9Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
© 2012 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
Page 2 of 9
AD6C223/H/S/TR
Rev 2.00 (11/15/2012)
001535
AD6C223
1 Form C
400V / 25 Ω
MOSFET Output Solid State Relay
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Input Specifications
LED Forward Voltage
VF
-
1.2
1.5
V
IF = 10mA
LED Reverse Voltage
BVR
6
-
-
V
IR = 10μA
Turn-On Current (Form A – Normally Open)
IF(NO)
-
2
5
mA
IO = 150mA
Turn-On Current (Form B – Normally Closed)
IF(NC)
-
0.5
-
mA
IO = 150mA
Turn-Off Current (Form A – Normally Open)
IFOFF(NO)
-
0.5
-
mA
IO = 150mA
Turn-Off Current (Form B – Normally Open)
IFOFF(NC)
-
2
5
mA
IO = 150mA
Output Specifications – Form A (Normally Open)
Blocking Voltage
VB
400
-
-
V
IO=1A
Continuous Load Current
IO
-
-
150
mA
IF=5mA
On Resistance
RON
-
18
25
IF=5mA, IO=150mA
Leakage Current
IOleak
-
0.2
1
A
IF=0mA, VO=400V
Output Capacitance
COUT
-
10
-
pF
VO=25V, f=1.0MHz
Offset Voltage
VOFFSET
-
-
0.2
mV
IF=5mA
Turn-On Time
TON
-
1
5
mS
IF=5mA, IO=150mA
Turn-Off Time
TOFF
-
0.07
5
mS
IF=0mA, IO=150mA
Output Specifications – Form B (Normally Closed)
Blocking Voltage
VB
400
-
-
V
IF=5mA, IO=1A
Continuous Load Current
IO
-
-
150
mA
IF=0mA
On Resistance
RON
-
20
25
IF=0mA, IO=150mA
Leakage Current
IOleak
-
0.2
1
A
IF=5mA, VO=400V
Output Capacitance
COUT
-
10
-
pF
VO=25V, f=1.0MHz, IF=5mA
Offset Voltage
VOFFSET
-
-
0.2
mV
IF=0mA
Turn-On Time
TON
-
0.1
5
mS
IF=0mA, IO=150mA
Turn-Off Time
TOFF
-
0.5
5
mS
IF=5mA, IO=150mA
Coupled Specifications
Coupled Capacitance
CCOUPLED
-
3
-
pF
Contact Transient Ratio
-
2,000
7,000
0
V/
S
dV = 50V
Isolation Specifications
Isolation Voltage
VISO
2,500
-
-
VRMS
RH ≤ 50%, t=1min
-H Option
VISO
3,750
-
-
VRMS
RH ≤ 50%, t=1min
Input-Output Resistance
RI-O
-
10
12
-

VI-O = 500VDC
Electrical Characteristics, TA = 25°C (unless otherwise specified)


同様の部品番号 - AD6C223_15

メーカー部品番号データシート部品情報
logo
Solid State Optronic
AD6C223 SSOUSA-AD6C223 Datasheet
223Kb / 6P
   1 Form C Solid State Relay
More results

同様の説明 - AD6C223_15

メーカー部品番号データシート部品情報
logo
Siemens Semiconductor G...
LH1527 SIEMENS-LH1527 Datasheet
144Kb / 25P
   1 Form C
logo
IXYS Corporation
LCC110 IXYS-LCC110 Datasheet
148Kb / 9P
   1-Form-C OptoMOS Relay
LCC120 IXYS-LCC120 Datasheet
133Kb / 8P
   1-Form-C OptoMOS Relay
logo
TE Connectivity Ltd
SNR TEC-SNR_15 Datasheet
258Kb / 3P
   1 pole 6A, 1 form C (CO), 1 form A (NO)
logo
Panasonic Semiconductor
ALQ112 PANASONIC-ALQ112 Datasheet
92Kb / 6P
   1 Form A/1 Form C 10A Small power relays
logo
TE Connectivity Ltd
V23057-A0002-A101 TEC-V23057-A0002-A101 Datasheet
332Kb / 3P
   1 pole 8A, 1 form C (CO) or 1 form A (NO) contact
logo
Solid State Optronic
AD6C223 SSOUSA-AD6C223 Datasheet
223Kb / 6P
   1 Form C Solid State Relay
logo
Adam Technologies, Inc.
RSY-1C-12V ADAM-TECH-RSY-1C-12V Datasheet
84Kb / 1P
   RELAY 1 FORM C SEALED TYPE
RSC-A-1C-X-S ADAM-TECH-RSC-A-1C-X-S Datasheet
91Kb / 1P
   RELAY 1 FORM C SEALED TYPE
logo
Nais(Matsushita Electri...
CQ1-12V NAIS-CQ1-12V Datasheet
51Kb / 3P
   1 FORM C AUTOMOTIVE QUIET RELAY
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com