データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD6C841 データシート(PDF) 8 Page - Solid State Optronic

部品番号 AD6C841
部品情報  High Input-to-Output Isolation (up to 5VRMS)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SSOUSA [Solid State Optronic]
ホームページ  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

AD6C841 データシート(HTML) 8 Page - Solid State Optronic

  AD6C841 Datasheet HTML 1Page - Solid State Optronic AD6C841 Datasheet HTML 2Page - Solid State Optronic AD6C841 Datasheet HTML 3Page - Solid State Optronic AD6C841 Datasheet HTML 4Page - Solid State Optronic AD6C841 Datasheet HTML 5Page - Solid State Optronic AD6C841 Datasheet HTML 6Page - Solid State Optronic AD6C841 Datasheet HTML 7Page - Solid State Optronic AD6C841 Datasheet HTML 8Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
© 2013 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
Page 8 of 8
AD6C841 H/S/TR
Rev 2.00 (11/25/2013)
001743
AD6C841
1 Form A
50V / 100mΩ
MOSFET Output Solid State Relay
Note:
All weights above are in GRAMS, and include
packaging materials where applicable
Device
Single Unit
Full Tube
(50pcs)
Full Pouch
(10 tubes)
Full Reel
(1000pcs)
AD6C841-(H)
0.45
48
490
-
AD6C841-(H)S
0.44
46
470
-
AD6C841-(H)STR
0.44
-
-
884
Solid State Optronics (SSO) makes no warranties or representations with regards to the completeness and accuracy of this document. SSO
reserves the right to make changes to product description, specifications at any time without further notices.
SSO shall not assume any liability arising out of the application or use of any product or circuit described herein. Neither circuit patent
licenses nor indemnity are expressed or implied.
Except as specified in SSO’s Standard Terms & Conditions, SSO disclaims liability for consequential or other damage, and we make no other
warranty, expressed or implied, including merchantability and fitness for particular use.
DISCLAIMER
SSO does not authorize use of its devices in life support applications wherein failure or malfunction of a device may lead to personal injury or
death. Users of SSO devices in life support applications assume all risks of such use and agree to indemnify SSO against any and all
damages resulting from such use. Life support devices are defined as devices or systems which, (a) are intended for surgical implant into the
body, or (b) support or sustain life, and (c) whose failure to perform when used properly in accordance with instructions for use can be
reasonably expected to result in significant injury to the user, or (d) a critical component of a life support device or system whose failure can be
reasonably expected to cause failure of the life support device or system, or to affect its safety or effectiveness.
LIFE SUPPORT POLICY
AD6C841 Package Marking
AD6C841 Package Weights


同様の部品番号 - AD6C841

メーカー部品番号データシート部品情報
logo
Solid State Optronic
AD6C010 SSOUSA-AD6C010 Datasheet
249Kb / 7P
   High Blocking Voltage (1200V)
AD6C011 SSOUSA-AD6C011 Datasheet
250Kb / 7P
   High Blocking Voltage (800V)
AD6C101 SSOUSA-AD6C101 Datasheet
202Kb / 5P
   1 Form A Solid State Relay
AD6C101 SSOUSA-AD6C101_15 Datasheet
212Kb / 5P
   High Blocking Voltage (600V)
AD6C111 SSOUSA-AD6C111 Datasheet
201Kb / 5P
   1 Form A Solid State Relay
More results

同様の説明 - AD6C841

メーカー部品番号データシート部品情報
logo
Solid State Optronic
SM6004 SSOUSA-SM6004 Datasheet
223Kb / 7P
   High Input-to-Output Isolation
SM6006 SSOUSA-SM6006 Datasheet
223Kb / 7P
   High Input-to-Output Isolation
SMA4131 SSOUSA-SMA4131 Datasheet
192Kb / 6P
   High Input-to-Output Isolation
SMA4240 SSOUSA-SMA4240 Datasheet
343Kb / 7P
   High Input-to-Output Isolation
M231 SSOUSA-M231 Datasheet
291Kb / 7P
   High Input-to-Output Isolation (1500V MIN)
M201 SSOUSA-M201 Datasheet
293Kb / 7P
   High Input-to-Output Isolation (1500V MIN)
M212 SSOUSA-M212_15 Datasheet
296Kb / 7P
   High Input-to-Output Isolation (1.5kV MIN)
logo
AIMTEC
AM3HW-NZ AIMTEC-AM3HW-NZ Datasheet
154Kb / 3P
   Input to Output Isolation of 1500VDC
AM50E-NZ AIMTEC-AM50E-NZ Datasheet
257Kb / 5P
   Input to Output Isolation of 1500VDC
logo
Lite-On Technology Corp...
LTV-817C LITEON-LTV-817C Datasheet
600Kb / 15P
   High input-output isolation voltage
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com