データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

932SQ426 データシート(PDF) 9 Page - Integrated Device Technology

部品番号 932SQ426
部品情報  64-pin TSSOP and VFQFPN packages
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IDT [Integrated Device Technology]
ホームページ  http://www.idt.com
Logo IDT - Integrated Device Technology

932SQ426 データシート(HTML) 9 Page - Integrated Device Technology

Back Button 932SQ426 Datasheet HTML 5Page - Integrated Device Technology 932SQ426 Datasheet HTML 6Page - Integrated Device Technology 932SQ426 Datasheet HTML 7Page - Integrated Device Technology 932SQ426 Datasheet HTML 8Page - Integrated Device Technology 932SQ426 Datasheet HTML 9Page - Integrated Device Technology 932SQ426 Datasheet HTML 10Page - Integrated Device Technology 932SQ426 Datasheet HTML 11Page - Integrated Device Technology 932SQ426 Datasheet HTML 12Page - Integrated Device Technology 932SQ426 Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
932SQ426
CK420BQ DERIVATIVE SUPPORTING SRNS PCIE CLOCKINGS
IDT®
CK420BQ DERIVATIVE SUPPORTING SRNS PCIE CLOCKINGS
9
932SQ426
REV B 070815
Electrical Characteristics - Absolute Maximum Ratings
Electrical Characteristics - Current Consumption
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
NOTES
3.3V C ore Supply Voltage
VDDA
4.6
V
1,2
3.3V Logic Supply Voltage
VDD
4.6
V
1,2
Input Low Voltage
VIL
GN D-0.5
V
1
Input High Voltage
V
IH
Except for SMBus interface
V
DD +0. 5V
V
1
Input High Voltage
VIHSMB
SMBus clock and data pins
5.5V
V
1
Storage Temperature
Ts
-65
150
°C1
Junction Temperature
Tj
125
°C
1
Input ESD protection
ESD prot
Human Body Model
2000
V
1
1Guaranteed by design and characterization, not 100% tested in production.
2 Operation under these conditions is neither implied nor guaranteed.
TA = TCOM; Supply Voltage VDD = 3.3 V +/-5%
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS NOTES
Operating Supply Current
IDD3.3OP
All outputs active @100MHz,
CL = Full load;
370
400
mA
1
Powerdown Current
IDD3.3PDZ
All differential pairs tri-stated
17
20
mA
1
1Guaranteed by design and characterization, not 100% tested in production.


同様の部品番号 - 932SQ426

メーカー部品番号データシート部品情報
logo
Integrated Device Techn...
932SQ426 IDT-932SQ426 Datasheet
375Kb / 25P
   DERIVATIVE SUPPORTING SRNS PCIE CLOCKING
logo
Renesas Technology Corp
932SQ426 RENESAS-932SQ426 Datasheet
559Kb / 26P
   CK420BQ DERIVATIVE SUPPORTING SRNS PCIE CLOCKING
REV C 022916
logo
Integrated Device Techn...
932SQ426AGLF IDT-932SQ426AGLF Datasheet
375Kb / 25P
   DERIVATIVE SUPPORTING SRNS PCIE CLOCKING
logo
Renesas Technology Corp
932SQ426AGLF RENESAS-932SQ426AGLF Datasheet
559Kb / 26P
   CK420BQ DERIVATIVE SUPPORTING SRNS PCIE CLOCKING
REV C 022916
logo
Integrated Device Techn...
932SQ426AGLFT IDT-932SQ426AGLFT Datasheet
375Kb / 25P
   DERIVATIVE SUPPORTING SRNS PCIE CLOCKING
More results

同様の説明 - 932SQ426

メーカー部品番号データシート部品情報
logo
Integrated Device Techn...
932SQ420D IDT-932SQ420D Datasheet
435Kb / 28P
   64-pin TSSOP and MLF packages
9ZXL1251 IDT-9ZXL1251 Datasheet
377Kb / 20P
   Space-saving 64-pin VFQFPN package
9ZXL1231 IDT-9ZXL1231 Datasheet
201Kb / 18P
   Space-saving 64 VFQFPN package
logo
Estek Electronics Co. L...
24C02 ESTEK-24C02 Datasheet
1Mb / 13P
   8-lead PDIP, 8-lead SOP and 8-lead TSSOP Packages
logo
Integrated Device Techn...
IDT5V41067A IDT-IDT5V41067A Datasheet
194Kb / 13P
   20-pin TSSOP package
IDT5V41068A IDT-IDT5V41068A Datasheet
185Kb / 13P
   16-pin TSSOP package
logo
International Rectifier
TSSOP-14PIN IRF-TSSOP-14PIN Datasheet
19Kb / 1P
   TSSOP Package 14-Pin
logo
HALO Electronics, Inc.
LD01-0506KRL HALO-LD01-0506KRL Datasheet
508Kb / 2P
   16 Pin DIP and SMD Packages
logo
STMicroelectronics
TN1208 STMICROELECTRONICS-TN1208 Datasheet
748Kb / 13P
   Tape and reel shipping media for STM8 and STM32 microcontrollers in TSSOP and SSOP packages
logo
Integrated Device Techn...
ICS650-41 IDT-ICS650-41 Datasheet
228Kb / 11P
   Packaged in 16-pin TSSOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com