データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GMA21Y75 データシート(PDF) 2 Page - List of Unclassifed Manufacturers

部品番号 GMA21Y75
部品情報  2.1inch 5x7 Dot Matrix
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC1 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC1 - List of Unclassifed Manufacturers

GMA21Y75 データシート(HTML) 2 Page - List of Unclassifed Manufacturers

  GMA21Y75 Datasheet HTML 1Page - List of Unclassifed Manufacturers GMA21Y75 Datasheet HTML 2Page - List of Unclassifed Manufacturers GMA21Y75 Datasheet HTML 3Page - List of Unclassifed Manufacturers GMA21Y75 Datasheet HTML 4Page - List of Unclassifed Manufacturers GMA21Y75 Datasheet HTML 5Page - List of Unclassifed Manufacturers GMA21Y75 Datasheet HTML 6Page - List of Unclassifed Manufacturers GMA21Y75 Datasheet HTML 7Page - List of Unclassifed Manufacturers GMA21Y75 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
GMZ21XX75_series
2.1” 5x7 Dot Matrix
Product: GMZ21XX75 Series
Date: 07/13/2011
Page 2 of 8
Version# 1.1
Electrical / Optical Characteristic (T=25 oC)
Product
Material
Color
IF(mA)
VF(V)
λ(nm)
IV(mcd)
CC
CA
Typ.
λD
λP
typ.
GMC21IB75 GMA21IB75
InGaN
Blue
20
3.0
460
470
160
GMC21IG75 GMA21IG75
InGaN
Green
20
3.0
460
470
200
GMC21R75
GMA21R75
AllnGaP
Red
20
2.0
624
632
60
GMC21Y75
GMA21Y75
AllnGaP
Yellow
20
2.0
589
591
35
GMC21AG75 GMA21AG75
AllnGaP
Yellow Green
20
2.0
573
575
25
Absolute Maximum Rating
Material
Pd (mW)
IF (mA) IFP (mA)* VR (V)
TOP (
oC)
TST (
oC) T
SOL (
oC)**
InGaN ( IB/IG )
120
30
100
5
-40 - 85
-40 - 100
260
AlInGaP ( R/Y/AG )
70
30
90
5
-40 - 85
-40 - 100
260
*Duty 1/10 @ 1KHz
** IR Reflow for no more than 5 sec @ 260
oC


同様の部品番号 - GMA21Y75

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
GMA21Y75 ETC2-GMA21Y75 Datasheet
389Kb / 8P
   2.1??5x7 Dot Matrix
More results

同様の説明 - GMA21Y75

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
GMC12IB75 ETC2-GMC12IB75 Datasheet
285Kb / 7P
    5x7 Dot Matrix
GMC07IB75 ETC2-GMC07IB75 Datasheet
283Kb / 7P
    5x7 Dot Matrix
logo
LIGITEK electronics co....
LMD8821-2HSRVG-XX-PF LIGITEK-LMD8821-2HSRVG-XX-PF Datasheet
196Kb / 11P
   DOT MATRIX DIGIT LED DISPLAY (2.1Inch)
logo
List of Unclassifed Man...
GMC07IB75 ETC1-GMC07IB75 Datasheet
283Kb / 7P
   0.7inch 5x7 Dot Matrix
GMC12IB75 ETC1-GMC12IB75 Datasheet
285Kb / 7P
   1.2inch 5x7 Dot Matrix
GMC21IB75 ETC2-GMC21IB75 Datasheet
389Kb / 8P
   2.1??5x7 Dot Matrix
logo
Marktech Corporate
MTAN2135-AG MARKTECH-MTAN2135-AG Datasheet
44Kb / 1P
   Marktech 0.30 5x7 Dot Matrix
MTAN2170-12A MARKTECH-MTAN2170-12A Datasheet
52Kb / 1P
   0.68 5x7 Dot Matrix Display
logo
OSRAM GmbH
DLX713X OSRAM-DLX713X Datasheet
194Kb / 4P
   5x7 Dot Matrix Intelligent Display
logo
QT Optoelectronics
GMA8475C QT-GMA8475C Datasheet
601Kb / 7P
   1.2 5X7 DOT MATRIX DISPLAYS
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com