データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

8V74S4622 データシート(PDF) 1 Page - Integrated Device Technology

部品番号 8V74S4622
部品情報  Clock signal selection
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IDT [Integrated Device Technology]
ホームページ  http://www.idt.com
Logo IDT - Integrated Device Technology

8V74S4622 データシート(HTML) 1 Page - Integrated Device Technology

  8V74S4622 Datasheet HTML 1Page - Integrated Device Technology 8V74S4622 Datasheet HTML 2Page - Integrated Device Technology 8V74S4622 Datasheet HTML 3Page - Integrated Device Technology 8V74S4622 Datasheet HTML 4Page - Integrated Device Technology 8V74S4622 Datasheet HTML 5Page - Integrated Device Technology 8V74S4622 Datasheet HTML 6Page - Integrated Device Technology 8V74S4622 Datasheet HTML 7Page - Integrated Device Technology 8V74S4622 Datasheet HTML 8Page - Integrated Device Technology 8V74S4622 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
DATA SHEET
Clock Fanout Buffer/Frequency Divider
8V74S4622
8V74S4622 REVISION 1 05/11/15
1
©2015 Integrated Device Technology, Inc.
General Description
The 8V74S4622 is a versatile Clock Fanout Buffer/Frequency
Divider. The device supports the selection, division and distribution
of high-frequency clock signals with very low additive phase noise.
The 8V74S4622 uses SiGe technology for an optimum of high clock
frequency and low phase noise performance, combined with high
power supply noise rejection and internal isolation.
Two selectable inputs are supported for differential and single ended
clocks. Each of the two outputs can select a copy or a frequency-
divided input signal. The available frequency divisions are
divide-by-2, 4, 5 and 8. Both outputs support LVDS interfaces. For
each of the two outputs, a synchronous output enabled control is
implemented for stopping the output clock synchronously to the input
clock signal. All device configurations are through a logic pin
interface. The device is packaged in a lead-free (RoHS 6) 20-lead
VFQFN package. The extended temperature range supports
wireless infrastructure, telecommunication and networking end
equipment requirements. The device is a member of the
high-performance clock family from IDT.
Features
• Clock signal selection, frequency-division and distribution
• Two outputs individually select:
• The input signal ÷2, ÷4, ÷5 and ÷8 or
• The input signal without frequency division (input signal is
passed through)
• Two inputs to support single-ended and differential operation
• Differential input supports LVDS and LVPECL signals
• Single-ended input supports LVCMOS signals
• Two differential LVDS outputs
• Maximum Input Frequency (differential input clock): 2000MHz
• Maximum Output Frequency: 2000MHz
• Output skew: 22ps (maximum)
• Additive phase noise RMS, 125MHz, SELn = 0, 12kHz - 20MHz
integration range: 180fs (maximum)
• LVDS output rise/fall time: 260ps (maximum)
• 3.3V core and output supply voltages
• -40°C to 85°C ambient operating temperature
• Lead-free (RoHS 6) 4x4 mm2 20-lead VFQFN packaging
Block Diagram
÷N
EN
2
2
fCLK
EN
CLK
IN
nIN
VT
REFSEL
N[1:0]
SEL[1:0]
nOE0
nOE1
2x 50
0
1
0
1
0
1
Q0
nQ0
Q1
nQ1
Pin Assignment
20-pin, 4mm x 4mm VFQFN Package
8V74S4622
VDDO1
Q1
nQ1
GND
nOE0
6
7
89
10
20
19
18
17
16
REFSEL
nIN
VT
IN
SEL1
2
3
4
5
1
15
14
13
12
11


同様の部品番号 - 8V74S4622

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
8V74S4622 RENESAS-8V74S4622 Datasheet
587Kb / 17P
   Clock Fanout Buffer/Frequency Divider
05/11/15
More results

同様の説明 - 8V74S4622

メーカー部品番号データシート部品情報
logo
Integrated Circuit Syst...
8T49N241 ICST-8T49N241 Datasheet
1Mb / 64P
   Manual clock selection control input
logo
Integrated Device Techn...
8T49N242 IDT-8T49N242 Datasheet
1Mb / 65P
   Auto and manual clock selection with hitless switching
8T49N241 IDT-8T49N241 Datasheet
1Mb / 64P
   Auto and manual clock selection with hitless switching
8T49N282 IDT-8T49N282 Datasheet
1Mb / 78P
   Auto and manual input clock selection with hitless switching
8T49N285 IDT-8T49N285 Datasheet
1Mb / 65P
   Auto and manual input clock selection with hitless switching
8T49N286 IDT-8T49N286 Datasheet
1Mb / 78P
   Auto and manual input clock selection with hitless switching
8T49N287 IDT-8T49N287 Datasheet
1Mb / 75P
   Auto and manual input clock selection with hitless switching
logo
Sanken electric
FGM603 SANKEN-FGM603 Datasheet
175Kb / 4P
   Selection Guide
logo
Vincotech
V23990-P63X-A-U-P1-48 VINCOTECH-V23990-P63X-A-U-P1-48 Datasheet
50Kb / 3P
   selection guide
logo
List of Unclassifed Man...
NPX-25T ETC2-NPX-25T Datasheet
670Kb / 12P
   SELECTION GUIDE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com