データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74FCT38075S データシート(PDF) 9 Page - Integrated Device Technology

部品番号 74FCT38075S
部品情報  Extremely low RMS Additive Phase Jitter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IDT [Integrated Device Technology]
ホームページ  http://www.idt.com
Logo IDT - Integrated Device Technology

74FCT38075S データシート(HTML) 9 Page - Integrated Device Technology

Back Button 74FCT38075S Datasheet HTML 3Page - Integrated Device Technology 74FCT38075S Datasheet HTML 4Page - Integrated Device Technology 74FCT38075S Datasheet HTML 5Page - Integrated Device Technology 74FCT38075S Datasheet HTML 6Page - Integrated Device Technology 74FCT38075S Datasheet HTML 7Page - Integrated Device Technology 74FCT38075S Datasheet HTML 8Page - Integrated Device Technology 74FCT38075S Datasheet HTML 9Page - Integrated Device Technology 74FCT38075S Datasheet HTML 10Page - Integrated Device Technology 74FCT38075S Datasheet HTML 11Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
REVISION A 03/18/15
9
LOW SKEW 1 TO 5 CLOCK BUFFER
74FCT38075S DATASHEET
Package Outline and Package Dimensions (8-pin SOIC, 150 Mil. Narrow Body)
Ordering Information
“G” after the two-letter package code denotes Pb-Free configuration, RoHS compliant.
Part / Order Number
Marking
Shipping Packaging
Package
Temperature
74FCT38075SDCGI
see page 6
Tubes
8-pin SOIC
-40° to +105°C
74FCT38075SDCGI8
Tape and Reel
8-pin SOIC
-40° to +105°C
74FCT38075SCMGI
Cut Tape
8-pin DFN
-40° to +105°C
74FCT38075SCMGI8
Tape and Reel
8-pin DFN
-40° to +105°C
INDEX
AREA
1 2
8
D
E
SEATING
PLANE
A1
A
e
- C -
B
.10 (.004)
C
C
L
H
h x 45
*For reference only. Controlling dimensions in mm.
Millimeters
Inches*
Symbol
Min
Max
Min
Max
A
1.35
1.75
.0532
.0688
A1
0.10
0.25
.0040
.0098
B
0.33
0.51
.013
.020
C
0.19
0.25
.0075
.0098
D
4.80
5.00
.1890
.1968
E
3.80
4.00
.1497
.1574
e
1.27 BASIC
0.050 BASIC
H
5.80
6.20
.2284
.2440
h
0.25
0.50
.010
.020
L
0.40
1.27
.016
.050
a0
8
0
8


同様の部品番号 - 74FCT38075S

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
74FCT38075S RENESAS-74FCT38075S Datasheet
315Kb / 12P
   Low Skew 1 to 5 Clock Buffer
REVISION A 03/18/15
74FCT38075SCMGI RENESAS-74FCT38075SCMGI Datasheet
315Kb / 12P
   Low Skew 1 to 5 Clock Buffer
REVISION A 03/18/15
74FCT38075SCMGI8 RENESAS-74FCT38075SCMGI8 Datasheet
315Kb / 12P
   Low Skew 1 to 5 Clock Buffer
REVISION A 03/18/15
74FCT38075SDCGI RENESAS-74FCT38075SDCGI Datasheet
315Kb / 12P
   Low Skew 1 to 5 Clock Buffer
REVISION A 03/18/15
74FCT38075SDCGI8 RENESAS-74FCT38075SDCGI8 Datasheet
315Kb / 12P
   Low Skew 1 to 5 Clock Buffer
REVISION A 03/18/15
More results

同様の説明 - 74FCT38075S

メーカー部品番号データシート部品情報
logo
Integrated Device Techn...
651S IDT-651S Datasheet
222Kb / 12P
   Low additive phase jitter RMS
524S IDT-524S Datasheet
180Kb / 12P
   Low additive phase jitter RMS
551S IDT-551S Datasheet
222Kb / 12P
   Low additive phase jitter RMS
553S IDT-553S Datasheet
223Kb / 12P
   Low additive phase jitter RMS
74FCT3807S IDT-74FCT3807S Datasheet
559Kb / 18P
   Low additive phase jitter RMS
74FCT38072S IDT-74FCT38072S Datasheet
125Kb / 11P
   Low additive phase jitter RMS
74FCT38074S IDT-74FCT38074S Datasheet
125Kb / 11P
   Low additive phase jitter RMS
621S IDT-621S Datasheet
221Kb / 12P
   Low additive phase jitter RMS
logo
Texas Instruments
LMK1D2102 TI-LMK1D2102 Datasheet
2Mb / 33P
[Old version datasheet]   LMK1D210x Low Additive Jitter LVDS Buffer
SNAS822 ??SEPTEMBER 2021
LMK1D1204 TI-LMK1D1204 Datasheet
1Mb / 35P
[Old version datasheet]   LMK1D120x Low Additive Jitter LVDS Buffer
REVISED AUGUST 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com