データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MTB11N03BQ8 データシート(PDF) 5 Page - Cystech Electonics Corp.

部品番号 MTB11N03BQ8
部品情報  N-Channel Logic Level Enhancement Mode Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYSTEKEC [Cystech Electonics Corp.]
ホームページ  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB11N03BQ8 データシート(HTML) 5 Page - Cystech Electonics Corp.

  MTB11N03BQ8 Datasheet HTML 1Page - Cystech Electonics Corp. MTB11N03BQ8 Datasheet HTML 2Page - Cystech Electonics Corp. MTB11N03BQ8 Datasheet HTML 3Page - Cystech Electonics Corp. MTB11N03BQ8 Datasheet HTML 4Page - Cystech Electonics Corp. MTB11N03BQ8 Datasheet HTML 5Page - Cystech Electonics Corp. MTB11N03BQ8 Datasheet HTML 6Page - Cystech Electonics Corp. MTB11N03BQ8 Datasheet HTML 7Page - Cystech Electonics Corp. MTB11N03BQ8 Datasheet HTML 8Page - Cystech Electonics Corp. MTB11N03BQ8 Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : CA00Q8
Issued Date : 2015.05.01
Revised Date :
Page No. : 5/9
MTB11N03BQ8
CYStek Product Specification
Typical Characteristics(Cont.)
Capacitance vs Drain-to-Source Voltage
10
100
1000
10000
0.1
1
10
100
VDS, Drain-Source Voltage(V)
C oss
Ciss
Crss
f=1MHz
Threshold Voltage vs Junction Tempearture
0.4
0.6
0.8
1.0
1.2
1.4
-75 -50 -25
0
25
50
75 100 125 150 175
Tj, Junction Temperature(°C)
ID=250μA
ID=1mA
Forward Transfer Admittance vs Drain Current
0.01
0.1
1
10
100
0.001
0.01
0.1
1
10
100
ID, Drain Current(A)
VDS=5V
Pulsed
Ta=25°C
Gate Charge Characteristics
0
2
4
6
8
10
02
46
8
10
12
14
16
Qg, Total Gate Charge(nC)
ID=11A
VDS=6V
VDS=12V
VDS=24V
Maximum Safe Operating Area
0.01
0.1
1
10
100
0.01
0.1
1
10
100
VDS, Drain-Source Voltage(V)
DC
100ms
1s
10ms
100μs
1ms
RDS(ON)
Limit
TA=25°C, Tj=150°C
VGS=10V,RθJA=40°C/W
Single Pulse
Maximum Drain Current vs Junction Temperature
0
2
4
6
8
10
12
14
25
50
75
100
125
150
175
Tj, Junction Temperature(°C)
TA=25°C,RθJA=40°C/W,VGS=10V


同様の部品番号 - MTB11N03BQ8

メーカー部品番号データシート部品情報
logo
SHENZHEN DOINGTER SEMIC...
MTB11N03BQ8 DOINGTER-MTB11N03BQ8 Datasheet
1Mb / 4P
   N-Channel MOSFET uses advanced trench technology
More results

同様の説明 - MTB11N03BQ8

メーカー部品番号データシート部品情報
logo
Cystech Electonics Corp...
MTB30N06V8 CYSTEKEC-MTB30N06V8 Datasheet
330Kb / 9P
   N -Channel Logic Level Enhancement Mode Power MOSFET
MTN4402Q8 CYSTEKEC-MTN4402Q8 Datasheet
315Kb / 9P
   N -Channel Logic Level Enhancement Mode Power MOSFET
MTN6515F3 CYSTEKEC-MTN6515F3 Datasheet
318Kb / 8P
   N -Channel Logic Level Enhancement Mode Power MOSFET
MTB02N03H8 CYSTEKEC-MTB02N03H8 Datasheet
345Kb / 11P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB02N03Q8 CYSTEKEC-MTB02N03Q8 Datasheet
318Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTD55N10Q8 CYSTEKEC-MTD55N10Q8 Datasheet
379Kb / 9P
   N -Channel Logic Level Enhancement Mode Power MOSFET
MTB13N03Q8 CYSTEKEC-MTB13N03Q8 Datasheet
327Kb / 8P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB1D7N03ATH8 CYSTEKEC-MTB1D7N03ATH8 Datasheet
427Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB4D0N03BV8 CYSTEKEC-MTB4D0N03BV8 Datasheet
459Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTA3D0N01H8 CYSTEKEC-MTA3D0N01H8 Datasheet
564Kb / 10P
   N-Channel Logic Level Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com