データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UC1825-SP データシート(PDF) 6 Page - Texas Instruments

部品番号 UC1825-SP
部品情報  RAD-TOLERANT CLASS V, HIGH-SPEED PWM CONTROLLER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

UC1825-SP データシート(HTML) 6 Page - Texas Instruments

Back Button UC1825-SP_15 Datasheet HTML 2Page - Texas Instruments UC1825-SP_15 Datasheet HTML 3Page - Texas Instruments UC1825-SP_15 Datasheet HTML 4Page - Texas Instruments UC1825-SP_15 Datasheet HTML 5Page - Texas Instruments UC1825-SP_15 Datasheet HTML 6Page - Texas Instruments UC1825-SP_15 Datasheet HTML 7Page - Texas Instruments UC1825-SP_15 Datasheet HTML 8Page - Texas Instruments UC1825-SP_15 Datasheet HTML 9Page - Texas Instruments UC1825-SP_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
UC1825-SP
SLUS870A – JANUARY 2009 – REVISED MARCH 2012
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
Unless otherwise stated, these specifications apply for RT = 3.65 kΩ, CT = 1 nF, VCC = 15 V, –55°C < TA < 125°C, TA = TJ
PARAMETERS
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT
IOUT = 20 mA
0.25
0.40
V
Low-level output voltage
IOUT = 200 mA
1.2
2.2
V
IOUT = –20 mA
13.0
13.5
V
High-level output voltage
IOUT = –200 mA
12.0
13.0
V
Collector leakage
VC = 30 V
10
500
μA
Rise/fall time (2)
CL = 1 nF
30
75
ns
UNDER-VOLTAGE LOCKOUT
Start threshold
8.8
9.2
9.6
V
UVLO hysteresis
0.4
0.8
1.2
V
SUPPLY CURRENT SECTION
Startup current
VCC = 8 V
1.1
2.5
mA
ICC
VINV = VRamp = VILIM/SD = 0 V, VNI = 1 V
22
33
mA
(2)
Parameters ensured by design and/or characterization, if not production tested.
6
Submit Documentation Feedback
Copyright © 2009–2012, Texas Instruments Incorporated
Product Folder Link(s): UC1825-SP


同様の部品番号 - UC1825-SP_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
UC1825-DIE TI-UC1825-DIE Datasheet
120Kb / 5P
[Old version datasheet]   RAD-TOLERANT, HIGH-SPEED PWM CONTROLLER
UC1825-DIE TI-UC1825-DIE_15 Datasheet
120Kb / 5P
[Old version datasheet]   RAD-TOLERANT, HIGH-SPEED PWM CONTROLLER
More results

同様の説明 - UC1825-SP_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
UC1825A-SP TI1-UC1825A-SP Datasheet
513Kb / 16P
[Old version datasheet]   RAD-TOLERANT CLASS-V, HIGH-SPEED PWM CONTROLLER
UC1825A-SP TI1-UC1825A-SP_15 Datasheet
707Kb / 39P
[Old version datasheet]   Rad-Tolerant Class-V, High-Speed PWM Controller
UC1825A-DIE TI-UC1825A-DIE_15 Datasheet
153Kb / 5P
[Old version datasheet]   RAD-TOLERANT, HIGH-SPEED PWM CONTROLLER
UC1825-DIE TI-UC1825-DIE_15 Datasheet
120Kb / 5P
[Old version datasheet]   RAD-TOLERANT, HIGH-SPEED PWM CONTROLLER
UC1846-SP TI1-UC1846-SP Datasheet
631Kb / 15P
[Old version datasheet]   RAD-TOLERANT CLASS-V, CURRENT-MODE PWM CONTROLLER
UC19432-SP TI-UC19432-SP_15 Datasheet
755Kb / 8P
[Old version datasheet]   Rad-Tolerant Class-V, Precision Analog Controller
UC19432-SP TI1-UC19432-SP Datasheet
770Kb / 8P
[Old version datasheet]   Rad-Tolerant Class-V, Precision Analog Controller
UC1875-SP TI1-UC1875-SP_15 Datasheet
791Kb / 36P
[Old version datasheet]   Rad-Tolerant Class-V, Phase Shift Resonant Controller
UC1625-SP TI1-UC1625-SP Datasheet
304Kb / 21P
[Old version datasheet]   RAD-TOLERANT CLASS V, BRUSHLESS DC MOTOR CONTROLLER
UC1875-SP TI1-UC1875-SP Datasheet
548Kb / 20P
[Old version datasheet]   RAD-TOLERANT CLASS-V, PHASE SHIFT RESONANT CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com