データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRLR7833PBF データシート(PDF) 2 Page - International Rectifier

部品番号 IRLR7833PBF
部品情報  Simple Drive Requirements
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

IRLR7833PBF データシート(HTML) 2 Page - International Rectifier

  IRLR7833PBF_15 Datasheet HTML 1Page - International Rectifier IRLR7833PBF_15 Datasheet HTML 2Page - International Rectifier IRLR7833PBF_15 Datasheet HTML 3Page - International Rectifier IRLR7833PBF_15 Datasheet HTML 4Page - International Rectifier IRLR7833PBF_15 Datasheet HTML 5Page - International Rectifier IRLR7833PBF_15 Datasheet HTML 6Page - International Rectifier IRLR7833PBF_15 Datasheet HTML 7Page - International Rectifier IRLR7833PBF_15 Datasheet HTML 8Page - International Rectifier IRLR7833PBF_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
IRLR/U7833PbF
2
www.irf.com
S
D
G
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
BVDSS
Drain-to-Source Breakdown Voltage
30
–––
–––
V
∆ΒVDSS/∆TJ
Breakdown Voltage Temp. Coefficient
–––
19
––– mV/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
3.6
4.5
–––
4.4
5.5
VGS(th)
Gate Threshold Voltage
1.4
–––
2.3
V
∆VGS(th)/∆TJ
Gate Threshold Voltage Coefficient
–––
-6.0
––– mV/°C
IDSS
Drain-to-Source Leakage Current
–––
–––
1.0
–––
–––
150
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
Gate-to-Source Reverse Leakage
–––
–––
-100
gfs
Forward Transconductance
66
–––
–––
S
Qg
Total Gate Charge
–––
33
50
Qgs1
Pre-Vth Gate-to-Source Charge
–––
8.7
–––
Qgs2
Post-Vth Gate-to-Source Charge
–––
2.1
–––
Qgd
Gate-to-Drain Charge
–––
13
–––
Qgodr
Gate Charge Overdrive
–––
9.9
–––
See Fig. 16
Qsw
Switch Charge (Qgs2 + Qgd)
–––
15
–––
Qoss
Output Charge
–––
22
–––
nC
td(on)
Turn-On Delay Time
–––
14
–––
tr
Rise Time
–––
6.9
–––
td(off)
Turn-Off Delay Time
–––
23
–––
tf
Fall Time
–––
15
–––
Ciss
Input Capacitance
–––
4010
–––
Coss
Output Capacitance
–––
950
–––
Crss
Reverse Transfer Capacitance
–––
470
–––
Avalanche Characteristics
Parameter
Units
EAS
Single Pulse Avalanche Energy
d
mJ
IAR
Avalanche Current
Ù
A
EAR
Repetitive Avalanche Energy
™
mJ
Diode Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
–––
140
f
(Body Diode)
A
ISM
Pulsed Source Current
–––
–––
560
(Body Diode)
Ùh
VSD
Diode Forward Voltage
–––
–––
1.0
V
trr
Reverse Recovery Time
–––
39
58
ns
Qrr
Reverse Recovery Charge
–––
37
55
nC
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
ns
pF
m
µA
nA
nC
MOSFET symbol
–––
VGS = 4.5V
Typ.
–––
–––
ID = 12A
VGS = 0V
VDS = 15V
Clamped Inductive Load
TJ = 25°C, IF = 12A, VDD = 15V
di/dt = 100A/µs
f
TJ = 25°C, IS = 12A, VGS = 0V f
showing the
integral reverse
p-n junction diode.
VDS = 15V, ID = 12A
VDS = 16V, VGS = 0V
VDD = 15V, VGS = 4.5V f
ID = 12A
VDS = 16V
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 15A f
VGS = 4.5V, ID = 12A
f
VGS = 20V
VGS = -20V
VDS = VGS, ID = 250µA
VDS = 24V, VGS = 0V
VDS = 24V, VGS = 0V, TJ = 125°C
Conditions
14
Max.
530
20
ƒ = 1.0MHz


同様の部品番号 - IRLR7833PBF_15

メーカー部品番号データシート部品情報
logo
International Rectifier
IRLR7833PBF IRF-IRLR7833PBF Datasheet
324Kb / 12P
   HEXFET Power MOSFET ( VDSS = 30V , RDS(on)max = 4.5m廓 , Qg = 33nC )
IRLR7833PBF IRF-IRLR7833PBF Datasheet
325Kb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
IRLR7833PBF IRF-IRLR7833PBF Datasheet
325Kb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
More results

同様の説明 - IRLR7833PBF_15

メーカー部品番号データシート部品情報
logo
International Rectifier
IRHSLNA57064 IRF-IRHSLNA57064_15 Datasheet
120Kb / 9P
   Simple Drive Requirements
IRHQ6110 IRF-IRHQ6110_15 Datasheet
264Kb / 14P
   Simple Drive Requirements
IRHQ9110 IRF-IRHQ9110_15 Datasheet
205Kb / 8P
   Simple Drive Requirements
IRHNA7264SE IRF-IRHNA7264SE_15 Datasheet
123Kb / 8P
   Simple Drive Requirements
IRHNA57163SE IRF-IRHNA57163SE_15 Datasheet
184Kb / 8P
   Simple Drive Requirements
IRHYS67230CM IRF-IRHYS67230CM_15 Datasheet
206Kb / 9P
   Simple Drive Requirements
IRHNA67164 IRF-IRHNA67164_15 Datasheet
198Kb / 9P
   Simple Drive Requirements
IRHNA67264 IRF-IRHNA67264_15 Datasheet
195Kb / 9P
   Simple Drive Requirements
IRHNA597160 IRF-IRHNA597160_15 Datasheet
185Kb / 8P
   Simple Drive Requirements
IRLF120 IRF-IRLF120_15 Datasheet
312Kb / 7P
   Simple Drive Requirements
IRLR8103VPBF IRF-IRLR8103VPBF_15 Datasheet
214Kb / 9P
   Simple Drive Requirements
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com