データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM185-1.2QML-SP_15 データシート(PDF) 10 Page - Texas Instruments

部品番号 LM185-1.2QML-SP_15
部品情報  LM185-1.2QML Micropower Voltage Reference Diode
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM185-1.2QML-SP_15 データシート(HTML) 10 Page - Texas Instruments

Back Button LM185-1.2QML-SP_15_15 Datasheet HTML 6Page - Texas Instruments LM185-1.2QML-SP_15_15 Datasheet HTML 7Page - Texas Instruments LM185-1.2QML-SP_15_15 Datasheet HTML 8Page - Texas Instruments LM185-1.2QML-SP_15_15 Datasheet HTML 9Page - Texas Instruments LM185-1.2QML-SP_15_15 Datasheet HTML 10Page - Texas Instruments LM185-1.2QML-SP_15_15 Datasheet HTML 11Page - Texas Instruments LM185-1.2QML-SP_15_15 Datasheet HTML 12Page - Texas Instruments LM185-1.2QML-SP_15_15 Datasheet HTML 13Page - Texas Instruments LM185-1.2QML-SP_15_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
LM185-1.2QML
SNVS384B – OCTOBER 2005 – REVISED JANUARY 2014
www.ti.com
METER THERMOMETERS
Calibration
1. Short LM385-1.2, adjust R3 for IOUT= temp at 1μA/°K
2. Remove short, adjust R2 for correct reading in centigrade
†IQ at 1.3V≃500μA
IQ at 1.6V≃2.4mA
Figure 21. 0°C
−100°C Thermometer
*2N3638 or 2N2907 select for inverse HFE ≃ 5
†Select for operation at 1.3V
‡IQ ≃ 600μA to 900μA
Figure 22. Lower Power Thermometer
Calibration
1. Short LM385-1.2, adjust R3 for IOUT= temp at 1.8μA/°K
2. Remove short, adjust R2 for correct reading in °F
Figure 23. 0°F
−50°F Thermometer
10
Submit Documentation Feedback
Copyright © 2005–2014, Texas Instruments Incorporated
Product Folder Links: LM185-1.2QML


同様の部品番号 - LM185-1.2QML-SP_15_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM185-1.2QML-SP TI1-LM185-1.2QML-SP Datasheet
538Kb / 18P
[Old version datasheet]   Micropower Voltage Reference Diode
More results

同様の説明 - LM185-1.2QML-SP_15_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM185-1.2QML TI1-LM185-1.2QML Datasheet
726Kb / 13P
[Old version datasheet]   LM185-1.2QML Micropower Voltage Reference Diode
LM185-2.5QML TI1-LM185-2.5QML Datasheet
683Kb / 14P
[Old version datasheet]   LM185-2.5QML Micropower Voltage Reference Diode
LM185-1.2-N TI1-LM185-1.2-N Datasheet
289Kb / 12P
[Old version datasheet]   LM185-1.2/LM285-1.2/LM385-1.2 Micropower Voltage Reference Diode
LM185-2.5-N TI1-LM185-2.5-N Datasheet
313Kb / 18P
[Old version datasheet]   LM185-2.5/LM285-2.5/LM385-2.5 Micropower Voltage Reference Diode
LM385BXM-1.2 TI-LM385BXM-1.2 Datasheet
1Mb / 23P
[Old version datasheet]   LM185-1.2-N/LM285-1.2-N/LM385-1.2-N Micropower Voltage Reference Diode
LM285MX-25 TI1-LM285MX-25 Datasheet
1Mb / 22P
[Old version datasheet]   LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
LM385BZ TI1-LM385BZ Datasheet
1Mb / 22P
[Old version datasheet]   LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
LM185-1.2-N TI1-LM185-1.2-N_13 Datasheet
1Mb / 23P
[Old version datasheet]   LM185-1.2-N/LM285-1.2-N/LM385-1.2-N Micropower Voltage Reference Diode
logo
Analog Microelectronics
AME41-4096 AME-AME41-4096 Datasheet
63Kb / 8P
   Micropower Voltage Reference Diode
logo
Calogic, LLC
CLM285-25 CALOGIC-CLM285-25 Datasheet
30Kb / 3P
   Micropower Voltage Reference Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com